Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LV56801P Datasheet(PDF) 2 Page - Sanyo Semicon Device

Part # LV56801P
Description  For Car Audio Systems Multi-Power Supply System IC
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LV56801P Datasheet(HTML) 2 Page - Sanyo Semicon Device

  LV56801P Datasheet HTML 1Page - Sanyo Semicon Device LV56801P Datasheet HTML 2Page - Sanyo Semicon Device LV56801P Datasheet HTML 3Page - Sanyo Semicon Device LV56801P Datasheet HTML 4Page - Sanyo Semicon Device LV56801P Datasheet HTML 5Page - Sanyo Semicon Device LV56801P Datasheet HTML 6Page - Sanyo Semicon Device LV56801P Datasheet HTML 7Page - Sanyo Semicon Device LV56801P Datasheet HTML 8Page - Sanyo Semicon Device LV56801P Datasheet HTML 9Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
LV56801P
No.A1901-2/14
Specifications
Absolute Maximum Ratings
at Ta = 25
°C
Parameter
Conditions
Conditions
Ratings
Unit
Supply voltage
VCC max
36
V
Peak supply voltage
VCC peak
See below for the waveform applied.
50
V
Allowable Power dissipation
Pd max
Independent IC
Ta
≤ 25°C
1.5
W
Al heat sink *
5.6
W
With an infinity heat sink
32.5
W
Junction temperature
Tj max
150
°C
Operating ambient temperature
Topr
-40 to +85
°C
Storage temperature
Tstg
-55 to +150
°C
* : When the Aluminum heat sink (50mm
× 50mm × 1.5mm) is used
Allowable Operating range
at Ta = 25
°C
Parameter
Conditions
Ratings
Unit
Operating supply voltage 1
VDD output, SW output, ACC output
7.5 to 16
V
Operating supply voltage 2
ILM output at 10V
12 to 16
V
ILM output at 8V
10 to 16
V
Operating supply voltage 3
Audio output at 9V
10 to 16
V
Operating supply voltage 4
CD output (CD output current = 1.3A)
10.5 to 16
V
CD output (CD output current
≤ 1A)
10 to 16
V
Electrical Characteristics
at Ta = 25°C, VCC = 14.4V
*: All the specifications are defined based on the tests that Tj is almost equal to Ta (=25
°C). To suppress the rise of Tj in the junction
temperature as much as possible, it tests by the pulse loading.
Parameter
Symbol
Conditions
Ratings
Unit
min
typ
max
Current drain
ICC
VDD no load, CTRL1/2 = ⎡L/L⎦, ACC = 0V
400
800
μA
CTRL1 Input
Low input voltage
VIL1
0
0.5
V
M1 input voltage
VIM11
0.8
1.1
1.4
V
M2 input voltage
VIM21
1.9
2.2
2.5
V
High input voltage
VIH1
2.9
3.3
5.5
V
Input impedance
RIH1
350
500
650
k
Ω
CTRL2 Input
Low input voltage
VIL2
0
0.5
V
M input voltage
VIM2
1.1
1.65
2.1
V
High input voltage
VIH2
2.5
3.3
5.5
V
Input impedance
RIH2
350
500
650
k
Ω
VDD 3.3V Output *1
The VDD 3.3V output supplies the output currents of SW 3.3V and ACC 3.3V.
Output voltage 1
VO1
IO1 = 200mA, IO7, IO8 = 0A
3.13
3.3
3.47
V
Output voltage 2
VO1’
IO1 = 200mA, IO7 = 200mA, IO8 = 100mA
3.13
3.3
3.47
V
Output total current
Ito1
VO1 ≥ 3.13V, Ito1 = IO1+IO7+IO8
500
mA
Line regulation
ΔVOLN1
7.5V
< VCC < 16V, IO1 = 200mA *2
30
90
mV
Load regulation
ΔVOLD1
1mA
< IO1 < 200mA *2
70
150
mV
Dropout voltage 1
VDROP1
IO1 = 200mA *2
1.0
1.5
V
Dropout voltage 2
VDROP1’
IO1 = 100mA *2
0.7
1.05
V
Dropout voltage 3
VDROP1”
IO1+IO7+IO8 = 500mA
2.5
3.75
V
Ripple rejection
RREJ1
f = 120Hz, IO1 = 200mA *2
40
50
dB
CD Output ; CTRL2 =
⎡H⎦
Output voltage
VO2
IO2 = 1000mA
7.6
8.0
8.4
V
*1 : The VDD 3.3V output also supplies the output currents of SW 3.3V and ACC 3.3V. Therefore, the current supply capability of the VDD 3.3V output and its
other electrical characteristics are affected by the output statuses of SW 3.3V and ACC 3.3V.
*2 : SW 3.3V and ACC 3.3V are not subject to a load.
Continued on next page.


Similar Part No. - LV56801P

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
LV56801P ONSEMI-LV56801P Datasheet
205Kb / 14P
   Multi-Power Supply System IC for Car Audio Systems
August, 2013
More results

Similar Description - LV56801P

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
LV5680NPVC-XH ONSEMI-LV5680NPVC-XH Datasheet
292Kb / 13P
   Multi-Power Supply System IC for Car Audio Systems
August, 2013
logo
Sanyo Semicon Device
LV5692P SANYO-LV5692P Datasheet
308Kb / 14P
   For Car Audio Systems Multi-Power Supply System IC
logo
ON Semiconductor
LV5692P-E ONSEMI-LV5692P-E Datasheet
266Kb / 14P
   Multi-Power Supply System IC for Car Audio Systems
August, 2013
LV5681P ONSEMI-LV5681P Datasheet
219Kb / 14P
   Multi-Power Supply System IC for Car Audio Systems
August, 2013
LV56801P ONSEMI-LV56801P Datasheet
205Kb / 14P
   Multi-Power Supply System IC for Car Audio Systems
August, 2013
logo
Sanyo Semicon Device
LV5695P SANYO-LV5695P Datasheet
300Kb / 13P
   For Car Audio Systems Multi-Power Supply System IC
LV5682P SANYO-LV5682P_12 Datasheet
265Kb / 15P
   For Car Audio Systems Multi-Power Supply System IC
LV5681P SANYO-LV5681P Datasheet
246Kb / 14P
   For Car Audio Systems Multi-Power Supply System IC
LV5680P SANYO-LV5680P Datasheet
236Kb / 13P
   For Car Audio Systems Multi-Power Supply System IC
LV5682P SANYO-LV5682P Datasheet
264Kb / 15P
   For Car Audio Systems Multi-Power Supply System IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com