Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LV56801P Datasheet(PDF) 5 Page - Sanyo Semicon Device

Part # LV56801P
Description  For Car Audio Systems Multi-Power Supply System IC
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LV56801P Datasheet(HTML) 5 Page - Sanyo Semicon Device

  LV56801P Datasheet HTML 1Page - Sanyo Semicon Device LV56801P Datasheet HTML 2Page - Sanyo Semicon Device LV56801P Datasheet HTML 3Page - Sanyo Semicon Device LV56801P Datasheet HTML 4Page - Sanyo Semicon Device LV56801P Datasheet HTML 5Page - Sanyo Semicon Device LV56801P Datasheet HTML 6Page - Sanyo Semicon Device LV56801P Datasheet HTML 7Page - Sanyo Semicon Device LV56801P Datasheet HTML 8Page - Sanyo Semicon Device LV56801P Datasheet HTML 9Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
LV56801P
No.A1901-5/14
Block Diagram
Pin Function
Pin No.
Pin name
Description
Equivalent Circuit
1
ILM
ILM output pin
ON when CTRL1 = M1, M2, H
12.0V/300mA
7
9
59.67k
Ω
VCC
GND
7k
Ω
1
2
2
ILM_F
ILM output voltage adjustment pin
Continued on next page.
+
+
-
15
7
C3
D2
EXT
out
+
14
C4
D4
D3
D1
300mA
350mA
ANT Remote (VCC-0.5V)
+
1
2
C5
R1
C6
300mA
ILM output (8V to 12V)
ILM_F
+
-
+
-
+
5
13
4
3
C7
R2
R3
C8
300mA
AUDIO output (8V to 9V)
CD output (8V)
AUDIO_F
+
C9
C10
1300mA
11
10
9
6
+
-
12
VDD output (3.3V)
Thermal
Shut Down
OUTPUT
Control
CTRL2
(three-value control)
8
CTRL1
(four-value control)
+
C11
C12
200mA
SW output (3.3V)
200mA
ACC output (3.3V)
100mA
+
C1
+B
C2
VCC
GND
ACC
Remote EXT (VCC-0.5V)
ANT
out
Start
up
Vref
Output Current Limit Circuit
Over
Voltage
Protection
+
-


Similar Part No. - LV56801P

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
LV56801P ONSEMI-LV56801P Datasheet
205Kb / 14P
Multi-Power Supply System IC for Car Audio Systems
August, 2013
More results

Similar Description - LV56801P

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
LV5680NPVC-XH ONSEMI-LV5680NPVC-XH Datasheet
292Kb / 13P
Multi-Power Supply System IC for Car Audio Systems
August, 2013
logo
Sanyo Semicon Device
LV5692P SANYO-LV5692P Datasheet
308Kb / 14P
For Car Audio Systems Multi-Power Supply System IC
logo
ON Semiconductor
LV5692P-E ONSEMI-LV5692P-E Datasheet
266Kb / 14P
Multi-Power Supply System IC for Car Audio Systems
August, 2013
LV5681P ONSEMI-LV5681P Datasheet
219Kb / 14P
Multi-Power Supply System IC for Car Audio Systems
August, 2013
LV56801P ONSEMI-LV56801P Datasheet
205Kb / 14P
Multi-Power Supply System IC for Car Audio Systems
August, 2013
logo
Sanyo Semicon Device
LV5695P SANYO-LV5695P Datasheet
300Kb / 13P
For Car Audio Systems Multi-Power Supply System IC
LV5682P SANYO-LV5682P_12 Datasheet
265Kb / 15P
For Car Audio Systems Multi-Power Supply System IC
LV5681P SANYO-LV5681P Datasheet
246Kb / 14P
For Car Audio Systems Multi-Power Supply System IC
LV5680P SANYO-LV5680P Datasheet
236Kb / 13P
For Car Audio Systems Multi-Power Supply System IC
LV5682P SANYO-LV5682P Datasheet
264Kb / 15P
For Car Audio Systems Multi-Power Supply System IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com