Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LV56801P Datasheet(PDF) 3 Page - Sanyo Semicon Device

Part # LV56801P
Description  For Car Audio Systems Multi-Power Supply System IC
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LV56801P Datasheet(HTML) 3 Page - Sanyo Semicon Device

  LV56801P Datasheet HTML 1Page - Sanyo Semicon Device LV56801P Datasheet HTML 2Page - Sanyo Semicon Device LV56801P Datasheet HTML 3Page - Sanyo Semicon Device LV56801P Datasheet HTML 4Page - Sanyo Semicon Device LV56801P Datasheet HTML 5Page - Sanyo Semicon Device LV56801P Datasheet HTML 6Page - Sanyo Semicon Device LV56801P Datasheet HTML 7Page - Sanyo Semicon Device LV56801P Datasheet HTML 8Page - Sanyo Semicon Device LV56801P Datasheet HTML 9Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
LV56801P
No.A1901-3/14
Continued from preceding page.
Parameter
Symbol
Conditions
Ratings
Unit
min
typ
max
Output current
IO2
VO2 ≥ 7.6V
1300
mA
Line regulation
ΔVOLN2
10.5V
< VCC < 16V, IO2 = 1000mA
50
100
mV
Load regulation
ΔVOLD2
10mA
< IO2 < 1000mA
100
200
mV
Dropout voltage 1
VDROP2
IO2 = 1000mA
1.0
1.5
V
Dropout voltage 2
VDROP2’
IO2 = 500mA
0.5
0.75
V
Ripple rejection
RREJ2
f = 120Hz, IO2 = 1000mA
40
50
dB
AUDIO (8-9V) Output ; CTRL2 =
⎡M⎦
AUDIO_F pin voltage
VI3
1.222
1.260
1.298
V
AUDIO_F pin inflow current
IIN3
-1
1
μA
AUDIO output voltage 1
VO3
IO3 = 200mA, R2 = 30kΩ, R3 = 5.6kΩ *3
7.65
8.0
8.35
V
AUDIO output voltage 2
VO3’
IO3 = 200mA, R2 = 27kΩ, R3 = 4.7kΩ *3
8.13
8.5
8.87
V
AUDIO output voltage 3
VO3”
IO3 = 200mA, R2 = 24kΩ, R3 = 3.9kΩ *3
8.6
9.0
9.4
V
AUDIO output current
IO3
300
mA
Line regulation
ΔVOLN3
10V
< VCC < 16V, IO3 = 200mA
30
90
mV
Load regulation
ΔVOLD3
1mA
< IO3 < 200mA
70
150
mV
Dropout voltage 1
VDROP3
IO3 = 200mA
0.3
0.45
V
Dropout voltage 2
VDROP3’
IO3 = 100mA
0.15
0.23
V
Ripple rejection
RREJ3
f = 120Hz, IO3 = 200mA
40
50
dB
ILM (8-12V) Output ; CTRL1 =
⎡M1⎦
ILM_F pin voltage
VI4
1.222
1.260
1.298
V
ILM output voltage 1
VO4
IO4 = 200mA
11.4
12.0
12.6
V
ILM output voltage 2
VO4’
IO4 = 200mA, R1 = 270kΩ *4
8.5
10.0
11.5
V
ILM output voltage 3
VO4”
IO4 = 200mA, R1 = 100kΩ *4
6.8
8.0
9.2
V
ILM output current
IO4
R1 = 270k
Ω
300
mA
Line regulation
ΔVOLN4
12V
< VCC < 16V, IO4 = 200mA, R1 = 270kΩ
30
90
mV
Load regulation
ΔVOLD4
1mA
< IO4 < 200mA
70
150
mV
Dropout voltage 1
VDROP4
IO4 = 200mA
0.7
1.05
V
Dropout voltage 2
VDROP4’
IO4 = 100mA
0.35
0.53
V
Ripple rejection
RREJ4
f = 120Hz, IO4 = 200mA
40
50
dB
Remoto (EXT) ; CTRL1 =
⎡M2⎦
Output voltage
VO5
IO5 = 350mA
VCC-1.0
VCC-0.5
V
Output current
IO5
VO5 ≥ VCC-1.0
350
mA
ANT remoto ; CTRL1 =
⎡H⎦
Output voltage
VO6
IO6 = 300mA
VCC-1.0
VCC-0.5
V
Output current
IO6
VO6 ≥ VCC-1.0
300
mA
SW 3.3V Output ; CTRL2 =
⎡M⎦
Output voltage 1
VO7
IO7 = 1mA, IO1, IO8 = 0A *5
VO1-0.1
VO1
V
Output voltage 2
VO7’
IO7 = 80mA, IO1, IO8 = 0A *5
VO1-0.22
VO1-0.1
V
Output voltage 3
VO7’’
IO7 = 200mA, IO1, IO8 = 0A *5
VO1-0.55
VO1-0.25
V
Output current
IO7
VO7 ≥ 2.88
200
mA
ACC Detection ; ACC Integration 3.3V output
ACC detection voltage
VTH8
2.75
3.0
3.25
V
Hysteresis width
VHIS8
0.2
0.3
0.4
V
Input impedance
ZI8
(Pull-down resistance internal)
42
60
78
k
Ω
ACC output voltage 1
VO8
IO8 = 0.5mA, IO1, IO7 = 0A *5
VO1-0.1
VO1
V
ACC output voltage 2
VO8’
IO8 = 40mA, IO1, IO7 = 0A *5
VO1-0.22
VO1-0.1
V
ACC output voltage 3
VO8’’
IO8 = 100mA, IO1, IO7 = 0A *5
VO1-0.55
VO1-0.25
V
ACC output voltage
IO8
VO8 ≥ 2.88
100
mA
*3 : When a component with a resistance accuracy of
±1% is used
<Reference> When a component with a resistance accuracy of
±0.5% is used, VO3” is 8.67V ≤ 9.0V ≤ 9.33V.
*4 : When a component with a resistance accuracy of
±1% is used
The absolute accuracy of the internal resistance is
±15%.
*5 : Since the SW 3.3V and ACC 3.3V are output from VDD 3.3V through the SW, the voltage drops by an amount equivalent to the ON resistance of the SW.


Similar Part No. - LV56801P

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
LV56801P ONSEMI-LV56801P Datasheet
205Kb / 14P
   Multi-Power Supply System IC for Car Audio Systems
August, 2013
More results

Similar Description - LV56801P

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
LV5680NPVC-XH ONSEMI-LV5680NPVC-XH Datasheet
292Kb / 13P
   Multi-Power Supply System IC for Car Audio Systems
August, 2013
logo
Sanyo Semicon Device
LV5692P SANYO-LV5692P Datasheet
308Kb / 14P
   For Car Audio Systems Multi-Power Supply System IC
logo
ON Semiconductor
LV5692P-E ONSEMI-LV5692P-E Datasheet
266Kb / 14P
   Multi-Power Supply System IC for Car Audio Systems
August, 2013
LV5681P ONSEMI-LV5681P Datasheet
219Kb / 14P
   Multi-Power Supply System IC for Car Audio Systems
August, 2013
LV56801P ONSEMI-LV56801P Datasheet
205Kb / 14P
   Multi-Power Supply System IC for Car Audio Systems
August, 2013
logo
Sanyo Semicon Device
LV5695P SANYO-LV5695P Datasheet
300Kb / 13P
   For Car Audio Systems Multi-Power Supply System IC
LV5682P SANYO-LV5682P_12 Datasheet
265Kb / 15P
   For Car Audio Systems Multi-Power Supply System IC
LV5681P SANYO-LV5681P Datasheet
246Kb / 14P
   For Car Audio Systems Multi-Power Supply System IC
LV5680P SANYO-LV5680P Datasheet
236Kb / 13P
   For Car Audio Systems Multi-Power Supply System IC
LV5682P SANYO-LV5682P Datasheet
264Kb / 15P
   For Car Audio Systems Multi-Power Supply System IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com