Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LV56801P Datasheet(PDF) 1 Page - Sanyo Semicon Device

Part # LV56801P
Description  For Car Audio Systems Multi-Power Supply System IC
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LV56801P Datasheet(HTML) 1 Page - Sanyo Semicon Device

  LV56801P Datasheet HTML 1Page - Sanyo Semicon Device LV56801P Datasheet HTML 2Page - Sanyo Semicon Device LV56801P Datasheet HTML 3Page - Sanyo Semicon Device LV56801P Datasheet HTML 4Page - Sanyo Semicon Device LV56801P Datasheet HTML 5Page - Sanyo Semicon Device LV56801P Datasheet HTML 6Page - Sanyo Semicon Device LV56801P Datasheet HTML 7Page - Sanyo Semicon Device LV56801P Datasheet HTML 8Page - Sanyo Semicon Device LV56801P Datasheet HTML 9Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
Specifications of any and all SANYO Semiconductor Co.,Ltd. products described or contained herein stipulate
the performance, characteristics, and functions of the described products in the independent state, and are not
guarantees of the performance, characteristics, and functions of the described products as mounted in the
customer
's products or equipment. To verify symptoms and states that cannot be evaluated in an independent
device, the customer should always evaluate and test devices mounted in the customer
's products or
equipment.
Any and all SANYO Semiconductor Co.,Ltd. products described or contained herein are, with regard to
"standard application", intended for the use as general electronics equipment. The products mentioned herein
shall not be intended for use for any "special application" (medical equipment whose purpose is to sustain life,
aerospace instrument, nuclear control device, burning appliances, transportation machine, traffic signal system,
safety equipment etc.) that shall require extremely high level of reliability and can directly threaten human lives
in case of failure or malfunction of the product or may cause harm to human bodies, nor shall they grant any
guarantee thereof. If you should intend to use our products for new introduction or other application different
from current conditions on the usage of automotive device, communication device, office equipment, industrial
equipment etc. , please consult with us about usage condition (temperature, operation time etc.) prior to the
intended use. If there is no consultation or inquiry before the intended use, our customer shall be solely
responsible for the use.
O2611 SY 20111014-S00003/D2210 SY 20101201-S00007 No.A1901-1/14
LV56801P
Overview
The LV56801P is a multi-power supply system IC that provides four regulator outputs and two high side switches as well
as a number of protection functions including overcurrent protection, overvoltage protection and overheat protection. It is
an optimal power supply IC for car audio and car entertainment systems and similar products.
Features
• Four regulator output systems
For microcontroller: 3.3V output voltage, 200mA maximum output current
For CD drive: 8.0V output voltage, 1300mA maximum output current
For illumination: 8 to 12V output voltage (output can be set with external resistors), 300mA maximum output current
For audio systems: 8 to 9V output voltage (output voltage can be set with external resistors), 300mA maximum
output current
• Two VCC-linked high side switch systems
EXT: 350mA maximum output current, 0.5V voltage difference between input and output.
ANT: 300mA maximum output current, 0.5V voltage difference between input and output.
• Two VDD 3.3V-linked high side switch systems
SW5V: 200mA maximum output current, 0.25V voltage difference between input and output.
ACC (accessory voltage detection output): 100mA maximum output current, 0.25V voltage difference between input
and output.
• Overcurrent protection function
• Overvoltage protection function, typ 21V (excluding VDD 3.3V output)
• Overheat protection function, typ 175ºC
• On-chip accessory voltage detection circuit
• P-channel LDMOS used for power output block
CAUTION)
The protection functions are provided in order to improve the ability of the ICs to withstand breakdown, and they are not intended to guarantee safety
when used under conditions outside the safe operating area or rated operating conditions.
Use of the ICs under any conditions exceeding the safe operating area or above the IOmax, and especially use in overcurrent protection areas or under
conditions in which they are subject to thermal protection, may reduce their reliability and result in permanent breakdown.
Monolithic Linear IC
For Car Audio Systems
Multi-Power Supply System IC
Ordering number : ENA1901A


Similar Part No. - LV56801P

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
LV56801P ONSEMI-LV56801P Datasheet
205Kb / 14P
Multi-Power Supply System IC for Car Audio Systems
August, 2013
More results

Similar Description - LV56801P

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LV5680P SANYO-LV5680P Datasheet
236Kb / 13P
For Car Audio Systems Multi-Power Supply System IC
LV5681P SANYO-LV5681P Datasheet
246Kb / 14P
For Car Audio Systems Multi-Power Supply System IC
LV5682P SANYO-LV5682P Datasheet
264Kb / 15P
For Car Audio Systems Multi-Power Supply System IC
LV5692P SANYO-LV5692P Datasheet
308Kb / 14P
For Car Audio Systems Multi-Power Supply System IC
LV5695P SANYO-LV5695P Datasheet
300Kb / 13P
For Car Audio Systems Multi-Power Supply System IC
LV5682P SANYO-LV5682P_12 Datasheet
265Kb / 15P
For Car Audio Systems Multi-Power Supply System IC
logo
ON Semiconductor
LV5680NPVC-XH ONSEMI-LV5680NPVC-XH Datasheet
292Kb / 13P
Multi-Power Supply System IC for Car Audio Systems
August, 2013
LV5692P-E ONSEMI-LV5692P-E Datasheet
266Kb / 14P
Multi-Power Supply System IC for Car Audio Systems
August, 2013
LV5681P ONSEMI-LV5681P Datasheet
219Kb / 14P
Multi-Power Supply System IC for Car Audio Systems
August, 2013
LV56801P ONSEMI-LV56801P Datasheet
205Kb / 14P
Multi-Power Supply System IC for Car Audio Systems
August, 2013
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com