Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LC87F7DJ2C Datasheet(PDF) 10 Page - Sanyo Semicon Device

Part # LC87F7DJ2C
Description  FROM 192K byte, RAM 8K byte on-chip 8-bit 1-chip Microcontroller
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC87F7DJ2C Datasheet(HTML) 10 Page - Sanyo Semicon Device

Back Button LC87F7DJ2C Datasheet HTML 6Page - Sanyo Semicon Device LC87F7DJ2C Datasheet HTML 7Page - Sanyo Semicon Device LC87F7DJ2C Datasheet HTML 8Page - Sanyo Semicon Device LC87F7DJ2C Datasheet HTML 9Page - Sanyo Semicon Device LC87F7DJ2C Datasheet HTML 10Page - Sanyo Semicon Device LC87F7DJ2C Datasheet HTML 11Page - Sanyo Semicon Device LC87F7DJ2C Datasheet HTML 12Page - Sanyo Semicon Device LC87F7DJ2C Datasheet HTML 13Page - Sanyo Semicon Device LC87F7DJ2C Datasheet HTML 14Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 26 page
background image
LC87F7DJ2C
No.A1872-10/26
Pin Description
Pin Name
I/O
Description
Option
VSS1
VSS2
VSS3
-
- power supply pin
No
VDD1
VDD2
VDD3
-
+ power supply pin
No
Port 0
P00 to P07
I/O
• 8-bit I/O port
• I/O specifiable in 1-bit units
• Pull-up resistors can be turned on and off in 1-bit units.
• Input for HOLD release
• Input for port 0 interrupt
• Shared pins
P03: INT6 input
P04: INT7 input
P05: Clock output (system clock/can selected from sub clock)
P06: Timer 6 toggle output
P07: Timer 7 toggle output
On chip debugger pins: DBGP0 to DBGP2(P00 to P02)
Yes
Port 1
P10 to P17
I/O
• 8-bit I/O port
• I/O specifiable in 1-bit units
• Pull-up resistors can be turned on and off in 1-bit units.
• Shared pins
P10: SIO0 data output
P11: SIO0 data input/bus I/O
P12: SIO0 clock I/O
P13: SIO1 data output
P14: SIO1 data input/bus I/O
P15: SIO1 clock I/O
P16: Timer 1PWML output
P17: Timer 1PWMH output/beeper output
Yes
Port 3
• 6-bit I/O port
• Segment output for LCD
• I/O specifiable in 1-bit units
• Pull-up resistors can be turned on and off in 1-bit units.
• Shared pins
P30 to P33: INT4 input/HOLD release input/timer 1 event input/timer 0L capture input/
timer 0H capture input
P34 to P35: INT5 input/HOLD release input/timer 1 event input/timer 0L capture input/
timer 0H capture input
P30: PWM4 output/INT6 input/timer 0L capture 1 input
P31: PWM5 output
P32: UART1 transmit
P33: UART1 receive
P34: UART2 transmit/INT7 input/timer 0H capture 1 input
P35: UART2 receive
Interrupt acknowledge type
Rising
Falling
Rising &
Falling
H level
L level
INT4
INT5
INT6
INT7
enable
enable
enable
enable
enable
enable
enable
enable
enable
enable
enable
enable
disable
disable
disable
disable
disable
disable
disable
disable
P30 to P35
I/O
Yes
Continued on next page.


Similar Part No. - LC87F7DJ2C

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LC87F7DJ2B SANYO-LC87F7DJ2B Datasheet
172Kb / 26P
   8-bit 1-chip Microcontroller
LC87F7DJ2B SANYO-LC87F7DJ2B Datasheet
172Kb / 26P
   FROM 192K byte, RAM 8K byte on-chip 8-bit 1-chip Microcontroller
LC87F7DJ2B SANYO-LC87F7DJ2B_10 Datasheet
172Kb / 26P
   FROM 192K byte, RAM 8K byte on-chip 8-bit 1-chip Microcontroller
More results

Similar Description - LC87F7DJ2C

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LC87F7DJ2B SANYO-LC87F7DJ2B_10 Datasheet
172Kb / 26P
   FROM 192K byte, RAM 8K byte on-chip 8-bit 1-chip Microcontroller
LC87F2708A SANYO-LC87F2708A_09 Datasheet
152Kb / 21P
   FROM 8K byte, RAM 512 byte on-chip 8-bit 1-chip Microcontroller
LC87F06J2A SANYO-LC87F06J2A Datasheet
187Kb / 32P
   CMOS IC FROM 192K byte, RAM 8192 byte on-chip 8-bit 1-chip Microcontroller
LC88F85D0A SANYO-LC88F85D0A Datasheet
264Kb / 31P
   FROM 256K byte, RAM 8K byte on-chip 16-bit 1-chip Microcontroller
LC87F2708A SANYO-LC87F2708A Datasheet
140Kb / 21P
   CMOS IC FROM 8K byte, RAM 512 byte on-chip 8-bit 1-chip Microcontroller
LC87F7J32A SANYO-LC87F7J32A Datasheet
209Kb / 29P
   FROM 32K byte, RAM 1024 byte on-chip 8-bit 1-chip Microcontroller
LC87F2832A SANYO-LC87F2832A_09 Datasheet
165Kb / 27P
   FROM 32K byte, RAM 1024 byte on-chip 8-bit 1-chip Microcontroller
LC87F5WC8A SANYO-LC87F5WC8A Datasheet
161Kb / 27P
   FROM 128K byte, RAM 4096 byte on-chip 8-bit 1-chip Microcontroller
LC87F5G32A SANYO-LC87F5G32A Datasheet
153Kb / 23P
   FROM 32K byte, RAM 1024 byte on-chip 8-bit 1-chip Microcontroller
LC87F5864B SANYO-LC87F5864B Datasheet
159Kb / 23P
   FROM 64K byte, RAM 2048 byte on-chip 8-bit 1-chip Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com