Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LA4525 Datasheet(PDF) 5 Page - Sanyo Semicon Device

Part # LA4525
Description  For Radio Cassette Recorders Dual AF Power Amplifier
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LA4525 Datasheet(HTML) 5 Page - Sanyo Semicon Device

  LA4525_08 Datasheet HTML 1Page - Sanyo Semicon Device LA4525_08 Datasheet HTML 2Page - Sanyo Semicon Device LA4525_08 Datasheet HTML 3Page - Sanyo Semicon Device LA4525_08 Datasheet HTML 4Page - Sanyo Semicon Device LA4525_08 Datasheet HTML 5Page - Sanyo Semicon Device LA4525_08 Datasheet HTML 6Page - Sanyo Semicon Device LA4525_08 Datasheet HTML 7Page - Sanyo Semicon Device LA4525_08 Datasheet HTML 8Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
LA4525
No. 4022-5/8
3
5
7
0.1
2
3
5
7
1.0
2
3
JK452508
35 7 100
23
5 7 1k
23
5 7 10k
2
THD -- f
Frequency, f -- Hz
VCC = 6V
RL = 4Ω
PO = 0.1W
(VO = 0.632V)
Rg = 600
2
0
600
0
1.2
500
1.0
400
0.8
300
0.6
200
0.4
100
0.2
JK452509
0.01
23
5
7
0.1
23
5
7
1.0
d
ICC,Pd -- PO
Output power, PO -- W
VCC = 6V
RL = 4Ω
Rg = 600
f = 1kHz
I CC
Pd
0
700
JK452510
100
200
300
400
500
600
2
0.01
23
5
7
0.1
23
5
7
1.0
0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
ICC,Pd -- PO
Output power, PO -- W
I CC
Pd
VCC = 9V
RL = 8Ω
Rg = 600
f = 1kHz
10
0
1.2
JK452511
0
2
4
6
8
0.2
0.4
0.6
0.8
1.0
PO -- VCC
Supply voltage, VCC -- V
THD = 10%
f = 1kHz
Rg = 600
100k
-10
2
JK452512
23
5 7100
23
5 7 1k
23
5 710k
23
5 7
-8
-6
-4
-2
0
f Response
Frequency, f -- Hz
Dual
VCC = 6V
RL = 4Ω
VO = 0dBm
Rg = 600
VG = 40dB/1kHz
fH =
140kHz
20
30
40
50
60
70
JK452513
57 100
23
5 7 1k
23
5 7 10 k
2
3
3
CH Sep -- f
Frequency, f -- Hz
VCC = 6V
RL = 4Ω
VO = 0dBm
Rg = 0
ch2
ch1
ch1
ch2
ch2 ch1
ch1
ch2
2
0
0.2
0.4
0.6
0.8
1.0
JK452514
7
1k
23
5
7 10k
23
5
7 100k
VNO -- Rg
Signal source resistance, Rg --
VCC = 6V
RL = 4Ω
Rg = 0 0.1mV
3
10
20
30
40
50
60
JK452515
35
7
100
23
5
7
1k
2
SVRR -- fR
Ripple frequency, fR -- Hz
VCC = 6V
RL = 4Ω
Rg = 0
VCCR = 0dBm (775mV)


Similar Part No. - LA4525_08

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LA4525 SANYO-LA4525 Datasheet
203Kb / 8P
   Dual AF Power Amplifier for Radio Cassette Recorders
More results

Similar Description - LA4525_08

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LA4525 SANYO-LA4525 Datasheet
203Kb / 8P
   Dual AF Power Amplifier for Radio Cassette Recorders
LA4613 SANYO-LA4613 Datasheet
68Kb / 7P
   Audio Power Amplifier for Radio Cassette Recorders
LA4601 SANYO-LA4601 Datasheet
67Kb / 7P
   Audio Power Amplifier for Radio Cassette Recorders
LA4145 SANYO-LA4145 Datasheet
120Kb / 5P
   0.6 to 0.9 W AF Power Amplifier for Radio Cassette Recorders
LA4600 SANYO-LA4600 Datasheet
66Kb / 7P
   Audio Power Amplifier for Radio Cassette Recorders
logo
Rohm
BA3420AL ROHM-BA3420AL Datasheet
193Kb / 8P
   Dual recording / playback preamplifier for radio cassette recorders
logo
Sanyo Semicon Device
LA4505 SANYO-LA4505 Datasheet
131Kb / 1P
   2-CHANNEL AF POWER AMPLIFIER FOR RADIO CASSETTE(15V)
LA4597 SANYO-LA4597 Datasheet
100Kb / 4P
   2-Channel Power Amp for Radio-Cassette Recorders
LA4227 SANYO-LA4227 Datasheet
155Kb / 4P
   Audio Output for Radio Cassette Recorders 3W 횞 2ch Power Amplifier
logo
Unisonic Technologies
UTCCXA1191 UTC-UTCCXA1191 Datasheet
115Kb / 7P
   FM/AM Radio (for radio-cassette tape recorders and headphone tape recorders.)
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com