Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LA4525 Datasheet(PDF) 4 Page - Sanyo Semicon Device

Part # LA4525
Description  For Radio Cassette Recorders Dual AF Power Amplifier
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LA4525 Datasheet(HTML) 4 Page - Sanyo Semicon Device

  LA4525_08 Datasheet HTML 1Page - Sanyo Semicon Device LA4525_08 Datasheet HTML 2Page - Sanyo Semicon Device LA4525_08 Datasheet HTML 3Page - Sanyo Semicon Device LA4525_08 Datasheet HTML 4Page - Sanyo Semicon Device LA4525_08 Datasheet HTML 5Page - Sanyo Semicon Device LA4525_08 Datasheet HTML 6Page - Sanyo Semicon Device LA4525_08 Datasheet HTML 7Page - Sanyo Semicon Device LA4525_08 Datasheet HTML 8Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
LA4525
No. 4022-4/8
Pin Description
Number
Name
Description
1
OUT1
Channel 1 output
2
VCC
Supply voltage
3
OUT2
Channel 2 output
4
POWER GND
Power amplifier ground
5
BTL IN
Bridge test load input
6
IN2
Channel 2 input
7
IN1
Channel 1 input
8
PRE GND
Preamplifier ground
External Components Comparison
External components
Existing
Sanyo ICs
LA4525
Output capacitors
Input capacitors
Bootstrap capacitors
×
Feedback capacitors
×
Filter capacitors
×
Oscillation damping mylars
×
Dual-mode operation total
11
4
Pin Voltages
Pin number
Pin name
Pin voltage
1
OUT1
2.8V
2
VCC
6V
3
OUT2
2.8V
4
POWER GND
0V
5
BTL IN
65mV
6
IN2
1.4V
7
IN1
1.4V
8
PRE GND
0V


Similar Part No. - LA4525_08

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LA4525 SANYO-LA4525 Datasheet
203Kb / 8P
   Dual AF Power Amplifier for Radio Cassette Recorders
More results

Similar Description - LA4525_08

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LA4525 SANYO-LA4525 Datasheet
203Kb / 8P
   Dual AF Power Amplifier for Radio Cassette Recorders
LA4613 SANYO-LA4613 Datasheet
68Kb / 7P
   Audio Power Amplifier for Radio Cassette Recorders
LA4601 SANYO-LA4601 Datasheet
67Kb / 7P
   Audio Power Amplifier for Radio Cassette Recorders
LA4145 SANYO-LA4145 Datasheet
120Kb / 5P
   0.6 to 0.9 W AF Power Amplifier for Radio Cassette Recorders
LA4600 SANYO-LA4600 Datasheet
66Kb / 7P
   Audio Power Amplifier for Radio Cassette Recorders
logo
Rohm
BA3420AL ROHM-BA3420AL Datasheet
193Kb / 8P
   Dual recording / playback preamplifier for radio cassette recorders
logo
Sanyo Semicon Device
LA4505 SANYO-LA4505 Datasheet
131Kb / 1P
   2-CHANNEL AF POWER AMPLIFIER FOR RADIO CASSETTE(15V)
LA4597 SANYO-LA4597 Datasheet
100Kb / 4P
   2-Channel Power Amp for Radio-Cassette Recorders
LA4227 SANYO-LA4227 Datasheet
155Kb / 4P
   Audio Output for Radio Cassette Recorders 3W 횞 2ch Power Amplifier
logo
Unisonic Technologies
UTCCXA1191 UTC-UTCCXA1191 Datasheet
115Kb / 7P
   FM/AM Radio (for radio-cassette tape recorders and headphone tape recorders.)
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com