Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LA4525 Datasheet(PDF) 1 Page - Sanyo Semicon Device

Part # LA4525
Description  For Radio Cassette Recorders Dual AF Power Amplifier
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LA4525 Datasheet(HTML) 1 Page - Sanyo Semicon Device

  LA4525_08 Datasheet HTML 1Page - Sanyo Semicon Device LA4525_08 Datasheet HTML 2Page - Sanyo Semicon Device LA4525_08 Datasheet HTML 3Page - Sanyo Semicon Device LA4525_08 Datasheet HTML 4Page - Sanyo Semicon Device LA4525_08 Datasheet HTML 5Page - Sanyo Semicon Device LA4525_08 Datasheet HTML 6Page - Sanyo Semicon Device LA4525_08 Datasheet HTML 7Page - Sanyo Semicon Device LA4525_08 Datasheet HTML 8Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
Specifications of any and all SANYO Semiconductor Co.,Ltd. products described or contained herein stipulate
the performance, characteristics, and functions of the described products in the independent state, and are not
guarantees of the performance, characteristics, and functions of the described products as mounted in the
customer
's products or equipment. To verify symptoms and states that cannot be evaluated in an independent
device, the customer should always evaluate and test devices mounted in the customer
'sproductsor
equipment.
Any and all SANYO Semiconductor Co.,Ltd. products described or contained herein are, with regard to
"standard application", intended for the use as general electronics equipment (home appliances, AV equipment,
communication device, office equipment, industrial equipment etc.). The products mentioned herein shall not be
intended for use for any "special application" (medical equipment whose purpose is to sustain life, aerospace
instrument, nuclear control device, burning appliances, transportation machine, traffic signal system, safety
equipment etc.) that shall require extremely high level of reliability and can directly threaten human lives in case
of failure or malfunction of the product or may cause harm to human bodies, nor shall they grant any guarantee
thereof. If you should intend to use our products for applications outside the standard applications of our
customer who is considering such use and/or outside the scope of our intended standard applications, please
consult with us prior to the intended use. If there is no consultation or inquiry before the intended use, our
customer shall be solely responsible for the use.
41608 MS JK/32896HA(II)/D0192TS/4162TS No.4022-1/8
LA4525
Overview
The LA4525 requires only a small number of external components to drive either two 4
Ω speakers or one 8Ω speaker. The
output power is typically 0.65W when driving two 4
Ω speakers.
Features
• Two-channel (dual) or single-channel (BTL) operation
• Requires only a few external components
• 0.65W (typ) output power into two 4Ω speakers
• Wide power supply range : 3 to 15V
• 8-pin DIP (No heat sink needed)
Specifications
Absolute Maximum Ratings at Ta = 25
°C
Parameter
Symbol
Conditions
Ratings
Unit
Maximum supply voltage
VCC max
Rg = 0
15
V
Allowable power dissipation
Pd max
Note
1.5
W
Operating temperature
Topr
−25 to +75
°C
Storage temperature
Tstg
−40 to +150
°C
Note : Mounted on a 50
×50×1.6mm3 heat dissipating board
Recommended Operating Conditions at Ta = 25
°C
Parameter
Symbol
Conditions
Ratings
Unit
Supply voltage
VCC
6
V
Load resistance range
RL
4
Supply voltage range
VCC op
Not in excess of package Pd
3 to 15
V
Monolithic Linear IC
For Radio Cassette Recorders
Dual AF Power Amplifier
Ordering number : EN4022D


Similar Part No. - LA4525_08

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LA4525 SANYO-LA4525 Datasheet
203Kb / 8P
Dual AF Power Amplifier for Radio Cassette Recorders
More results

Similar Description - LA4525_08

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LA4525 SANYO-LA4525 Datasheet
203Kb / 8P
Dual AF Power Amplifier for Radio Cassette Recorders
LA4613 SANYO-LA4613 Datasheet
68Kb / 7P
Audio Power Amplifier for Radio Cassette Recorders
LA4601 SANYO-LA4601 Datasheet
67Kb / 7P
Audio Power Amplifier for Radio Cassette Recorders
LA4145 SANYO-LA4145 Datasheet
120Kb / 5P
0.6 to 0.9 W AF Power Amplifier for Radio Cassette Recorders
LA4600 SANYO-LA4600 Datasheet
66Kb / 7P
Audio Power Amplifier for Radio Cassette Recorders
logo
Rohm
BA3420AL ROHM-BA3420AL Datasheet
193Kb / 8P
Dual recording / playback preamplifier for radio cassette recorders
logo
Sanyo Semicon Device
LA4505 SANYO-LA4505 Datasheet
131Kb / 1P
2-CHANNEL AF POWER AMPLIFIER FOR RADIO CASSETTE(15V)
LA4597 SANYO-LA4597 Datasheet
100Kb / 4P
2-Channel Power Amp for Radio-Cassette Recorders
LA4227 SANYO-LA4227 Datasheet
155Kb / 4P
Audio Output for Radio Cassette Recorders 3W 횞 2ch Power Amplifier
logo
Unisonic Technologies
UTCCXA1191 UTC-UTCCXA1191 Datasheet
115Kb / 7P
FM/AM Radio (for radio-cassette tape recorders and headphone tape recorders.)
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com