Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

D10SC4MR Datasheet(PDF) 5 Page - Shindengen Electric Mfg.Co.Ltd

Part # D10SC4MR
Description  Schottky Rectifiers (SBD) (40V 10A)
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHINDENGEN [Shindengen Electric Mfg.Co.Ltd]
Direct Link  http://www.shindengen.co.jp/
Logo SHINDENGEN - Shindengen Electric Mfg.Co.Ltd

D10SC4MR Datasheet(HTML) 5 Page - Shindengen Electric Mfg.Co.Ltd

  D10SC4MR Datasheet HTML 1Page - Shindengen Electric Mfg.Co.Ltd D10SC4MR Datasheet HTML 2Page - Shindengen Electric Mfg.Co.Ltd D10SC4MR Datasheet HTML 3Page - Shindengen Electric Mfg.Co.Ltd D10SC4MR Datasheet HTML 4Page - Shindengen Electric Mfg.Co.Ltd D10SC4MR Datasheet HTML 5Page - Shindengen Electric Mfg.Co.Ltd D10SC4MR Datasheet HTML 6Page - Shindengen Electric Mfg.Co.Ltd D10SC4MR Datasheet HTML 7Page - Shindengen Electric Mfg.Co.Ltd D10SC4MR Datasheet HTML 8Page - Shindengen Electric Mfg.Co.Ltd D10SC4MR Datasheet HTML 9Page - Shindengen Electric Mfg.Co.Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
0
5
10
15
20
0
10
20
30
40
50
D10SC4MR
0.3
Reverse Power Dissipation
Tj = 150
°C
SIN
0.2
0.5
D=0.05
DC
0.1
0.8
Reverse Voltage VR [V]
0
tp
VR
T
D=tp/T


Similar Part No. - D10SC4MR

ManufacturerPart #DatasheetDescription
logo
Shindengen Electric Mfg...
D10SC4M SHINDENGEN-D10SC4M Datasheet
695Kb / 11P
Schottky Rectifiers (SBD) (40V 10A)
logo
Inchange Semiconductor ...
D10SC4M ISC-D10SC4M Datasheet
300Kb / 2P
Schotty Rectifier
More results

Similar Description - D10SC4MR

ManufacturerPart #DatasheetDescription
logo
Shindengen Electric Mfg...
D10SBS4 SHINDENGEN-D10SBS4 Datasheet
684Kb / 11P
Schottky Rectifiers (SBD) (40V 10A)
D10SC4M SHINDENGEN-D10SC4M Datasheet
695Kb / 11P
Schottky Rectifiers (SBD) (40V 10A)
D30SC4M SHINDENGEN-D30SC4M Datasheet
589Kb / 10P
Schottky Rectifiers (SBD) (40V 30A)
DE10SC4 SHINDENGEN-DE10SC4 Datasheet
529Kb / 10P
Schottky Rectifiers (SBD) (40V 10A)
DF10SC4M SHINDENGEN-DF10SC4M Datasheet
593Kb / 11P
Schottky Rectifiers (SBD) (40V 10A)
DF30SC4M SHINDENGEN-DF30SC4M Datasheet
535Kb / 10P
Schottky Rectifiers (SBD) (40V 30A)
S10SC4M SHINDENGEN-S10SC4M Datasheet
566Kb / 10P
Schottky Rectifiers (SBD) (40V 10A)
S20SC4M SHINDENGEN-S20SC4M Datasheet
592Kb / 10P
Schottky Rectifiers (SBD) (40V 20A)
SF10SC4 SHINDENGEN-SF10SC4 Datasheet
617Kb / 10P
Schottky Rectifiers (SBD) (40V 10A)
SF10SC4R SHINDENGEN-SF10SC4R Datasheet
553Kb / 10P
Schottky Rectifiers (SBD) (40V 10A)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com