Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

GS9092A Datasheet(PDF) 40 Page - Gennum Corporation

Part # GS9092A
Description  GenLINX III 270Mb/s Serializer for SDI and DVB-ASI
Download  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GENNUM [Gennum Corporation]
Direct Link  http://www.gennum.com
Logo GENNUM - Gennum Corporation

GS9092A Datasheet(HTML) 40 Page - Gennum Corporation

Back Button GS9092A Datasheet HTML 36Page - Gennum Corporation GS9092A Datasheet HTML 37Page - Gennum Corporation GS9092A Datasheet HTML 38Page - Gennum Corporation GS9092A Datasheet HTML 39Page - Gennum Corporation GS9092A Datasheet HTML 40Page - Gennum Corporation GS9092A Datasheet HTML 41Page - Gennum Corporation GS9092A Datasheet HTML 42Page - Gennum Corporation GS9092A Datasheet HTML 43Page - Gennum Corporation GS9092A Datasheet HTML 44Page - Gennum Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 63 page
background image
GS9092A GenLINX® III 270Mb/s Serializer for SDI and
DVB-ASI
Data Sheet
34715 - 4
May 2010
40 of 63
3.7.3.1 SMPTE 352M Payload Identifier Generation and Insertion
If the 352M_INS bit of the IOPROC_DISABLE register is set LOW, the GS9092A can
generate and insert SMPTE 352M payload identifier ancillary data packets into the data
stream automatically or based on information programmed into the host interface.
When the 352M_CALC bit of the IOPROC_DISABLE register is set HIGH, the user must
program the SMPTE 352M packet to be inserted into the VIDEO_FORMAT registers
(Table 3-5). In addition, the line number(s) in which the packet is to be inserted must be
programmed in the 352M_LINE_1 and 352M_LINE_2 registers (Table 3-6). If both line
number registers are set to zero, no packets will be inserted.
NOTE: The user must program the SMPTE 352M packet into the VIDEO_FORMAT
registers prior to programming the line number(s) in which the packet is to be inserted.
NOTE: It is the responsibility of the user to ensure that there is sufficient space in the
horizontal blanking interval for the insertion of the SMPTE 352M packets. These packets
will be inserted immediately after the EAV word on the line designated in the standard
or by the user
If there are other ancillary data packets present, the SMPTE 352M packet will be inserted
in the first available space in the HANC. Ancillary data must be contiguous from the
EAV. When there is insufficient space available, the 352M packets will not be inserted.
When the 352M_CALC bit of the IOPROC_DISABLE register is set LOW, the GS9092A
will automatically generate and insert 352M packets into the video stream. The device
will also write the generated packet into the VIDEO_FORMAT registers.
NOTE: When the IOPROC_EN pin is set HIGH and all registers contain their default
values, the VIDEO_FORMAT registers are set to 0h and do not contain the SMPTE 352M
packet.
The SMPTE 352M packet will be inserted into the data stream according to the line
number and sample position defined in the standard.
The 4:3/16:9 bit of the SMPTE 352M packet will be set LOW by default to denote 4:3. For
video payloads where 16:9 images are transmitted over 270Mb/s links, the user must
program the SMPTE 352M packet accordingly.
The video payload identifier packet will be version 1 and comply with the structure
defined in SMPTE 352M-2002.
NOTE: The user should turn off SMPTE 352M packet insertion when serializing SDTI
signals.
Table 3-5: Host Interface Description for SMPTE 352M Payload Identifier Registers
Register Name
Bit
Name
Description
R/W
Default
VIDEO_FORMAT_B
Address: 10h
15-8
SMPTE 352M
Byte 4
SMPTE 352M Byte 4 information must be
programmed in this register when 352M_INS is LOW
and 352M_CALC is HIGH.
R/W
0
7-0
SMPTE 352M
Byte 3
SMPTE 352M Byte 3 information must be
programmed in this register when 352M_INS is LOW
and 352M_CALC is HIGH.
R/W
0


Similar Part No. - GS9092A

ManufacturerPart #DatasheetDescription
logo
Gennum Corporation
GS9092A GENNUM-GS9092A Datasheet
1Mb / 59P
   GS9092A GenLINX-R III 270Mb/s Serializer for SDI and DVB-ASI
logo
Semtech Corporation
GS9092A SEMTECH-GS9092A Datasheet
4Mb / 61P
   270Mb/s Serializer for SDI and DVB-ASI
logo
Gennum Corporation
GS9092ACNE3 GENNUM-GS9092ACNE3 Datasheet
1Mb / 59P
   GS9092A GenLINX-R III 270Mb/s Serializer for SDI and DVB-ASI
More results

Similar Description - GS9092A

ManufacturerPart #DatasheetDescription
logo
Gennum Corporation
GS9092A GENNUM-GS9092A Datasheet
1Mb / 59P
   GS9092A GenLINX-R III 270Mb/s Serializer for SDI and DVB-ASI
GS9092 GENNUM-GS9092 Datasheet
1Mb / 58P
   GS9092 GenLINX-R III 270Mb/s Serializer for SDI and DVB-ASI
logo
Semtech Corporation
GS9092A SEMTECH-GS9092A Datasheet
4Mb / 61P
   270Mb/s Serializer for SDI and DVB-ASI
logo
Gennum Corporation
GS9090 GENNUM-GS9090 Datasheet
1Mb / 70P
   GS9090 GenLINX-R III 270Mb/s Deserializer for SDI and DVB-ASI
GS9091B GENNUM-GS9091B Datasheet
1Mb / 71P
   GenLINX II 270Mb/s Deserializer for SDI and DVB-ASI
logo
Semtech Corporation
GS9091B SEMTECH-GS9091B Datasheet
4Mb / 73P
   270Mb/s Deserializer for SDI and DVB-ASI
logo
Gennum Corporation
GS9090B GENNUM-GS9090B_10 Datasheet
1Mb / 72P
   GenLINX III 270Mb/s Deserializer for SDI
GS9090A GENNUM-GS9090A Datasheet
1Mb / 69P
   GS9090A GenLINX-R III 270Mb/s Deserializer for SDI
GS9090A GENNUM-GS9090A_10 Datasheet
1Mb / 73P
   GenLINX III 270Mb/s Deserializer
GS9062 GENNUM-GS9062 Datasheet
790Kb / 46P
   GS9062 HD-LINX-TM II SD-SDI and DVB-ASI Serializer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com