Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

GS9092A Datasheet(PDF) 39 Page - Gennum Corporation

Part # GS9092A
Description  GenLINX III 270Mb/s Serializer for SDI and DVB-ASI
Download  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GENNUM [Gennum Corporation]
Direct Link  http://www.gennum.com
Logo GENNUM - Gennum Corporation

GS9092A Datasheet(HTML) 39 Page - Gennum Corporation

Back Button GS9092A Datasheet HTML 35Page - Gennum Corporation GS9092A Datasheet HTML 36Page - Gennum Corporation GS9092A Datasheet HTML 37Page - Gennum Corporation GS9092A Datasheet HTML 38Page - Gennum Corporation GS9092A Datasheet HTML 39Page - Gennum Corporation GS9092A Datasheet HTML 40Page - Gennum Corporation GS9092A Datasheet HTML 41Page - Gennum Corporation GS9092A Datasheet HTML 42Page - Gennum Corporation GS9092A Datasheet HTML 43Page - Gennum Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 63 page
background image
GS9092A GenLINX® III 270Mb/s Serializer for SDI and
DVB-ASI
Data Sheet
34715 - 4
May 2010
39 of 63
Table 3-4: Host Interface Description for Internal Processing Disable Register
Register Name
Bit
Name
Description
R/W
Default
IOPROC_DISABLE
Address: 00h
15-10
Not Used
––
9ANC_PKT_INS
Ancillary Packet Insertion Enable. When the FIFO is
configured for ancillary data insertion, set HIGH to
begin inserting ancillary data.
NOTE: Setting ANC_PKT_INS LOW will not
automatically disable ancillary data insertion (see
Ancillary Data Insertion on page 32).
R/W
0
8-7
FIFO_MODE[1:0]
FIFO Mode: These bits control which mode the
internal FIFO is operating in (see Table 3-2)
R/W
0
6
H_CONFIG
Horizontal sync timing output configuration. Set LOW
for active line blanking timing. Set HIGH for H
blanking based on the H bit setting of the TRS word.
See Figure 3-8 in HVF Timing Signal Inputs on page 35.
R/W
0
5
352M_CALCSMPTE 352M Calculation. When set LOW, the
GS9092A will automatically generate packet
information prior to insertion. When set HIGH, the
user must program the VIDEO_FORMAT registers with
the SMPTE 352M packet to be inserted.
R/W
4
352M_INSSMPTE 352M Packet Insertion. The IOPROC_EN pin
and SMPTE_BYPASS pin must also be set HIGH. Set
HIGH to disable.
NOTE: The user should disable Packet Insertion when
serializing SDTI signals.
R/W
3
ILLEGAL_REMAP
Illegal code re-mapping. Detection and correction of
illegal code words within the active picture area. The
IOPROC_EN pin and SMPTE_BYPASS pin must also be
set HIGH. Set HIGH to disable.
R/W
0
2
EDH_CRC_INS
Error Detection & Handling (EDH) Cyclical Redundancy
Check (CRC) error insertion. The GS9092A will
generate and insert EDH packets. The IOPROC_EN pin
and SMPTE_BYPASS pin must also be set HIGH. Set
HIGH to disable.
R/W
0
1ANC_CSUM_INS
Ancillary Data Checksum insertion. The IOPROC_EN
pin and SMPTE_BYPASS pin must also be set HIGH. Set
HIGH to disable.
R/W
0
0TRS_INS
Timing Reference Signal Insertion. Occurs only when
IOPROC_EN pin and SMPTE_BYPASS pin is HIGH. Set
HIGH to disable.
R/W
0


Similar Part No. - GS9092A

ManufacturerPart #DatasheetDescription
logo
Gennum Corporation
GS9092A GENNUM-GS9092A Datasheet
1Mb / 59P
GS9092A GenLINX-R III 270Mb/s Serializer for SDI and DVB-ASI
logo
Semtech Corporation
GS9092A SEMTECH-GS9092A Datasheet
4Mb / 61P
270Mb/s Serializer for SDI and DVB-ASI
logo
Gennum Corporation
GS9092ACNE3 GENNUM-GS9092ACNE3 Datasheet
1Mb / 59P
GS9092A GenLINX-R III 270Mb/s Serializer for SDI and DVB-ASI
More results

Similar Description - GS9092A

ManufacturerPart #DatasheetDescription
logo
Gennum Corporation
GS9092A GENNUM-GS9092A Datasheet
1Mb / 59P
GS9092A GenLINX-R III 270Mb/s Serializer for SDI and DVB-ASI
GS9092 GENNUM-GS9092 Datasheet
1Mb / 58P
GS9092 GenLINX-R III 270Mb/s Serializer for SDI and DVB-ASI
logo
Semtech Corporation
GS9092A SEMTECH-GS9092A Datasheet
4Mb / 61P
270Mb/s Serializer for SDI and DVB-ASI
logo
Gennum Corporation
GS9090 GENNUM-GS9090 Datasheet
1Mb / 70P
GS9090 GenLINX-R III 270Mb/s Deserializer for SDI and DVB-ASI
GS9091B GENNUM-GS9091B Datasheet
1Mb / 71P
GenLINX II 270Mb/s Deserializer for SDI and DVB-ASI
logo
Semtech Corporation
GS9091B SEMTECH-GS9091B Datasheet
4Mb / 73P
270Mb/s Deserializer for SDI and DVB-ASI
logo
Gennum Corporation
GS9090B GENNUM-GS9090B_10 Datasheet
1Mb / 72P
GenLINX III 270Mb/s Deserializer for SDI
GS9090A GENNUM-GS9090A Datasheet
1Mb / 69P
GS9090A GenLINX-R III 270Mb/s Deserializer for SDI
GS9090A GENNUM-GS9090A_10 Datasheet
1Mb / 73P
GenLINX III 270Mb/s Deserializer
GS9062 GENNUM-GS9062 Datasheet
790Kb / 46P
GS9062 HD-LINX-TM II SD-SDI and DVB-ASI Serializer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com