Electronic Components Datasheet Search |
|
GS9092A Datasheet(PDF) 37 Page - Gennum Corporation |
|
|
GS9092A Datasheet(HTML) 37 Page - Gennum Corporation |
37 / 63 page GS9092A GenLINX® III 270Mb/s Serializer for SDI and DVB-ASI Data Sheet 34715 - 4 May 2010 37 of 63 3.6 Data-Through Mode The GS9092A may be configured by the application layer to operate as a simple parallel-to-serial converter. In this mode, the device presents data to the output buffer without performing any scrambling, encoding, or word-alignment. Data-through mode is enabled only when both the SMPTE_BYPASS and DVB_ASI pins are set low by the application layer. 3.7 Additional Processing Functions The GS9092A contains an additional data processing block which is available in SMPTE mode only (see SMPTE Mode on page 35). 3.7.1 Input Data Blank The GS9092A can crop the video input data, where the cropped region is set to blanking levels. All input video and ancillary data will be set to blanking levels by the device, however, the TRS will be protected at all times. When the BLANK pin is set LOW, the input video will be set to blanking levels until the BLANK pin is re-asserted HIGH. When set HIGH, the input video will not be blanked. This allows portions of the input video to be dynamically cropped, based on the timing of the BLANK input. The BLANK input should be synchronized to the PCLK unless the internal FIFO is enabled and configured for video mode. If the FIFO is in video mode, the BLANK input should not be used. 3.7.2 Automatic Video Standard Detection The GS9092A can detect the input video standard by using the timing parameters extracted from the received TRS ID words or supplied H, V, and F timing signals. Total samples per line, active samples per line, total lines per field/frame and active lines per field/frame are calculated and presented to the host interface via the four RASTER_STRUCTURE registers (Table 3-3). In addition to the RASTER_STRUCTURE registers, bit 4 of the VIDEO_STANDARD register contains a status bit, STD_LOCK, which will be set HIGH whenever the device has achieved full synchronization to the detected video standard. The STD_LOCK bit, as well as the RASTER_STRUCTURE registers will default to zero under any of the following conditions: • RESET is LOW •SMPTE_BYPASS is LOW NOTE: When the video data is removed, but the PCLK remains, the VIDEO_STANDARD register will contain the last detected standard. To clear the registers, the PCLK must be removed as well or the device must be reset. |
Similar Part No. - GS9092A |
|
Similar Description - GS9092A |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |