Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

GS9092A Datasheet(PDF) 36 Page - Gennum Corporation

Part # GS9092A
Description  GenLINX III 270Mb/s Serializer for SDI and DVB-ASI
Download  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GENNUM [Gennum Corporation]
Direct Link  http://www.gennum.com
Logo GENNUM - Gennum Corporation

GS9092A Datasheet(HTML) 36 Page - Gennum Corporation

Back Button GS9092A Datasheet HTML 32Page - Gennum Corporation GS9092A Datasheet HTML 33Page - Gennum Corporation GS9092A Datasheet HTML 34Page - Gennum Corporation GS9092A Datasheet HTML 35Page - Gennum Corporation GS9092A Datasheet HTML 36Page - Gennum Corporation GS9092A Datasheet HTML 37Page - Gennum Corporation GS9092A Datasheet HTML 38Page - Gennum Corporation GS9092A Datasheet HTML 39Page - Gennum Corporation GS9092A Datasheet HTML 40Page - Gennum Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 63 page
background image
GS9092A GenLINX® III 270Mb/s Serializer for SDI and
DVB-ASI
Data Sheet
34715 - 4
May 2010
36 of 63
Figure 3-8: H, V, and F Input Timing
3.5 DVB-ASI Mode
The GS9092A enters DVB-ASI mode when the application layer sets the DVB_ASI pin
HIGH.
In this mode, all SMPTE processing functions are disabled, and the 8-bit transport stream
data will be 8b/10b encoded prior to serialization.
3.5.1 Control Signal Inputs
In DVB-ASI mode, the DIN9 and DIN8 will be configured as DVB-ASI control signals
INSSYNCIN and K_IN respectively.
When INSSYNCIN is set HIGH, the device will insert K28.5 sync characters into the data
stream. This function is used to assist system implementations where the GS9092A's
internal FIFO is disabled (FIFO_EN = LOW), and the device is preceded by an external
FIFO. Parallel data may be clocked into the external FIFO at some rate less than 27MHz.
The INSSYNCIN input may then be connected to the FIFO empty signal, thus providing
a means of padding up the data transmission rate to 27MHz.
NOTE 1: If the internal FIFO is enabled (FIFO_EN = HIGH), the INSSYNCIN pin should be
grounded (see DVB-ASI Mode on page 27).
NOTE 2: In DVB-ASI mode, 8b/10b encoding will take place after K28.5 sync character
insertion.
K_IN should be set HIGH whenever the parallel data input is to be interpreted as any
special character (including the K28.5 sync character), defined by the DVB-ASI
standard. This pin should be set LOW when the input is to be interpreted as data.
Y/Cr/Cb DATA INPUT
PCLK
H
V
F
XYZ
(eav)
000
000
3FF
XYZ
(sav)
000
000
3FF
H SIGNAL TIMING:
H_CONFIG = LOW (Default)
H_CONFIG = HIGH


Similar Part No. - GS9092A

ManufacturerPart #DatasheetDescription
logo
Gennum Corporation
GS9092A GENNUM-GS9092A Datasheet
1Mb / 59P
   GS9092A GenLINX-R III 270Mb/s Serializer for SDI and DVB-ASI
logo
Semtech Corporation
GS9092A SEMTECH-GS9092A Datasheet
4Mb / 61P
   270Mb/s Serializer for SDI and DVB-ASI
logo
Gennum Corporation
GS9092ACNE3 GENNUM-GS9092ACNE3 Datasheet
1Mb / 59P
   GS9092A GenLINX-R III 270Mb/s Serializer for SDI and DVB-ASI
More results

Similar Description - GS9092A

ManufacturerPart #DatasheetDescription
logo
Gennum Corporation
GS9092A GENNUM-GS9092A Datasheet
1Mb / 59P
   GS9092A GenLINX-R III 270Mb/s Serializer for SDI and DVB-ASI
GS9092 GENNUM-GS9092 Datasheet
1Mb / 58P
   GS9092 GenLINX-R III 270Mb/s Serializer for SDI and DVB-ASI
logo
Semtech Corporation
GS9092A SEMTECH-GS9092A Datasheet
4Mb / 61P
   270Mb/s Serializer for SDI and DVB-ASI
logo
Gennum Corporation
GS9090 GENNUM-GS9090 Datasheet
1Mb / 70P
   GS9090 GenLINX-R III 270Mb/s Deserializer for SDI and DVB-ASI
GS9091B GENNUM-GS9091B Datasheet
1Mb / 71P
   GenLINX II 270Mb/s Deserializer for SDI and DVB-ASI
logo
Semtech Corporation
GS9091B SEMTECH-GS9091B Datasheet
4Mb / 73P
   270Mb/s Deserializer for SDI and DVB-ASI
logo
Gennum Corporation
GS9090B GENNUM-GS9090B_10 Datasheet
1Mb / 72P
   GenLINX III 270Mb/s Deserializer for SDI
GS9090A GENNUM-GS9090A Datasheet
1Mb / 69P
   GS9090A GenLINX-R III 270Mb/s Deserializer for SDI
GS9090A GENNUM-GS9090A_10 Datasheet
1Mb / 73P
   GenLINX III 270Mb/s Deserializer
GS9062 GENNUM-GS9062 Datasheet
790Kb / 46P
   GS9062 HD-LINX-TM II SD-SDI and DVB-ASI Serializer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com