Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

GS9092A Datasheet(PDF) 35 Page - Gennum Corporation

Part # GS9092A
Description  GenLINX III 270Mb/s Serializer for SDI and DVB-ASI
Download  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GENNUM [Gennum Corporation]
Direct Link  http://www.gennum.com
Logo GENNUM - Gennum Corporation

GS9092A Datasheet(HTML) 35 Page - Gennum Corporation

Back Button GS9092A Datasheet HTML 31Page - Gennum Corporation GS9092A Datasheet HTML 32Page - Gennum Corporation GS9092A Datasheet HTML 33Page - Gennum Corporation GS9092A Datasheet HTML 34Page - Gennum Corporation GS9092A Datasheet HTML 35Page - Gennum Corporation GS9092A Datasheet HTML 36Page - Gennum Corporation GS9092A Datasheet HTML 37Page - Gennum Corporation GS9092A Datasheet HTML 38Page - Gennum Corporation GS9092A Datasheet HTML 39Page - Gennum Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 63 page
background image
GS9092A GenLINX® III 270Mb/s Serializer for SDI and
DVB-ASI
Data Sheet
34715 - 4
May 2010
35 of 63
3.3.4 Bypass Mode
The internal FIFO is in bypass mode when the application layer sets the FIFO_EN or
IOPROC_EN pin LOW, or the FIFO_MODE[1:0] bits in the IOPROC_DISABLE register are
configured to 11b. By default, the FIFO_MODE[1:0] bits are set to 11b by the device
whenever both the SMPTE_BYPASS and DVB_ASI pins are LOW; however, the
application layer may program the FIFO_MODE[1:0] bits as required.
In bypass mode, the FIFO is not inserted into the video path and data is presented to the
input of the device synchronously with the PCLK input. The FIFO will be disabled and
placed in static mode to save power.
3.4 SMPTE Mode
The GS9092A enters SMPTE mode when the SMPTE_BYPASS pin is set HIGH and the
DVB_ASI pin is set LOW.
In this mode, the parallel data will be scrambled according to SMPTE 259M and
NRZ-to-NRZI encoded prior to serialization.
3.4.1 I/O Status Signals
When DETECT_TRS is LOW, the device will be locked to the externally supplied H, V,
and F signals. When DETECT_TRS is HIGH, the device will be locked to the embedded
TRS signals in the parallel input data. The H, V, and F pins become output status signals,
and their timing will be based on embedded TRS words.
3.4.2 HVF Timing Signal Inputs
As discussed above, the GS9092A's internal flywheel may be locked to externally
provided H, V, and F signals when DETECT_TRS is set LOW by the application layer.
The H signal timing may be configured via the H_CONFIG bit of the internal
IOPROC_DISABLE register as either active line-based blanking or TRS-based blanking
(see Table 3-4 in Packet Generation and Insertion on page 38).
The default setting of this bit (after RESET has been asserted) is LOW.
Active line-based blanking is enabled when the H_CONFIG bit is set LOW. In this mode,
the H input should be HIGH for the entire horizontal blanking period, including the EAV
and SAV TRS words. This is the default H timing assumed by the device.
When H_CONFIG is set HIGH, TRS-based blanking is enabled. In this case, the H input
should be set HIGH for the entire horizontal blanking period as indicated by the H bit in
the associated TRS words.
The timing of these signals is shown in Figure 3-8.
When the DETECT_TRS pin is set HIGH, the output timing on the H pin can be selected
as either active line-based or TRS-based.


Similar Part No. - GS9092A

ManufacturerPart #DatasheetDescription
logo
Gennum Corporation
GS9092A GENNUM-GS9092A Datasheet
1Mb / 59P
GS9092A GenLINX-R III 270Mb/s Serializer for SDI and DVB-ASI
logo
Semtech Corporation
GS9092A SEMTECH-GS9092A Datasheet
4Mb / 61P
270Mb/s Serializer for SDI and DVB-ASI
logo
Gennum Corporation
GS9092ACNE3 GENNUM-GS9092ACNE3 Datasheet
1Mb / 59P
GS9092A GenLINX-R III 270Mb/s Serializer for SDI and DVB-ASI
More results

Similar Description - GS9092A

ManufacturerPart #DatasheetDescription
logo
Gennum Corporation
GS9092A GENNUM-GS9092A Datasheet
1Mb / 59P
GS9092A GenLINX-R III 270Mb/s Serializer for SDI and DVB-ASI
GS9092 GENNUM-GS9092 Datasheet
1Mb / 58P
GS9092 GenLINX-R III 270Mb/s Serializer for SDI and DVB-ASI
logo
Semtech Corporation
GS9092A SEMTECH-GS9092A Datasheet
4Mb / 61P
270Mb/s Serializer for SDI and DVB-ASI
logo
Gennum Corporation
GS9090 GENNUM-GS9090 Datasheet
1Mb / 70P
GS9090 GenLINX-R III 270Mb/s Deserializer for SDI and DVB-ASI
GS9091B GENNUM-GS9091B Datasheet
1Mb / 71P
GenLINX II 270Mb/s Deserializer for SDI and DVB-ASI
logo
Semtech Corporation
GS9091B SEMTECH-GS9091B Datasheet
4Mb / 73P
270Mb/s Deserializer for SDI and DVB-ASI
logo
Gennum Corporation
GS9090B GENNUM-GS9090B_10 Datasheet
1Mb / 72P
GenLINX III 270Mb/s Deserializer for SDI
GS9090A GENNUM-GS9090A Datasheet
1Mb / 69P
GS9090A GenLINX-R III 270Mb/s Deserializer for SDI
GS9090A GENNUM-GS9090A_10 Datasheet
1Mb / 73P
GenLINX III 270Mb/s Deserializer
GS9062 GENNUM-GS9062 Datasheet
790Kb / 46P
GS9062 HD-LINX-TM II SD-SDI and DVB-ASI Serializer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com