![]() |
Electronic Components Datasheet Search |
|
GS9092A Datasheet(PDF) 33 Page - Gennum Corporation |
|
|
GS9092A Datasheet(HTML) 33 Page - Gennum Corporation |
33 / 63 page ![]() GS9092A GenLINX® III 270Mb/s Serializer for SDI and DVB-ASI Data Sheet 34715 - 4 May 2010 33 of 63 When there are existing ancillary data packets present in the video data stream, the device will append the ancillary data to the existing data only when the ANC_SAV bit is set LOW. In this case, all existing ancillary data must be contiguous after the EAV. If data is not contiguous, the ancillary data to be inserted will be written at the first available space where the video is set to blanking levels. When ANC_SAV is set HIGH, any data present after the SAV will be overwritten. To overwrite existing ancillary data, the ANC_DATA_REPLACE bit of the FIFO_EMPTY_OFFSET register must be set HIGH. When this bit is set HIGH, existing ancillary data will be replaced with the data to be inserted and the remainder of the line will be set to blanking levels. The device will replace ancillary data on the line of insertion only. Existing ancillary data on other lines will not be replaced with blanking levels. NOTE: If the ANC_SAV and ANC_DATA_REPLACE bits are both set HIGH, and if ancillary data is inserted on an active picture line, the remainder of the active line will be set to blanking levels. Ancillary Data Readback Mode By default, when the FIFO is in ancillary data insertion mode, the application layer can only write ancillary data into the FIFO. However, if ANC_DATA_RDBACK is set HIGH (bit 13 of address 06h), the GS9092A will discontinue inserting ancillary data into the data stream and the host interface may read the ancillary data programmed into that half of the FIFO. 3.3.3.2 Clearing the ANC Data FIFO When switching to ANC FIFO mode, the user must follow one of the 2 methods below to ensure that the FIFO is fully cleared. Clearing ANC FIFO Method 1: 1. Enable ANC FIFO mode (write 10b into the FIFO_MODE register). 2. Wait for ANC_FIFO_READY bit to be asserted. 3. Toggle (LOW-to-HIGH-to-LOW) ANC_DATA_SWITCH bit (bit 12 of IO_CONFIG register) twice. Clearing ANC FIFO Method 2: 1. Power on device. 2. Set FIFO_EN pin HIGH. 3. Enable ANC FIFO mode (write 10b into the FIFO_MODE register). 4. Set FIFO_EN pin LOW. 5. Set FIFO_EN pin HIGH. |
Similar Part No. - GS9092A |
|
Similar Description - GS9092A |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |