Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

GS9092A Datasheet(PDF) 26 Page - Gennum Corporation

Part # GS9092A
Description  GenLINX III 270Mb/s Serializer for SDI and DVB-ASI
Download  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GENNUM [Gennum Corporation]
Direct Link  http://www.gennum.com
Logo GENNUM - Gennum Corporation

GS9092A Datasheet(HTML) 26 Page - Gennum Corporation

Back Button GS9092A Datasheet HTML 22Page - Gennum Corporation GS9092A Datasheet HTML 23Page - Gennum Corporation GS9092A Datasheet HTML 24Page - Gennum Corporation GS9092A Datasheet HTML 25Page - Gennum Corporation GS9092A Datasheet HTML 26Page - Gennum Corporation GS9092A Datasheet HTML 27Page - Gennum Corporation GS9092A Datasheet HTML 28Page - Gennum Corporation GS9092A Datasheet HTML 29Page - Gennum Corporation GS9092A Datasheet HTML 30Page - Gennum Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 63 page
background image
GS9092A GenLINX® III 270Mb/s Serializer for SDI and
DVB-ASI
Data Sheet
34715 - 4
May 2010
26 of 63
3.3.1 Video Mode
The internal FIFO is in video mode under the following conditions:
• the FIFO_EN and IOPROC_EN pins are set HIGH,
• the FIFO_MODE[1:0] bits in the IOPROC_DISABLE register (Table 3-4) are
configured to 00b,
• the DETECT_TRS pin is set LOW; and
• TRS insertion, EDH correction/insertion, illegal code re-mapping, and SMPTE
packet insertion are all disabled (i.e. bits 0, 2, 3, and 4 of the IOPROC_DISABLE
register are set HIGH).
NOTE: The FIFO will still enter video mode if any of bits 0, 2, 3, or 4 of the
IOPROC_DISABLE register are LOW; however, the output video data will contain errors.
By default, the FIFO_MODE[1:0] bits are set to 00b by the device whenever the
SMPTE_BYPASS pin is set HIGH and the DVB_ASI and DETECT_TRS pins are set LOW.
In video mode, the H, V, and F pins become input signals that must be supplied by the
user.
Figure 3-2 shows the input and output signals of the FIFO when it is configured for video
mode.
Figure 3-2: FIFO in Video Mode
When operating in video mode, the GS9092A will read data sequentially from the FIFO,
starting with the first active pixel in location zero of the memory. In this mode, it is
possible to use the FIFO for clock phase interchange and data delay.
The device will ensure read-side synchronization is maintained, according to the
supplied PCLK and supplied H, V, and F timing information.
Full write-control of the FIFO is made available to the application interface such that
data is clocked into the FIFO on the rising edge of the externally provided WR_CLK. The
FIFO write pointer will be reset to position zero of the memory when there is a
HIGH-to-LOW transition at the WR_RESET pin.
The application layer must start writing the first active pixel of the line into location zero
of memory. Therefore, the user should use the WR_RESET pin to reset the FIFO write
pointer prior to writing to the device.
NOTE: The BLANK signal must not be asserted in video mode.
WR_CLK
FIFO
(Video Mode)
RD_CLK (PCLK)
10-bit Video Data
10-bit Video Data
WR_RESET
RD_RESET
(supplied H timing)
Application Interface
Internal


Similar Part No. - GS9092A

ManufacturerPart #DatasheetDescription
logo
Gennum Corporation
GS9092A GENNUM-GS9092A Datasheet
1Mb / 59P
   GS9092A GenLINX-R III 270Mb/s Serializer for SDI and DVB-ASI
logo
Semtech Corporation
GS9092A SEMTECH-GS9092A Datasheet
4Mb / 61P
   270Mb/s Serializer for SDI and DVB-ASI
logo
Gennum Corporation
GS9092ACNE3 GENNUM-GS9092ACNE3 Datasheet
1Mb / 59P
   GS9092A GenLINX-R III 270Mb/s Serializer for SDI and DVB-ASI
More results

Similar Description - GS9092A

ManufacturerPart #DatasheetDescription
logo
Gennum Corporation
GS9092A GENNUM-GS9092A Datasheet
1Mb / 59P
   GS9092A GenLINX-R III 270Mb/s Serializer for SDI and DVB-ASI
GS9092 GENNUM-GS9092 Datasheet
1Mb / 58P
   GS9092 GenLINX-R III 270Mb/s Serializer for SDI and DVB-ASI
logo
Semtech Corporation
GS9092A SEMTECH-GS9092A Datasheet
4Mb / 61P
   270Mb/s Serializer for SDI and DVB-ASI
logo
Gennum Corporation
GS9090 GENNUM-GS9090 Datasheet
1Mb / 70P
   GS9090 GenLINX-R III 270Mb/s Deserializer for SDI and DVB-ASI
GS9091B GENNUM-GS9091B Datasheet
1Mb / 71P
   GenLINX II 270Mb/s Deserializer for SDI and DVB-ASI
logo
Semtech Corporation
GS9091B SEMTECH-GS9091B Datasheet
4Mb / 73P
   270Mb/s Deserializer for SDI and DVB-ASI
logo
Gennum Corporation
GS9090B GENNUM-GS9090B_10 Datasheet
1Mb / 72P
   GenLINX III 270Mb/s Deserializer for SDI
GS9090A GENNUM-GS9090A Datasheet
1Mb / 69P
   GS9090A GenLINX-R III 270Mb/s Deserializer for SDI
GS9090A GENNUM-GS9090A_10 Datasheet
1Mb / 73P
   GenLINX III 270Mb/s Deserializer
GS9062 GENNUM-GS9062 Datasheet
790Kb / 46P
   GS9062 HD-LINX-TM II SD-SDI and DVB-ASI Serializer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com