Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

GS9092A Datasheet(PDF) 22 Page - Gennum Corporation

Part # GS9092A
Description  GenLINX III 270Mb/s Serializer for SDI and DVB-ASI
Download  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GENNUM [Gennum Corporation]
Direct Link  http://www.gennum.com
Logo GENNUM - Gennum Corporation

GS9092A Datasheet(HTML) 22 Page - Gennum Corporation

Back Button GS9092A Datasheet HTML 18Page - Gennum Corporation GS9092A Datasheet HTML 19Page - Gennum Corporation GS9092A Datasheet HTML 20Page - Gennum Corporation GS9092A Datasheet HTML 21Page - Gennum Corporation GS9092A Datasheet HTML 22Page - Gennum Corporation GS9092A Datasheet HTML 23Page - Gennum Corporation GS9092A Datasheet HTML 24Page - Gennum Corporation GS9092A Datasheet HTML 25Page - Gennum Corporation GS9092A Datasheet HTML 26Page - Gennum Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 63 page
background image
GS9092A GenLINX® III 270Mb/s Serializer for SDI and
DVB-ASI
Data Sheet
34715 - 4
May 2010
22 of 63
3. Detailed Description
• Functional Overview
• Parallel Data Inputs
• Internal FIFO Operation
• SMPTE Mode
• DVB-ASI Mode
• Data-Through Mode
• Additional Processing Functions
• Parallel-to-Serial Conversion
• Serial Digital Data PLL
• Serial Digital Output
• Programmable Multi-function I/O
• Low Latency Mode
• GSPI Host Interface
• JTAG Operation
• Device Power Up
3.1 Functional Overview
The GS9092A is a 270Mb/s serializer with an internal FIFO and a programmable
multi-function I/O port. The device has 3 different modes of operation which must be set
by the application layer through external device pins.
When SMPTE mode is enabled, the device will accept 10-bit multiplexed SMPTE
compliant data at 27MHz. The device's additional processing features are also enabled
in this mode.
In DVB-ASI mode, the GS9092A will accept an 8-bit parallel DVB-ASI compliant
transport stream. The serial output data stream will be 8b/10b encoded and padded with
K28.5 fill characters.
The GS9092A's third mode allows for the serializing of data not conforming to SMPTE or
DVB-ASI streams.
The serial digital outputs feature a high impedance mode and adjustable signal swing.
In the digital signal processing core, several data processing functions are implemented
including SMPTE 352M and EDH data packet generation and insertion, and automatic
video standards detection. These features are all enabled by default, but may be
individually disabled via internal registers accessible through the GSPI host interface.


Similar Part No. - GS9092A

ManufacturerPart #DatasheetDescription
logo
Gennum Corporation
GS9092A GENNUM-GS9092A Datasheet
1Mb / 59P
GS9092A GenLINX-R III 270Mb/s Serializer for SDI and DVB-ASI
logo
Semtech Corporation
GS9092A SEMTECH-GS9092A Datasheet
4Mb / 61P
270Mb/s Serializer for SDI and DVB-ASI
logo
Gennum Corporation
GS9092ACNE3 GENNUM-GS9092ACNE3 Datasheet
1Mb / 59P
GS9092A GenLINX-R III 270Mb/s Serializer for SDI and DVB-ASI
More results

Similar Description - GS9092A

ManufacturerPart #DatasheetDescription
logo
Gennum Corporation
GS9092A GENNUM-GS9092A Datasheet
1Mb / 59P
GS9092A GenLINX-R III 270Mb/s Serializer for SDI and DVB-ASI
GS9092 GENNUM-GS9092 Datasheet
1Mb / 58P
GS9092 GenLINX-R III 270Mb/s Serializer for SDI and DVB-ASI
logo
Semtech Corporation
GS9092A SEMTECH-GS9092A Datasheet
4Mb / 61P
270Mb/s Serializer for SDI and DVB-ASI
logo
Gennum Corporation
GS9090 GENNUM-GS9090 Datasheet
1Mb / 70P
GS9090 GenLINX-R III 270Mb/s Deserializer for SDI and DVB-ASI
GS9091B GENNUM-GS9091B Datasheet
1Mb / 71P
GenLINX II 270Mb/s Deserializer for SDI and DVB-ASI
logo
Semtech Corporation
GS9091B SEMTECH-GS9091B Datasheet
4Mb / 73P
270Mb/s Deserializer for SDI and DVB-ASI
logo
Gennum Corporation
GS9090B GENNUM-GS9090B_10 Datasheet
1Mb / 72P
GenLINX III 270Mb/s Deserializer for SDI
GS9090A GENNUM-GS9090A Datasheet
1Mb / 69P
GS9090A GenLINX-R III 270Mb/s Deserializer for SDI
GS9090A GENNUM-GS9090A_10 Datasheet
1Mb / 73P
GenLINX III 270Mb/s Deserializer
GS9062 GENNUM-GS9062 Datasheet
790Kb / 46P
GS9062 HD-LINX-TM II SD-SDI and DVB-ASI Serializer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com