Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

GS9092A Datasheet(PDF) 13 Page - Gennum Corporation

Part # GS9092A
Description  GenLINX III 270Mb/s Serializer for SDI and DVB-ASI
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GENNUM [Gennum Corporation]
Direct Link  http://www.gennum.com
Logo GENNUM - Gennum Corporation

GS9092A Datasheet(HTML) 13 Page - Gennum Corporation

Back Button GS9092A Datasheet HTML 9Page - Gennum Corporation GS9092A Datasheet HTML 10Page - Gennum Corporation GS9092A Datasheet HTML 11Page - Gennum Corporation GS9092A Datasheet HTML 12Page - Gennum Corporation GS9092A Datasheet HTML 13Page - Gennum Corporation GS9092A Datasheet HTML 14Page - Gennum Corporation GS9092A Datasheet HTML 15Page - Gennum Corporation GS9092A Datasheet HTML 16Page - Gennum Corporation GS9092A Datasheet HTML 17Page - Gennum Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 63 page
background image
GS9092A GenLINX® III 270Mb/s Serializer for SDI and
DVB-ASI
Data Sheet
34715 - 4
May 2010
13 of 63
2.3 AC Electrical Characteristics
Table 2-2: AC Electrical Characteristics
VDD = 1.8V, TA = 0°C to 70°C, unless otherwise specified.
Parameter
Symbol
Condition
Min
Typ
Max
Units
Notes
System
Output High Impedance Response
Time
tRHIGHZ
SDO_EN = HIGH to
LOW
–20
ns
Digital I/O
Input Data Setup Time
tSU
50% PCLK vs. VIL/VIH
data
3–
ns
1
Input Data Hold Time
tIH
50% PCLK vs. VIL/VIH
data
1–
ns
1
Output Data Hold Time
tOH
With 15pF load
3–
ns
2
Output Delay Time
tOD
With 15pF load
––
11
ns
2
Serial Digital Output
Serial Output Data Rate
BRSDO
270
Mb/s
Serial Output Jitter
270Mb/s, VSDO =
800mV, 75
Ω load
including rise/fall
mismatch, PCLK
input from GS9090A
–360
555
psp-p
3
–PCLK input from the
Agilent E4422B
Signal Generator
225
psp-p
3,4
Serial Output Rise Time
(20% ~ 80%)
SDOTR
Return loss
compensation
recommended
circuit - SMPTE 259M
signal
400
500
1000
ps
Serial Output Fall Time
(20% ~ 80%)
SDOTF
Return loss
compensation
recommended
circuit - SMPTE 259M
signal
400
500
1000
ps
Mismatch in Rise/Fall Time
VODIFF = 1600mV,
100
Ω differential
load
––
30
ps
Serial Output Overshoot
VODIFF = 1600mV,
100
Ω differential
load
–0
8
%


Similar Part No. - GS9092A

ManufacturerPart #DatasheetDescription
logo
Gennum Corporation
GS9092A GENNUM-GS9092A Datasheet
1Mb / 59P
GS9092A GenLINX-R III 270Mb/s Serializer for SDI and DVB-ASI
logo
Semtech Corporation
GS9092A SEMTECH-GS9092A Datasheet
4Mb / 61P
270Mb/s Serializer for SDI and DVB-ASI
logo
Gennum Corporation
GS9092ACNE3 GENNUM-GS9092ACNE3 Datasheet
1Mb / 59P
GS9092A GenLINX-R III 270Mb/s Serializer for SDI and DVB-ASI
More results

Similar Description - GS9092A

ManufacturerPart #DatasheetDescription
logo
Gennum Corporation
GS9062 GENNUM-GS9062 Datasheet
790Kb / 46P
GS9062 HD-LINX-TM II SD-SDI and DVB-ASI Serializer
GS9090 GENNUM-GS9090 Datasheet
1Mb / 70P
GS9090 GenLINX-R III 270Mb/s Deserializer for SDI and DVB-ASI
GS9090A GENNUM-GS9090A Datasheet
1Mb / 69P
GS9090A GenLINX-R III 270Mb/s Deserializer for SDI
GS9092 GENNUM-GS9092 Datasheet
1Mb / 58P
GS9092 GenLINX-R III 270Mb/s Serializer for SDI and DVB-ASI
GS9092A GENNUM-GS9092A Datasheet
1Mb / 59P
GS9092A GenLINX-R III 270Mb/s Serializer for SDI and DVB-ASI
GS9090A GENNUM-GS9090A_10 Datasheet
1Mb / 73P
GenLINX III 270Mb/s Deserializer
GS9090B GENNUM-GS9090B_10 Datasheet
1Mb / 72P
GenLINX III 270Mb/s Deserializer for SDI
GS9091B GENNUM-GS9091B Datasheet
1Mb / 71P
GenLINX II 270Mb/s Deserializer for SDI and DVB-ASI
logo
Semtech Corporation
GS9091B SEMTECH-GS9091B Datasheet
4Mb / 73P
270Mb/s Deserializer for SDI and DVB-ASI
GS9092A SEMTECH-GS9092A Datasheet
4Mb / 61P
270Mb/s Serializer for SDI and DVB-ASI
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com