Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

GS9092A Datasheet(PDF) 12 Page - Gennum Corporation

Part # GS9092A
Description  GenLINX III 270Mb/s Serializer for SDI and DVB-ASI
Download  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GENNUM [Gennum Corporation]
Direct Link  http://www.gennum.com
Logo GENNUM - Gennum Corporation

GS9092A Datasheet(HTML) 12 Page - Gennum Corporation

Back Button GS9092A Datasheet HTML 8Page - Gennum Corporation GS9092A Datasheet HTML 9Page - Gennum Corporation GS9092A Datasheet HTML 10Page - Gennum Corporation GS9092A Datasheet HTML 11Page - Gennum Corporation GS9092A Datasheet HTML 12Page - Gennum Corporation GS9092A Datasheet HTML 13Page - Gennum Corporation GS9092A Datasheet HTML 14Page - Gennum Corporation GS9092A Datasheet HTML 15Page - Gennum Corporation GS9092A Datasheet HTML 16Page - Gennum Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 63 page
background image
GS9092A GenLINX® III 270Mb/s Serializer for SDI and
DVB-ASI
Data Sheet
34715 - 4
May 2010
12 of 63
PLL Power Supply Voltage
PLL_VDD
1.71
1.8
1.89
V
VCO Power Supply
Voltage
VCO_VDD
1.71
1.8
1.89
V
Serial Cable Driver Power
Supply Voltage
CD_VDD
1.71
1.8
1.89
V
Typical System Power
PD
CORE_VDD = 1.80V
IO_VDD = 1.80V
200
mW
Max. System Power
PD
CORE_VDD = 1.89V
IO_VDD = 3.47V
300
mW
Digital I/O
Input Voltage, Logic LOW
VIL
1.8V or 3.3V
Operation
0.35 x
IO_VDD
V–
Input Voltage, Logic HIGHVIH
1.8V or 3.3V
Operation
0.65 x
IO_VDD
––
V
Output Voltage, Logic
LOW
VOL
IOL = 8mA @ 3.3V,
4mA @ 1.8V
––
0.4
V
Output Voltage, Logic
HIGH
VOH
IOL = -8mA @ 3.3V,
-4mA @ 1.8V
IO_VDD -
0.4
––
V
Serial Digital Outputs
Output Common Mode
Voltage Range
VCMOUT
1.8V Pull-Up
Reference Voltage
CD_VDD -
VODIFF
–V
Serial Driver Output
Voltage Swing
VSDO
1.8V Pull-up
Reference Voltage,
Single Ended 75
Ω
load
0
850
mVp-p
2
Output Voltage Variation
From Nominal
–Over cable driver
voltage supply
range.
RSET = 281
Ω
(800mVp-p single
ended output)
-8.5
+8.5
%
Output voltage
variation from
nominal (at 1.8V).
RSET = 281
Ω
(800mVp-p single
ended output)
-5
+5
%
NOTES
1. All DC and AC electrical parameters within specification.
2. Set by the value of the RSET resistor.
Table 2-1: DC Electrical Characteristics (Continued)
VDD = 1.8V, TA = 0°C to 70°C, unless otherwise specified.
Parameter
Symbol
Condition
Min
Typ
Max
Units
Notes


Similar Part No. - GS9092A

ManufacturerPart #DatasheetDescription
logo
Gennum Corporation
GS9092A GENNUM-GS9092A Datasheet
1Mb / 59P
   GS9092A GenLINX-R III 270Mb/s Serializer for SDI and DVB-ASI
logo
Semtech Corporation
GS9092A SEMTECH-GS9092A Datasheet
4Mb / 61P
   270Mb/s Serializer for SDI and DVB-ASI
logo
Gennum Corporation
GS9092ACNE3 GENNUM-GS9092ACNE3 Datasheet
1Mb / 59P
   GS9092A GenLINX-R III 270Mb/s Serializer for SDI and DVB-ASI
More results

Similar Description - GS9092A

ManufacturerPart #DatasheetDescription
logo
Gennum Corporation
GS9092A GENNUM-GS9092A Datasheet
1Mb / 59P
   GS9092A GenLINX-R III 270Mb/s Serializer for SDI and DVB-ASI
GS9092 GENNUM-GS9092 Datasheet
1Mb / 58P
   GS9092 GenLINX-R III 270Mb/s Serializer for SDI and DVB-ASI
logo
Semtech Corporation
GS9092A SEMTECH-GS9092A Datasheet
4Mb / 61P
   270Mb/s Serializer for SDI and DVB-ASI
logo
Gennum Corporation
GS9090 GENNUM-GS9090 Datasheet
1Mb / 70P
   GS9090 GenLINX-R III 270Mb/s Deserializer for SDI and DVB-ASI
GS9091B GENNUM-GS9091B Datasheet
1Mb / 71P
   GenLINX II 270Mb/s Deserializer for SDI and DVB-ASI
logo
Semtech Corporation
GS9091B SEMTECH-GS9091B Datasheet
4Mb / 73P
   270Mb/s Deserializer for SDI and DVB-ASI
logo
Gennum Corporation
GS9090B GENNUM-GS9090B_10 Datasheet
1Mb / 72P
   GenLINX III 270Mb/s Deserializer for SDI
GS9090A GENNUM-GS9090A Datasheet
1Mb / 69P
   GS9090A GenLINX-R III 270Mb/s Deserializer for SDI
GS9090A GENNUM-GS9090A_10 Datasheet
1Mb / 73P
   GenLINX III 270Mb/s Deserializer
GS9062 GENNUM-GS9062 Datasheet
790Kb / 46P
   GS9062 HD-LINX-TM II SD-SDI and DVB-ASI Serializer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com