Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

GS9092A Datasheet(PDF) 11 Page - Gennum Corporation

Part # GS9092A
Description  GenLINX III 270Mb/s Serializer for SDI and DVB-ASI
Download  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GENNUM [Gennum Corporation]
Direct Link  http://www.gennum.com
Logo GENNUM - Gennum Corporation

GS9092A Datasheet(HTML) 11 Page - Gennum Corporation

Back Button GS9092A Datasheet HTML 7Page - Gennum Corporation GS9092A Datasheet HTML 8Page - Gennum Corporation GS9092A Datasheet HTML 9Page - Gennum Corporation GS9092A Datasheet HTML 10Page - Gennum Corporation GS9092A Datasheet HTML 11Page - Gennum Corporation GS9092A Datasheet HTML 12Page - Gennum Corporation GS9092A Datasheet HTML 13Page - Gennum Corporation GS9092A Datasheet HTML 14Page - Gennum Corporation GS9092A Datasheet HTML 15Page - Gennum Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 63 page
background image
GS9092A GenLINX® III 270Mb/s Serializer for SDI and
DVB-ASI
Data Sheet
34715 - 4
May 2010
11 of 63
2. Electrical Characteristics
2.1 Absolute Maximum Ratings
2.2 DC Electrical Characteristics
55
VCO_GND
Analog
Input
Power
Ground connection for Voltage-Controlled-Oscillator. Connect to
GND.
56
LF+
Analog
Input
Loop filter component connection. Connect to LF- through a
capacitor. See Typical Application Circuit on page 59.
Center Pad
–Power
Connect to GND following recommendations in Recommended PCB
Footprint on page 61.
Table 1-1: Pin Descriptions (Continued)
Pin Number
Name
Timing
Type
Description
Parameter
Value/Units
Supply Voltage Core
-0.3V to +2.1V
Supply Voltage I/O
-0.3V to +3.47V
Input Voltage Range (any input)
-2.0V to +5.25V
Ambient Operating Temperature
-20°C < TA < 85°C
Storage Temperature
-40°C < TSTG < 125°C
ESD protection on all pins (see Note 1)
500 V
NOTES:
1. HBM, per JESDA - 114B
Table 2-1: DC Electrical Characteristics
VDD = 1.8V, TA = 0°C to 70°C, unless otherwise specified.
Parameter
Symbol
Condition
Min
Typ
Max
Units
Notes
System
Operating Temperature
Range
TA
0
25
70
°C
1
Core power supply voltage
CORE_VDD
1.71
1.8
1.89
V
Digital I/O Buffer Power
Supply Voltage
IO_VDD
1.8V Operation
1.71
1.8
1.89
V
IO_VDD
3.3V Operation
3.13
3.3
3.47
V


Similar Part No. - GS9092A

ManufacturerPart #DatasheetDescription
logo
Gennum Corporation
GS9092A GENNUM-GS9092A Datasheet
1Mb / 59P
   GS9092A GenLINX-R III 270Mb/s Serializer for SDI and DVB-ASI
logo
Semtech Corporation
GS9092A SEMTECH-GS9092A Datasheet
4Mb / 61P
   270Mb/s Serializer for SDI and DVB-ASI
logo
Gennum Corporation
GS9092ACNE3 GENNUM-GS9092ACNE3 Datasheet
1Mb / 59P
   GS9092A GenLINX-R III 270Mb/s Serializer for SDI and DVB-ASI
More results

Similar Description - GS9092A

ManufacturerPart #DatasheetDescription
logo
Gennum Corporation
GS9092A GENNUM-GS9092A Datasheet
1Mb / 59P
   GS9092A GenLINX-R III 270Mb/s Serializer for SDI and DVB-ASI
GS9092 GENNUM-GS9092 Datasheet
1Mb / 58P
   GS9092 GenLINX-R III 270Mb/s Serializer for SDI and DVB-ASI
logo
Semtech Corporation
GS9092A SEMTECH-GS9092A Datasheet
4Mb / 61P
   270Mb/s Serializer for SDI and DVB-ASI
logo
Gennum Corporation
GS9090 GENNUM-GS9090 Datasheet
1Mb / 70P
   GS9090 GenLINX-R III 270Mb/s Deserializer for SDI and DVB-ASI
GS9091B GENNUM-GS9091B Datasheet
1Mb / 71P
   GenLINX II 270Mb/s Deserializer for SDI and DVB-ASI
logo
Semtech Corporation
GS9091B SEMTECH-GS9091B Datasheet
4Mb / 73P
   270Mb/s Deserializer for SDI and DVB-ASI
logo
Gennum Corporation
GS9090B GENNUM-GS9090B_10 Datasheet
1Mb / 72P
   GenLINX III 270Mb/s Deserializer for SDI
GS9090A GENNUM-GS9090A Datasheet
1Mb / 69P
   GS9090A GenLINX-R III 270Mb/s Deserializer for SDI
GS9090A GENNUM-GS9090A_10 Datasheet
1Mb / 73P
   GenLINX III 270Mb/s Deserializer
GS9062 GENNUM-GS9062 Datasheet
790Kb / 46P
   GS9062 HD-LINX-TM II SD-SDI and DVB-ASI Serializer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com