Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

GS9092A Datasheet(PDF) 1 Page - Gennum Corporation

Part # GS9092A
Description  GenLINX III 270Mb/s Serializer for SDI and DVB-ASI
Download  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GENNUM [Gennum Corporation]
Direct Link  http://www.gennum.com
Logo GENNUM - Gennum Corporation

GS9092A Datasheet(HTML) 1 Page - Gennum Corporation

  GS9092A Datasheet HTML 1Page - Gennum Corporation GS9092A Datasheet HTML 2Page - Gennum Corporation GS9092A Datasheet HTML 3Page - Gennum Corporation GS9092A Datasheet HTML 4Page - Gennum Corporation GS9092A Datasheet HTML 5Page - Gennum Corporation GS9092A Datasheet HTML 6Page - Gennum Corporation GS9092A Datasheet HTML 7Page - Gennum Corporation GS9092A Datasheet HTML 8Page - Gennum Corporation GS9092A Datasheet HTML 9Page - Gennum Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 63 page
background image
1 of 63
GS9092A GenLINX® III 270Mb/s Serializer for SDI and
DVB-ASI
Data Sheet
34715 - 4
May 2010
GS9092A GenLINX® III 270Mb/s Serializer for SDI and DVB-ASI
www.gennum.com
Key Features
• SMPTE 259M-C compliant scrambling and NRZI to NRZ
encoding (with bypass)
• DVB-ASI sync word insertion and 8b/10b encoding
• Integrated Cable Driver
• Integrated line-based FIFO for data alignment/delay,
clock phase interchange, DVB-ASI data packet
insertion, and ancillary data packet insertion
• User selectable additional processing features
including:
ANC data checksum, and line number calculation
and insertion
TRS and EDH packet generation and insertion
illegal code remapping
• Enhanced Gennum Serial Peripheral Interface (GSPI)
•JTAG test interface
• +1.8V internal cable driver and core power supply
• Optional +1.8V or +3.3V digital I/O power supply
• Small footprint (8mm x 8mm)
• Low power operation (typically 200mW)
• Pb-free and RoHS compliant
Applications
• SMPTE 259M-C Serial Digital Interfaces
• DVB-ASI Serial Digital Interfaces
Description
The GS9092A is a 270Mb/s serializer with an internal FIFO
and an integrated cable driver. It contains all the necessary
blocks to realize a transmit solution for SD-SDI and
DVB-ASI applications.
In addition to serializing the input data stream, the
GS9092A performs NRZI-to-NRZ encoding and scrambling
as per SMPTE 259M-C when operating in SMPTE mode.
When operating in DVB-ASI mode, the device will insert
K28.5 sync characters and 8b/10b encode the data prior to
serialization.
Parallel data inputs are provided for 10-bit multiplexed
formats at SD signal rates. A 27MHz parallel clock input
signal is also required.
The integrated cable driver features an adjustable signal
swing and common mode operating point offering fully
compliant SMPTE 259M-C cable driver connectivity.
The GS9092A includes a range of data processing functions
such as automatic standards detection and EDH support.
The device can also insert TRS signals, re-map illegal code
words, and generate and insert SMPTE 352M payload
identifier packets. All processing features are optional and
may be enabled/disabled via external control pin(s) and/or
host interface programming.
The GS9092A also incorporates a video line-based FIFO.
This FIFO may be used in four user-selectable modes to
carry out tasks such as data delay, clock phase interchange,
MPEG packet insertion and clock rate interchange, and
ancillary data packet insertion.
The device may also be used as a low-latency
parallel-to-serial converter where the SMPTE scrambling
block will be the only processing feature enabled.
The GS9092A is Pb-free, and the encapsulation compound
does not contain halogenated flame retardant (RoHS
compliant).


Similar Part No. - GS9092A

ManufacturerPart #DatasheetDescription
logo
Gennum Corporation
GS9092A GENNUM-GS9092A Datasheet
1Mb / 59P
   GS9092A GenLINX-R III 270Mb/s Serializer for SDI and DVB-ASI
logo
Semtech Corporation
GS9092A SEMTECH-GS9092A Datasheet
4Mb / 61P
   270Mb/s Serializer for SDI and DVB-ASI
logo
Gennum Corporation
GS9092ACNE3 GENNUM-GS9092ACNE3 Datasheet
1Mb / 59P
   GS9092A GenLINX-R III 270Mb/s Serializer for SDI and DVB-ASI
More results

Similar Description - GS9092A

ManufacturerPart #DatasheetDescription
logo
Gennum Corporation
GS9092A GENNUM-GS9092A Datasheet
1Mb / 59P
   GS9092A GenLINX-R III 270Mb/s Serializer for SDI and DVB-ASI
GS9092 GENNUM-GS9092 Datasheet
1Mb / 58P
   GS9092 GenLINX-R III 270Mb/s Serializer for SDI and DVB-ASI
logo
Semtech Corporation
GS9092A SEMTECH-GS9092A Datasheet
4Mb / 61P
   270Mb/s Serializer for SDI and DVB-ASI
logo
Gennum Corporation
GS9090 GENNUM-GS9090 Datasheet
1Mb / 70P
   GS9090 GenLINX-R III 270Mb/s Deserializer for SDI and DVB-ASI
GS9091B GENNUM-GS9091B Datasheet
1Mb / 71P
   GenLINX II 270Mb/s Deserializer for SDI and DVB-ASI
logo
Semtech Corporation
GS9091B SEMTECH-GS9091B Datasheet
4Mb / 73P
   270Mb/s Deserializer for SDI and DVB-ASI
logo
Gennum Corporation
GS9090B GENNUM-GS9090B_10 Datasheet
1Mb / 72P
   GenLINX III 270Mb/s Deserializer for SDI
GS9090A GENNUM-GS9090A Datasheet
1Mb / 69P
   GS9090A GenLINX-R III 270Mb/s Deserializer for SDI
GS9090A GENNUM-GS9090A_10 Datasheet
1Mb / 73P
   GenLINX III 270Mb/s Deserializer
GS9062 GENNUM-GS9062 Datasheet
790Kb / 46P
   GS9062 HD-LINX-TM II SD-SDI and DVB-ASI Serializer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com