Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

GS9092A Datasheet(PDF) 59 Page - Gennum Corporation

Part # GS9092A
Description  GenLINX III 270Mb/s Serializer for SDI and DVB-ASI
Download  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GENNUM [Gennum Corporation]
Direct Link  http://www.gennum.com
Logo GENNUM - Gennum Corporation

GS9092A Datasheet(HTML) 59 Page - Gennum Corporation

Back Button GS9092A Datasheet HTML 55Page - Gennum Corporation GS9092A Datasheet HTML 56Page - Gennum Corporation GS9092A Datasheet HTML 57Page - Gennum Corporation GS9092A Datasheet HTML 58Page - Gennum Corporation GS9092A Datasheet HTML 59Page - Gennum Corporation GS9092A Datasheet HTML 60Page - Gennum Corporation GS9092A Datasheet HTML 61Page - Gennum Corporation GS9092A Datasheet HTML 62Page - Gennum Corporation GS9092A Datasheet HTML 63Page - Gennum Corporation  
Zoom Inzoom in Zoom Outzoom out
 59 / 63 page
background image
GS9092A GenLINX® III 270Mb/s Serializer for SDI and
DVB-ASI
Data Sheet
34715 - 4
May 2010
59 of 63
5. Application Information
5.1 Typical Application Circuit
RES ETb
SDO
SDO b
IOP RO C_EN
R
L
JTAG_EN
SDO _EN
W R_RESETb
WR_CL K
DATA 9
DATA 8
DATA 7
DATA 6
DATA 5
DATA 4
DATA 3
DATA 2
DATA 1
DATA 0
R
L
SD O _EN
IOP RO C_EN
JTAG_EN
RES E Tb
DETEC T_TR S
BLANKb
S MPT E _BYPAS S b
W R_RESETb
WR_CL K
DVB _ASI
FIF O_EN
DATA [9..0]
PC L K
SDIN_TDI
SCL K_TC K
CSb_TMS
S DOUT_TDO
IOP RO C_EN
SD O _EN
JTAG_EN
RES ETb
DETEC T_TR S
BLANKb
S MPTE _BYPAS S b
W R_R ESETb
WR_CL K
DVB _ASI
FIF O_EN
STAT 2
STAT 1
STAT 0
GND _A
+1.8V_A
GND _D
GND _A
+1.8V
IO_VDD
GND _D
IO_VDD
GND _D
IO_VDD
+1.8V
GND _A
GND _D
GND _D
GND _D
GND _D
GND _A
GND _D
+1.8V
+1.8V_ A
+1.8V_A
+1.8V_A
GND _A
GND _A
+1.8V_A
GND _A
GND _A
GND _D
GND _D
10n
10n
1u
1u
NP
10n
10n
10n
10n
10n
10n
75
75
1u
1u
10n
10n
10n
10n
Rt
Rt
10n
0
0
10n
10n
1u
1u
10n
10n
1u
1u
Ct
Ct
NP
Ct
Ct
75
75
47n
4.7u
4.7u
281R (+/- 1%)
281R (+/- 1%)
33R
33R
1u
1u
10n
10n
BNC
BNC
LF-
1
PLL_GND
2
PLL_VDD
3
CD_VDD
4
SDO
5
SDO
6
CD_GND
7
NC
8
RSE T
9
VBG
10
SDO_EN
11
IOPRO C_EN
12
JTAG_EN
13
RES ET
14
IO_GND
42
DIN9
41
DIN8
40
DIN7
39
DIN6
38
DIN5
37
DIN4
36
DIN3
35
DIN2
34
DIN1
33
DIN0
32
WR_RESET
31
WR_CLK
30
IO_VDD
29
G S 9092
U3
G S 9092A
1u
1u
NP
NP
Rt
Rt
0
0
10n
10n
BNC
BNC
4.7u
4.7u
Unused GSPI inputs should
be pulled up to IO_VDD.
R, L and C form the output return loss
compensation network.
Values are subject to change.
Rt and Ct values based on
GSPI trace layout.
GND _D
Rt
Rt
Ct
Ct
C
C
GND _A
1u
GND _A
+1.8V_A
A
GND _
NP
GND _
NP
A
Provisions for loop bandwidth
control if required by application


Similar Part No. - GS9092A

ManufacturerPart #DatasheetDescription
logo
Gennum Corporation
GS9092A GENNUM-GS9092A Datasheet
1Mb / 59P
   GS9092A GenLINX-R III 270Mb/s Serializer for SDI and DVB-ASI
logo
Semtech Corporation
GS9092A SEMTECH-GS9092A Datasheet
4Mb / 61P
   270Mb/s Serializer for SDI and DVB-ASI
logo
Gennum Corporation
GS9092ACNE3 GENNUM-GS9092ACNE3 Datasheet
1Mb / 59P
   GS9092A GenLINX-R III 270Mb/s Serializer for SDI and DVB-ASI
More results

Similar Description - GS9092A

ManufacturerPart #DatasheetDescription
logo
Gennum Corporation
GS9092A GENNUM-GS9092A Datasheet
1Mb / 59P
   GS9092A GenLINX-R III 270Mb/s Serializer for SDI and DVB-ASI
GS9092 GENNUM-GS9092 Datasheet
1Mb / 58P
   GS9092 GenLINX-R III 270Mb/s Serializer for SDI and DVB-ASI
logo
Semtech Corporation
GS9092A SEMTECH-GS9092A Datasheet
4Mb / 61P
   270Mb/s Serializer for SDI and DVB-ASI
logo
Gennum Corporation
GS9090 GENNUM-GS9090 Datasheet
1Mb / 70P
   GS9090 GenLINX-R III 270Mb/s Deserializer for SDI and DVB-ASI
GS9091B GENNUM-GS9091B Datasheet
1Mb / 71P
   GenLINX II 270Mb/s Deserializer for SDI and DVB-ASI
logo
Semtech Corporation
GS9091B SEMTECH-GS9091B Datasheet
4Mb / 73P
   270Mb/s Deserializer for SDI and DVB-ASI
logo
Gennum Corporation
GS9090B GENNUM-GS9090B_10 Datasheet
1Mb / 72P
   GenLINX III 270Mb/s Deserializer for SDI
GS9090A GENNUM-GS9090A Datasheet
1Mb / 69P
   GS9090A GenLINX-R III 270Mb/s Deserializer for SDI
GS9090A GENNUM-GS9090A_10 Datasheet
1Mb / 73P
   GenLINX III 270Mb/s Deserializer
GS9062 GENNUM-GS9062 Datasheet
790Kb / 46P
   GS9062 HD-LINX-TM II SD-SDI and DVB-ASI Serializer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com