Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

GS9092A Datasheet(PDF) 54 Page - Gennum Corporation

Part # GS9092A
Description  GenLINX III 270Mb/s Serializer for SDI and DVB-ASI
Download  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GENNUM [Gennum Corporation]
Direct Link  http://www.gennum.com
Logo GENNUM - Gennum Corporation

GS9092A Datasheet(HTML) 54 Page - Gennum Corporation

Back Button GS9092A Datasheet HTML 50Page - Gennum Corporation GS9092A Datasheet HTML 51Page - Gennum Corporation GS9092A Datasheet HTML 52Page - Gennum Corporation GS9092A Datasheet HTML 53Page - Gennum Corporation GS9092A Datasheet HTML 54Page - Gennum Corporation GS9092A Datasheet HTML 55Page - Gennum Corporation GS9092A Datasheet HTML 56Page - Gennum Corporation GS9092A Datasheet HTML 57Page - Gennum Corporation GS9092A Datasheet HTML 58Page - Gennum Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 54 / 63 page
background image
GS9092A GenLINX® III 270Mb/s Serializer for SDI and
DVB-ASI
Data Sheet
34715 - 4
May 2010
54 of 63
3.13.1 Command Word Description
The command word consists of a 16-bit word transmitted MSB first and contains a
read/write bit, an Auto-Increment bit and a 12-bit address. Figure 3-13 shows the
command word format and bit configurations.
Command words are clocked into the GS9092A on the rising edge of the serial clock
SCLK, which operates in a burst fashion.
When the Auto-Increment bit is set LOW, each command word must be followed by
only one data word to ensure proper operation. If the Auto-Increment bit is set HIGH,
the following data word will be written into the address specified in the command word,
and subsequent data words will be written into incremental addresses from the
previous data word. This facilitates multiple address writes without sending a command
word for each data word.
Auto-Increment may be used for both read and write access.
3.13.2 Data Read and Write Timing
Read and write mode timing for the GSPI interface is shown in Figure 3-15 and
Figure 3-16 respectively. The timing parameters are defined in Table 3-13.
When several devices are connected to the GSPI chain, only one CS must be asserted
during a read sequence.
During the write sequence, all command and following data words input at the SDIN pin
are output at the SDOUT pin as is. Where several devices are connected to the GSPI
chain, data can be written simultaneously to all the devices that have CS set LOW.
Table 3-13: GSPI Timing Parameters
Parameter
Definition
Specification
t0
The minimum duration of time chip select, CS, must be
LOW before the first SCLK rising edge.
1.5 ns
t1
The minimum SCLK period.
18.5 ns
t2
Duty cycle tolerated by SCLK.
40% to 60%
t3
Minimum input setup time.
1.5 ns
t4
Write Cycle: the minimum duration of time between
the last SCLK command (or data word if the
Auto-Increment bit is HIGH) and the first SCLK of the
data word.
37.1 ns
t5
Read Cycle: the minimum duration of time between
the last SCLK command (or data word if the
Auto-Increment bit is HIGH) and the first SCLK of the
data word.
148.4 ns


Similar Part No. - GS9092A

ManufacturerPart #DatasheetDescription
logo
Gennum Corporation
GS9092A GENNUM-GS9092A Datasheet
1Mb / 59P
   GS9092A GenLINX-R III 270Mb/s Serializer for SDI and DVB-ASI
logo
Semtech Corporation
GS9092A SEMTECH-GS9092A Datasheet
4Mb / 61P
   270Mb/s Serializer for SDI and DVB-ASI
logo
Gennum Corporation
GS9092ACNE3 GENNUM-GS9092ACNE3 Datasheet
1Mb / 59P
   GS9092A GenLINX-R III 270Mb/s Serializer for SDI and DVB-ASI
More results

Similar Description - GS9092A

ManufacturerPart #DatasheetDescription
logo
Gennum Corporation
GS9092A GENNUM-GS9092A Datasheet
1Mb / 59P
   GS9092A GenLINX-R III 270Mb/s Serializer for SDI and DVB-ASI
GS9092 GENNUM-GS9092 Datasheet
1Mb / 58P
   GS9092 GenLINX-R III 270Mb/s Serializer for SDI and DVB-ASI
logo
Semtech Corporation
GS9092A SEMTECH-GS9092A Datasheet
4Mb / 61P
   270Mb/s Serializer for SDI and DVB-ASI
logo
Gennum Corporation
GS9090 GENNUM-GS9090 Datasheet
1Mb / 70P
   GS9090 GenLINX-R III 270Mb/s Deserializer for SDI and DVB-ASI
GS9091B GENNUM-GS9091B Datasheet
1Mb / 71P
   GenLINX II 270Mb/s Deserializer for SDI and DVB-ASI
logo
Semtech Corporation
GS9091B SEMTECH-GS9091B Datasheet
4Mb / 73P
   270Mb/s Deserializer for SDI and DVB-ASI
logo
Gennum Corporation
GS9090B GENNUM-GS9090B_10 Datasheet
1Mb / 72P
   GenLINX III 270Mb/s Deserializer for SDI
GS9090A GENNUM-GS9090A Datasheet
1Mb / 69P
   GS9090A GenLINX-R III 270Mb/s Deserializer for SDI
GS9090A GENNUM-GS9090A_10 Datasheet
1Mb / 73P
   GenLINX III 270Mb/s Deserializer
GS9062 GENNUM-GS9062 Datasheet
790Kb / 46P
   GS9062 HD-LINX-TM II SD-SDI and DVB-ASI Serializer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com