Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

GS9092A Datasheet(PDF) 52 Page - Gennum Corporation

Part # GS9092A
Description  GenLINX III 270Mb/s Serializer for SDI and DVB-ASI
Download  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GENNUM [Gennum Corporation]
Direct Link  http://www.gennum.com
Logo GENNUM - Gennum Corporation

GS9092A Datasheet(HTML) 52 Page - Gennum Corporation

Back Button GS9092A Datasheet HTML 48Page - Gennum Corporation GS9092A Datasheet HTML 49Page - Gennum Corporation GS9092A Datasheet HTML 50Page - Gennum Corporation GS9092A Datasheet HTML 51Page - Gennum Corporation GS9092A Datasheet HTML 52Page - Gennum Corporation GS9092A Datasheet HTML 53Page - Gennum Corporation GS9092A Datasheet HTML 54Page - Gennum Corporation GS9092A Datasheet HTML 55Page - Gennum Corporation GS9092A Datasheet HTML 56Page - Gennum Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 63 page
background image
GS9092A GenLINX® III 270Mb/s Serializer for SDI and
DVB-ASI
Data Sheet
34715 - 4
May 2010
52 of 63
NOTE: The FIFO_FULL and FIFO_EMPTY flags can only be displayed on the STAT[2:0]
pins when the device is in DVB-ASI mode. If the FIFO_FULL or FIFO_EMPTY value (100b
and 101b respectively) is programmed into the IO_CONFIG registers when the device is
in SMPTE mode, the value will be ignored and the I/O pin will be set to a high impedance
state.
3.12 Low Latency Mode
When the IOPROC_EN pin is set LOW, the GS9092A will enter a low-latency mode such
that the serial digital data will be output with the minimum PCLK latency possible. The
FIFO and all processing blocks except the SMPTE scrambling block will be bypassed
when SMPTE_BYPASS is HIGH.
Low-latency mode will also be selected when SMPTE_BYPASS is set LOW, regardless of
the setting of the IOPROC_EN signal (see Table 3-12).
In DVB-ASI mode (DVB-ASI Mode on page 36), the device will have a higher latency
then low-latency mode, although this latency will be less than SMPTE mode (SMPTE
Mode on page 35).
Table 3-11: STAT [2:0] Output Default Configuration
Device Configuration
IO_CONFIG Register
I/O
Function
Default IO_CONFIG
Setting
SMPTE Functionality
SMPTE_BYPASS = HIGH
DVB_ASI = LOW
FIFO: Video Mode or Ancillary
Data Insertion Mode
STAT0_CONFIG
I/O
H
000b
STAT1_CONFIG
I/O
V
001b
STAT2_CONFIG
I/O
F
010b
DVB-ASI
DVB_ASI = HIGH
FIFO: DVB-ASI Mode
STAT0_CONFIG
Output
FIFO_FULL
110b
STAT1_CONFIG
Output
FIFO_EMPTY
111b
STAT2_CONFIG
Output
High Z
000b
Data-Through
SMPTE_BYPASS = LOW
DVB_ASI = LOW
STAT0_CONFIG
Output
High Z
000b
STAT1_CONFIG
Output
High Z
000b
STAT2_CONFIG
Output
High Z
000b
Table 3-12: Pin Settings in Low-latency Mode
IOPROC_EN Setting
SMPTE_BYPASS Setting
Latency
(PCLK Cycles)
LOW
LOW
9
HIGHLOW
10
LOW
HIGH8
HIGHHIGH21


Similar Part No. - GS9092A

ManufacturerPart #DatasheetDescription
logo
Gennum Corporation
GS9092A GENNUM-GS9092A Datasheet
1Mb / 59P
   GS9092A GenLINX-R III 270Mb/s Serializer for SDI and DVB-ASI
logo
Semtech Corporation
GS9092A SEMTECH-GS9092A Datasheet
4Mb / 61P
   270Mb/s Serializer for SDI and DVB-ASI
logo
Gennum Corporation
GS9092ACNE3 GENNUM-GS9092ACNE3 Datasheet
1Mb / 59P
   GS9092A GenLINX-R III 270Mb/s Serializer for SDI and DVB-ASI
More results

Similar Description - GS9092A

ManufacturerPart #DatasheetDescription
logo
Gennum Corporation
GS9092A GENNUM-GS9092A Datasheet
1Mb / 59P
   GS9092A GenLINX-R III 270Mb/s Serializer for SDI and DVB-ASI
GS9092 GENNUM-GS9092 Datasheet
1Mb / 58P
   GS9092 GenLINX-R III 270Mb/s Serializer for SDI and DVB-ASI
logo
Semtech Corporation
GS9092A SEMTECH-GS9092A Datasheet
4Mb / 61P
   270Mb/s Serializer for SDI and DVB-ASI
logo
Gennum Corporation
GS9090 GENNUM-GS9090 Datasheet
1Mb / 70P
   GS9090 GenLINX-R III 270Mb/s Deserializer for SDI and DVB-ASI
GS9091B GENNUM-GS9091B Datasheet
1Mb / 71P
   GenLINX II 270Mb/s Deserializer for SDI and DVB-ASI
logo
Semtech Corporation
GS9091B SEMTECH-GS9091B Datasheet
4Mb / 73P
   270Mb/s Deserializer for SDI and DVB-ASI
logo
Gennum Corporation
GS9090B GENNUM-GS9090B_10 Datasheet
1Mb / 72P
   GenLINX III 270Mb/s Deserializer for SDI
GS9090A GENNUM-GS9090A Datasheet
1Mb / 69P
   GS9090A GenLINX-R III 270Mb/s Deserializer for SDI
GS9090A GENNUM-GS9090A_10 Datasheet
1Mb / 73P
   GenLINX III 270Mb/s Deserializer
GS9062 GENNUM-GS9062 Datasheet
790Kb / 46P
   GS9062 HD-LINX-TM II SD-SDI and DVB-ASI Serializer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com