Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

GS9092A Datasheet(PDF) 48 Page - Gennum Corporation

Part # GS9092A
Description  GenLINX III 270Mb/s Serializer for SDI and DVB-ASI
Download  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GENNUM [Gennum Corporation]
Direct Link  http://www.gennum.com
Logo GENNUM - Gennum Corporation

GS9092A Datasheet(HTML) 48 Page - Gennum Corporation

Back Button GS9092A Datasheet HTML 44Page - Gennum Corporation GS9092A Datasheet HTML 45Page - Gennum Corporation GS9092A Datasheet HTML 46Page - Gennum Corporation GS9092A Datasheet HTML 47Page - Gennum Corporation GS9092A Datasheet HTML 48Page - Gennum Corporation GS9092A Datasheet HTML 49Page - Gennum Corporation GS9092A Datasheet HTML 50Page - Gennum Corporation GS9092A Datasheet HTML 51Page - Gennum Corporation GS9092A Datasheet HTML 52Page - Gennum Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 63 page
background image
GS9092A GenLINX® III 270Mb/s Serializer for SDI and
DVB-ASI
Data Sheet
34715 - 4
May 2010
48 of 63
3.7.3.4 Ancillary Data Checksum Generation and Insertion
The GS9092A will calculate checksums for all detected ancillary data packets presented
to the device. These calculated checksum values are inserted into the data stream prior
to serialization.
Ancillary data checksum generation and insertion will only take place if the
ANC_CSUM_INS bit of the IOPROC_DISABLE register is set LOW.
3.7.3.5 TRS Generation and Insertion
The GS9092A can generate and insert 10-bit TRS code words into the data stream as
required. This feature is enabled by setting the TRS_INS bit of the IOPROC_DISABLE
register LOW.
TRS word generation will be performed in accordance with the timing parameters,
which will be locked either to the received TRS ID words or the supplied H, V, and F
timing signals.
3.8 Parallel-to-Serial Conversion
The parallel data output of the internal data processing blocks is fed to the
parallel-to-serial converter. The function of this block is to generate a serial data stream
from the 10-bit parallel data words.
3.9 Serial Digital Data PLL
The input PCLK pin is internally connected to an integrated phase-locked loop. This PLL
is also responsible for generating all internal clock signals required by the device. An
internal VCO provides the transmission clock rate for the GS9092A.
The PLL and VCO each require a +1.8V DC power supply, which is supplied via the
VCO_VDD / VCO_GND and PLL_VDD / PLL_GND pins. A loop filter capacitor should
also be connected between the LF+ and LF- pins. See Typical Application Circuit on
page 59.
NOTE: For a SMPTE compliant serial output, the jitter on the input PCLK across the
frequency spectrum should not exceed 350ps.


Similar Part No. - GS9092A

ManufacturerPart #DatasheetDescription
logo
Gennum Corporation
GS9092A GENNUM-GS9092A Datasheet
1Mb / 59P
GS9092A GenLINX-R III 270Mb/s Serializer for SDI and DVB-ASI
logo
Semtech Corporation
GS9092A SEMTECH-GS9092A Datasheet
4Mb / 61P
270Mb/s Serializer for SDI and DVB-ASI
logo
Gennum Corporation
GS9092ACNE3 GENNUM-GS9092ACNE3 Datasheet
1Mb / 59P
GS9092A GenLINX-R III 270Mb/s Serializer for SDI and DVB-ASI
More results

Similar Description - GS9092A

ManufacturerPart #DatasheetDescription
logo
Gennum Corporation
GS9062 GENNUM-GS9062 Datasheet
790Kb / 46P
GS9062 HD-LINX-TM II SD-SDI and DVB-ASI Serializer
GS9090 GENNUM-GS9090 Datasheet
1Mb / 70P
GS9090 GenLINX-R III 270Mb/s Deserializer for SDI and DVB-ASI
GS9090A GENNUM-GS9090A Datasheet
1Mb / 69P
GS9090A GenLINX-R III 270Mb/s Deserializer for SDI
GS9092 GENNUM-GS9092 Datasheet
1Mb / 58P
GS9092 GenLINX-R III 270Mb/s Serializer for SDI and DVB-ASI
GS9092A GENNUM-GS9092A Datasheet
1Mb / 59P
GS9092A GenLINX-R III 270Mb/s Serializer for SDI and DVB-ASI
GS9090A GENNUM-GS9090A_10 Datasheet
1Mb / 73P
GenLINX III 270Mb/s Deserializer
GS9090B GENNUM-GS9090B_10 Datasheet
1Mb / 72P
GenLINX III 270Mb/s Deserializer for SDI
GS9091B GENNUM-GS9091B Datasheet
1Mb / 71P
GenLINX II 270Mb/s Deserializer for SDI and DVB-ASI
logo
Semtech Corporation
GS9091B SEMTECH-GS9091B Datasheet
4Mb / 73P
270Mb/s Deserializer for SDI and DVB-ASI
GS9092A SEMTECH-GS9092A Datasheet
4Mb / 61P
270Mb/s Serializer for SDI and DVB-ASI
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com