Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

GS9090B Datasheet(PDF) 6 Page - Gennum Corporation

Part # GS9090B
Description  GenLINX III 270Mb/s Deserializer for SDI
Download  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GENNUM [Gennum Corporation]
Direct Link  http://www.gennum.com
Logo GENNUM - Gennum Corporation

GS9090B Datasheet(HTML) 6 Page - Gennum Corporation

Back Button GS9090B Datasheet HTML 2Page - Gennum Corporation GS9090B Datasheet HTML 3Page - Gennum Corporation GS9090B Datasheet HTML 4Page - Gennum Corporation GS9090B Datasheet HTML 5Page - Gennum Corporation GS9090B Datasheet HTML 6Page - Gennum Corporation GS9090B Datasheet HTML 7Page - Gennum Corporation GS9090B Datasheet HTML 8Page - Gennum Corporation GS9090B Datasheet HTML 9Page - Gennum Corporation GS9090B Datasheet HTML 10Page - Gennum Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 72 page
background image
GS9090B GenLINX® III 270Mb/s Deserializer for SDI
Data Sheet
40749 - 5
May 2010
6 of 72
Table 1-1: Pin List and Description
Pin Number
Name
Timing
Type
Description
1
LF-
Analog
Input
Loop filter component connection. Connect to pin 56 (LF+) as
shown in Typical Application Circuit (Part B) on page 68.
2PLL_GND
Analog
Input
Power
Ground connection for phase-locked loop. Connect to GND.
3
PLL_VDD
Analog
Input
Power
Power supply connection for phase-locked loop. Connect to +1.8V
DC.
4
BUFF_VDD
Analog
Input
Power
Power supply connection for digital input buffers.
When DDI/DDI are AC coupled, this pin should be left unconnected.
When DDI/DDI are DC coupled, this pin should be connected to
+3.3V as shown in Typical Application Circuit (Part B) on page 68.
See Serial Digital Input on page 22 for more details.
5, 6
DDI, DDI
Analog
Input
Serial digital differential input pair.
7BUFF_GND
Analog
Input
Power
Ground connection for serial digital input buffer. Connect to GND.
8
TERM
Analog
Input
Termination for serial digital input. AC couple to BUFF_GND
9, 11
NC
No connect.
10
VBG
Analog
Input
Bandgap filter capacitor. Connect to GND as shown in Typical
Application Circuit (Part B) on page 68.
12
IOPROC_EN
Non
Synchronous
Input
CONTROL SIGNAL INPUT
Signal Levels are LVCMOS / LVTTL compatible.
Used to enable or disable the I/O processing features.
When set HIGH, the following I/O processing features of the device
are enabled:
• Illegal Code Remapping
• EDH CRC Error Correction
• Ancillary Data Checksum Error Correction
• TRS Error Correction
• EDH Flag Detection
To enable a subset of these features, keep the IOPROC_EN pin
HIGH and disable the individual feature(s) in the IOPROC_DISABLE
register accessible via the host interface.
When set LOW, the device will enter low-latency mode.
NOTE: When the internal FIFO is configured for Video mode or
Ancillary Data Extraction mode, the IOPROC_EN pin must be set
HIGH (see Internal FIFO Operation on page 47).
13
JTAG/HOST
Non
Synchronous
Input
CONTROL SIGNAL INPUT
Signal levels are LVCMOS / LVTTL compatible.
Used to select JTAG Test Mode or Host Interface Mode.
When set HIGH, CS_TMS, SCLK_TCK, SDOUT_TDO, and SDIN_TDI are
configured for JTAG boundary scan testing.
When set LOW, CS_TMS, SCLK_TCK, SDOUT_TDO, and SDIN_TDI are
configured as GSPI pins for normal host interface operation.


Similar Part No. - GS9090B

ManufacturerPart #DatasheetDescription
logo
Gennum Corporation
GS9090B GENNUM-GS9090B Datasheet
1Mb / 71P
   GenLINX짰 III 270Mb/s Deserializer for SDI
logo
Semtech Corporation
GS9090B SEMTECH-GS9090B Datasheet
1Mb / 72P
   270Mb/s Deserializer for SDI
More results

Similar Description - GS9090B

ManufacturerPart #DatasheetDescription
logo
Gennum Corporation
GS9090A GENNUM-GS9090A Datasheet
1Mb / 69P
   GS9090A GenLINX-R III 270Mb/s Deserializer for SDI
GS9090A GENNUM-GS9090A_10 Datasheet
1Mb / 73P
   GenLINX III 270Mb/s Deserializer
GS9090 GENNUM-GS9090 Datasheet
1Mb / 70P
   GS9090 GenLINX-R III 270Mb/s Deserializer for SDI and DVB-ASI
GS9090B GENNUM-GS9090B Datasheet
1Mb / 71P
   GenLINX짰 III 270Mb/s Deserializer for SDI
GS9091B GENNUM-GS9091B Datasheet
1Mb / 71P
   GenLINX II 270Mb/s Deserializer for SDI and DVB-ASI
logo
Semtech Corporation
GS9090B SEMTECH-GS9090B Datasheet
1Mb / 72P
   270Mb/s Deserializer for SDI
logo
Gennum Corporation
GS9092A GENNUM-GS9092A_10 Datasheet
1Mb / 63P
   GenLINX III 270Mb/s Serializer for SDI and DVB-ASI
logo
Semtech Corporation
GS9091B SEMTECH-GS9091B Datasheet
4Mb / 73P
   270Mb/s Deserializer for SDI and DVB-ASI
logo
Gennum Corporation
GS9092A GENNUM-GS9092A Datasheet
1Mb / 59P
   GS9092A GenLINX-R III 270Mb/s Serializer for SDI and DVB-ASI
GS9092 GENNUM-GS9092 Datasheet
1Mb / 58P
   GS9092 GenLINX-R III 270Mb/s Serializer for SDI and DVB-ASI
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com