Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

GS9062 Datasheet(PDF) 9 Page - Gennum Corporation

Part # GS9062
Description  HD-LINX II SD-SDI and DVB-ASI Serializer with ClockCleaner
Download  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GENNUM [Gennum Corporation]
Direct Link  http://www.gennum.com
Logo GENNUM - Gennum Corporation

GS9062 Datasheet(HTML) 9 Page - Gennum Corporation

Back Button GS9062_07 Datasheet HTML 5Page - Gennum Corporation GS9062_07 Datasheet HTML 6Page - Gennum Corporation GS9062_07 Datasheet HTML 7Page - Gennum Corporation GS9062_07 Datasheet HTML 8Page - Gennum Corporation GS9062_07 Datasheet HTML 9Page - Gennum Corporation GS9062_07 Datasheet HTML 10Page - Gennum Corporation GS9062_07 Datasheet HTML 11Page - Gennum Corporation GS9062_07 Datasheet HTML 12Page - Gennum Corporation GS9062_07 Datasheet HTML 13Page - Gennum Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 46 page
background image
GS9062 Data Sheet
22209 - 7
February 2007
9 of 46
33, 68
CORE_GND
Power
Ground connection for the digital core logic. Connect to digital
GND.
34
F
Synchronous
with PCLK
Input
CONTROL SIGNAL INPUT
Signal levels are LVCMOS/LVTTL compatible.
Used to indicate the ODD / EVEN field of the video signal when
DETECT_TRS is set LOW. The device will set the F bit in all
outgoing TRS signals for the entire period that the F input signal
is HIGH (IOPROC_EN/DIS must also be HIGH).
The F signal should be set HIGH for the entire period of field 2
and should be set LOW for all lines in field 1 and for all lines in
progressive scan systems.
The F signal is ignored when DETECT_TRS = HIGH.
35
V
Synchronous
with PCLK
Input
CONTROL SIGNAL INPUT
Signal levels are LVCMOS/LVTTL compatible.
Used to indicate the portion of the video field / frame that is used
for vertical blanking when DETECT_TRS is set LOW. The device
will set the V bit in all outgoing TRS signals for the entire period
that the V input signal is HIGH (IOPROC_EN/DIS must also be
HIGH).
The V signal should be set HIGH for the entire vertical blanking
period and should be set LOW for all lines outside of the vertical
blanking interval.
The V signal is ignored when DETECT_TRS = HIGH.
36
H
Synchronous
with PCLK
Input
CONTROL SIGNAL INPUT
Signal levels are LVCMOS/LVTTL compatible.
Used to indicate the portion of the video line containing active
video data when DETECT_TRS is set LOW. The device will set
the H bit in all outgoing TRS signals for the entire period that the
H input signal is HIGH (IOPROC_EN/DIS must also be HIGH).
H signal timing is configurable via the H_CONFIG bit of the
IOPROC_DISABLE register, accessible via the host interface.
Active Line Blanking (H_CONFIG = 0h)
The H signal should be set HIGH for the entire horizontal
blanking period, including the EAV and SAV TRS words, and
LOW otherwise. This is the default setting.
TRS Based Blanking (H_CONFIG = 1h)
The H signal should be set HIGH for the entire horizontal
blanking period as indicated by the H bit in the received TRS ID
words, and LOW otherwise.
37, 64
CORE_VDD
Power
Power supply connection for the digital core logic. Connect to
+1.8V DC digital.
Table 1-1: Pin Descriptions (Continued)
Pin
Number
Name
Timing
Type
Description


Similar Part No. - GS9062_07

ManufacturerPart #DatasheetDescription
logo
Gennum Corporation
GS9062-CF GENNUM-GS9062-CF Datasheet
790Kb / 46P
   GS9062 HD-LINX-TM II SD-SDI and DVB-ASI Serializer
GS9062-CFE3 GENNUM-GS9062-CFE3 Datasheet
790Kb / 46P
   GS9062 HD-LINX-TM II SD-SDI and DVB-ASI Serializer
More results

Similar Description - GS9062_07

ManufacturerPart #DatasheetDescription
logo
Gennum Corporation
GS9062 GENNUM-GS9062 Datasheet
790Kb / 46P
   GS9062 HD-LINX-TM II SD-SDI and DVB-ASI Serializer
GS9060 GENNUM-GS9060 Datasheet
941Kb / 61P
   HD-LINX II SD-SDI and DVB-ASI Deserializer with Loop-Through Cable Driver
logo
National Semiconductor ...
LMH0340 NSC-LMH0340_08 Datasheet
470Kb / 24P
   3G, HD, SD, DVB-ASI SDI Serializer and Driver with LVDS Interface
logo
Texas Instruments
LMH0041 TI1-LMH0041 Datasheet
944Kb / 33P
[Old version datasheet]   HD, SD, DVB-ASI SDI Deserializer
LMH0340SQE TI1-LMH0340SQE Datasheet
926Kb / 30P
[Old version datasheet]   3 Gbps, HD, SD, DVB-ASI SDI Serializer and Cable Driver With LVDS Interface
logo
National Semiconductor ...
LMH0340 NSC-LMH0340_09 Datasheet
517Kb / 26P
   3 Gbps, HD, SD, DVB-ASI SDI Serializer and Cable Driver with LVDS Interface
LMH0341 NSC-LMH0341_08 Datasheet
530Kb / 28P
   3G, HD, SD, DVB-ASI SDI Deserializer with Loopthrough and LVDS Interface
logo
Semtech Corporation
GS9092A SEMTECH-GS9092A Datasheet
4Mb / 61P
   270Mb/s Serializer for SDI and DVB-ASI
logo
National Semiconductor ...
LMH4345 NSC-LMH4345 Datasheet
166Kb / 6P
   3 Gbps, HD, SD, DVB-ASI SDI Dual Serializer / Deserializer (SER/DES) with Loopthrough and LVDS Interface
LMH0341 NSC-LMH0341_09 Datasheet
578Kb / 28P
   3 Gbps, HD, SD, DVB-ASI SDI Deserializer with Loopthrough and LVDS Interface
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com