Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

GS9062 Datasheet(PDF) 6 Page - Gennum Corporation

Part # GS9062
Description  HD-LINX II SD-SDI and DVB-ASI Serializer with ClockCleaner
Download  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GENNUM [Gennum Corporation]
Direct Link  http://www.gennum.com
Logo GENNUM - Gennum Corporation

GS9062 Datasheet(HTML) 6 Page - Gennum Corporation

Back Button GS9062_07 Datasheet HTML 2Page - Gennum Corporation GS9062_07 Datasheet HTML 3Page - Gennum Corporation GS9062_07 Datasheet HTML 4Page - Gennum Corporation GS9062_07 Datasheet HTML 5Page - Gennum Corporation GS9062_07 Datasheet HTML 6Page - Gennum Corporation GS9062_07 Datasheet HTML 7Page - Gennum Corporation GS9062_07 Datasheet HTML 8Page - Gennum Corporation GS9062_07 Datasheet HTML 9Page - Gennum Corporation GS9062_07 Datasheet HTML 10Page - Gennum Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 46 page
background image
GS9062 Data Sheet
22209 - 7
February 2007
6 of 46
1.2 Pin Descriptions
Table 1-1: Pin Descriptions
Pin
Number
Name
Timing
Type
Description
1
CP_VDD
Power
Power supply connection for the charge pump. Connect to +3.3V
DC analog.
2
PD_GND
Power
Ground connection for the phase detector. Connect to analog
GND.
3
PD_VDD
Power
Power supply connection for the phase detector. Connect to
+1.8V DC analog.
4, 6 – 8,
10 – 11,
14 – 17, 31,
70 – 71
NC
No connect.
5
RSV
Reserved – connect to analog ground.
9
DVB_ASI
Non
Synchronous
Input
CONTROL SIGNAL INPUT
Signal levels are LVCMOS/LVTTL compatible.
When set HIGH in conjunction with SMPTE_BYPASS = LOW,
the device will be configured to operate in DVB-ASI mode.
When set LOW, the device will not support the encoding of
received DVB-ASI data.
12
20bit/10bit
Non
Synchronous
Input
CONTROL SIGNAL INPUT
Signal levels are LVCMOS/LVTTL compatible.
Used to select the input data bus width in SMPTE or
Data-Through modes. This signal is ignored in DVB-ASI mode.
When set HIGH, the parallel input will be 20-bit demultiplexed
data.
When set LOW, the parallel input will be 10-bit multiplexed data.
13
IOPROC_EN/DIS
Non
Synchronous
Input
CONTROL SIGNAL INPUT
Signal levels are LVCMOS/LVTTL compatible.
Used to enable or disable I/O processing features.
When set HIGH, the following I/O processing features of the
device are enabled:
• EDH Packet Generation and Insertion
• SMPTE 352M Packet Generation and Insertion
• ANC Data Checksum Calculation and Insertion
• TRS Generation and Insertion
• Illegal Code Remapping
To enable a subset of these features, keep IOPROC_EN/DIS
HIGH and disable the individual feature(s) in the
IOPROC_DISABLE register accessible via the host interface.
When set LOW, the I/O processing features of the device are
disabled, regardless of whether the features are enabled in the
IOPROC_DISABLE register.


Similar Part No. - GS9062_07

ManufacturerPart #DatasheetDescription
logo
Gennum Corporation
GS9062-CF GENNUM-GS9062-CF Datasheet
790Kb / 46P
   GS9062 HD-LINX-TM II SD-SDI and DVB-ASI Serializer
GS9062-CFE3 GENNUM-GS9062-CFE3 Datasheet
790Kb / 46P
   GS9062 HD-LINX-TM II SD-SDI and DVB-ASI Serializer
More results

Similar Description - GS9062_07

ManufacturerPart #DatasheetDescription
logo
Gennum Corporation
GS9062 GENNUM-GS9062 Datasheet
790Kb / 46P
   GS9062 HD-LINX-TM II SD-SDI and DVB-ASI Serializer
GS9060 GENNUM-GS9060 Datasheet
941Kb / 61P
   HD-LINX II SD-SDI and DVB-ASI Deserializer with Loop-Through Cable Driver
logo
National Semiconductor ...
LMH0340 NSC-LMH0340_08 Datasheet
470Kb / 24P
   3G, HD, SD, DVB-ASI SDI Serializer and Driver with LVDS Interface
logo
Texas Instruments
LMH0041 TI1-LMH0041 Datasheet
944Kb / 33P
[Old version datasheet]   HD, SD, DVB-ASI SDI Deserializer
LMH0340SQE TI1-LMH0340SQE Datasheet
926Kb / 30P
[Old version datasheet]   3 Gbps, HD, SD, DVB-ASI SDI Serializer and Cable Driver With LVDS Interface
logo
National Semiconductor ...
LMH0340 NSC-LMH0340_09 Datasheet
517Kb / 26P
   3 Gbps, HD, SD, DVB-ASI SDI Serializer and Cable Driver with LVDS Interface
LMH0341 NSC-LMH0341_08 Datasheet
530Kb / 28P
   3G, HD, SD, DVB-ASI SDI Deserializer with Loopthrough and LVDS Interface
logo
Semtech Corporation
GS9092A SEMTECH-GS9092A Datasheet
4Mb / 61P
   270Mb/s Serializer for SDI and DVB-ASI
logo
National Semiconductor ...
LMH4345 NSC-LMH4345 Datasheet
166Kb / 6P
   3 Gbps, HD, SD, DVB-ASI SDI Dual Serializer / Deserializer (SER/DES) with Loopthrough and LVDS Interface
LMH0341 NSC-LMH0341_09 Datasheet
578Kb / 28P
   3 Gbps, HD, SD, DVB-ASI SDI Deserializer with Loopthrough and LVDS Interface
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com