Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TUSB8040_1110 Datasheet(PDF) 15 Page - Texas Instruments

Part # TUSB8040_1110
Description  USB 3.0 Four Port Hub
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TUSB8040_1110 Datasheet(HTML) 15 Page - Texas Instruments

Back Button TUSB8040_1110 Datasheet HTML 11Page - Texas Instruments TUSB8040_1110 Datasheet HTML 12Page - Texas Instruments TUSB8040_1110 Datasheet HTML 13Page - Texas Instruments TUSB8040_1110 Datasheet HTML 14Page - Texas Instruments TUSB8040_1110 Datasheet HTML 15Page - Texas Instruments TUSB8040_1110 Datasheet HTML 16Page - Texas Instruments TUSB8040_1110 Datasheet HTML 17Page - Texas Instruments TUSB8040_1110 Datasheet HTML 18Page - Texas Instruments TUSB8040_1110 Datasheet HTML 19Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 33 page
background image
TUSB8040
www.ti.com
SLLSE42F
– SEPTEMBER 2010 – REVISED OCTOBER 2011
Table 2-5. Test and Miscellaneous Signals (continued)
PIN NO.
SIGNAL NAME
TYPE
DESCRIPTION
PFP
RKM
High-speed status. The terminal is to indicate the connection status of the upstream
port as documented below:
0 = Hub in low/full speed mode
HS
O
22
A11
1 = Hub in high-speed mode
Can be left unconnected.
SuperSpeed status. The terminal is to indicate the connection status of the upstream
port as documented below:
0 = Hub not in SuperSpeed mode
SS
O
23
A12
1 = Hub in SuperSpeed mode
Can be left unconnected.
Full power management enable/SMBus address bit 1.
The value of the terminal is sampled at the de-assertion of reset to set the power
switch control follows:
0 = Full power management supported
FULLPWRMGMTz_
1 = Full Power management not supported
I, PU
41
A17
SMBA1
Full power management is the ability to control power to the downstream ports of the
TUSB8040 using the PWRON0z_BATEN0 terminal. When SMBus mode is enabled
using SMBUSz, this terminal sets the value of the SMBus slave address bit 1.
SMBus slave address bits 2 and 3 are always 1 for the TUSB8040.
Can be left unconnected if full power management and SMBus are not implemented.
Ganged operation enable/SMBus Address bit 2.
The value of the terminal is sampled at the deassertion of reset to set the power
switch and over current detection mode as follows:
0 = Individual Power Gangs Supported
GANGED_SMBA2
I, PU
A41
1 = Power Gangs Supported
When SMBus mode is enabled using SMBUSz, this terminal sets the value of the
SMBus slave address bit 2. SMBus slave address bits 2 and 3 are always 1 for the
TUSB8040PFP.
Port Indicator LED Status/SMBus Address bit 3.
The value of the terminal is sampled at the deassertion of reset to determine the port
indicator support for the hub as follows:
0 = Port Indicator LEDs are enabled
PORTINDz_SMBA3
I, PU
B37
1 = Port Indicator LEDs are not enabled
When SMBus mode is enabled using SMBUSz, this terminal sets the value of the
SMBus slave address bit 3. SMBus slave address bits 2 and 3 are always 1 for the
TUSB8040PFP.
Copyright
© 2010–2011, Texas Instruments Incorporated
PIN DESCRIPTIONS
15
Submit Documentation Feedback
Product Folder Link(s): TUSB8040


Similar Part No. - TUSB8040_1110

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TUSB8040A1 TI1-TUSB8040A1 Datasheet
391Kb / 38P
Four-Port USB 3.0 Hub
TUSB8040A1RKMR TI1-TUSB8040A1RKMR Datasheet
391Kb / 38P
Four-Port USB 3.0 Hub
TUSB8040 TI1-TUSB8040_15 Datasheet
363Kb / 32P
USB 3.0 Four Port Hub
More results

Similar Description - TUSB8040_1110

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TUSB8040 TI1-TUSB8040 Datasheet
300Kb / 27P
USB 3.0 Four Port Hub High-Speed Upstream Connection
TUSB8040A TI1-TUSB8040A Datasheet
700Kb / 39P
Four-Port and Two-Port USB 3.0 Hub
TUSB8040A1 TI1-TUSB8040A1 Datasheet
391Kb / 38P
Four-Port USB 3.0 Hub
TUSB4041I TI1-TUSB4041I Datasheet
1Mb / 44P
Four-Port USB 2.0 Hub
TUSB4041I-Q1 TI1-TUSB4041I-Q1 Datasheet
1Mb / 44P
Four-Port USB 2.0 Hub
TUSB8041 TI1-TUSB8041 Datasheet
2Mb / 48P
Four-Port USB 3.0 Hub
TUSB8041-Q1 TI1-TUSB8041-Q1 Datasheet
2Mb / 48P
Automotive Four-Port USB 3.0 Hub
TUSB8020B TI1-TUSB8020B Datasheet
1Mb / 43P
Two-Port USB 3.0 Hub
TUSB8040 TI1-TUSB8040_15 Datasheet
363Kb / 32P
USB 3.0 Four Port Hub
logo
Beckhoff Automation Gmb...
CU8006 BECKHOFF-CU8006 Datasheet
110Kb / 1P
4-port USB 3.0 hub
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com