Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TUSB8040_1110 Datasheet(PDF) 12 Page - Texas Instruments

Part # TUSB8040_1110
Description  USB 3.0 Four Port Hub
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TUSB8040_1110 Datasheet(HTML) 12 Page - Texas Instruments

Back Button TUSB8040_1110 Datasheet HTML 8Page - Texas Instruments TUSB8040_1110 Datasheet HTML 9Page - Texas Instruments TUSB8040_1110 Datasheet HTML 10Page - Texas Instruments TUSB8040_1110 Datasheet HTML 11Page - Texas Instruments TUSB8040_1110 Datasheet HTML 12Page - Texas Instruments TUSB8040_1110 Datasheet HTML 13Page - Texas Instruments TUSB8040_1110 Datasheet HTML 14Page - Texas Instruments TUSB8040_1110 Datasheet HTML 15Page - Texas Instruments TUSB8040_1110 Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 33 page
background image
TUSB8040
SLLSE42F
– SEPTEMBER 2010 – REVISED OCTOBER 2011
www.ti.com
Table 2-3. USB Downstream Signals (continued)
PIN NO.
SIGNAL NAME
TYPE
DESCRIPTION
PFP
RKM
USB Port 2 Power On Control for Downstream Power/Battery Charging Enable. The
terminal is used for control of the downstream power switch for Port 2. In addition,
the value of the terminal is sampled at the de-assertion of reset to determine the
value of the battery charger support for Port 2 as indicated in the Battery Charger
PWRON2z_BATEN2
I/O, PD
B20
Support register:
0 = Battery Charging Not Supported
1 = Battery Charging Supported
USB Port 2 Over-Current Detection.
0 = An overcurrent event has occurred
1 = An overcurrent event has not occurred
OVERCUR2z
I, PU
B22
This terminal should be pulled high using a 10K resistor if power management is
not implemented. If power management is enabled, the external circuitry needed
should be determined by the power switch.
USB_SSTXP_DN3
O
49
B31
USB SuperSpeed transmitter differential pair (positive)
USB_SSTXM_DN3
O
50
A34
USB SuperSpeed transmitter differential pair (negative)
USB_SSRXP_DN3
I
47
B30
USB SuperSpeed receiver differential pair (positive)
USB_SSRXM_DN3
I
48
A33
USB SuperSpeed receiver differential pair (negative)
USB_DP_DN3
I/O
45
B29
USB High-speed differential transceiver (positive)
USB_DM_DN3
I/O
44
A31
USB High-speed differential transceiver (negative)
USB Port 3 Power On Control for Downstream Power/Battery Charging Enable. The
terminal is used for control of the downstream power switch for Port 3. In addition,
the value of the terminal is sampled at the de-assertion of reset to determine the
value of the battery charger support for Port 3as indicated in the Battery Charger
PWRON3z_BATEN3
I/O, PD
A22
Support register:
0 = Battery Charging Not Supported
1 = Battery Charging Supported
USB Port 3 Over-Current Detection.
OVERCUR3z
I, PU
A24
0 = An overcurrent event has occurred
1 = An overcurrent event has not occurred
USB Port 0 Amber LED Indicator
& Device Removable Configuration Bit
1 = Device is Removable
LEDA0z_RMBL0
I, PU
B23
0 = Device is NOT Removable
Device removable option can be set via I2C EEPROM or SMBUS host on the
TUSB8040PFP
USB Port 1 Amber LED Indicator
& Device Removable Configuration Bit
1 = Device is Removable
LEDA1z_RMBL1
I/O, PU
B25
0 = Device is NOT Removable
Device removable option can be set via I2C EEPROM or SMBUS host on the
TUSB8040PFP
USB Port 2 Amber LED Indicator
& Device Removable Configuration Bit
1 = Device is Removable
LEDA2z_RMBL2
I/O, PU
B26
0 = Device is NOT Removable
Device removable option can be set via I2C EEPROM or SMBUS host on the
TUSB8040PFP
USB Port 3 Amber LED Indicator
& Device Removable Configuration Bit
1 = Device is Removable
LEDA3z_RMBL3
I/O, PU
B27
0 = Device is NOT Removable
Device removable option can be set via I2C EEPROM or SMBUS host on the
TUSB8040PFP
12
PIN DESCRIPTIONS
Copyright
© 2010–2011, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Link(s): TUSB8040


Similar Part No. - TUSB8040_1110

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TUSB8040A1 TI1-TUSB8040A1 Datasheet
391Kb / 38P
Four-Port USB 3.0 Hub
TUSB8040A1RKMR TI1-TUSB8040A1RKMR Datasheet
391Kb / 38P
Four-Port USB 3.0 Hub
TUSB8040 TI1-TUSB8040_15 Datasheet
363Kb / 32P
USB 3.0 Four Port Hub
More results

Similar Description - TUSB8040_1110

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TUSB8040 TI1-TUSB8040 Datasheet
300Kb / 27P
USB 3.0 Four Port Hub High-Speed Upstream Connection
TUSB8040A TI1-TUSB8040A Datasheet
700Kb / 39P
Four-Port and Two-Port USB 3.0 Hub
TUSB8040A1 TI1-TUSB8040A1 Datasheet
391Kb / 38P
Four-Port USB 3.0 Hub
TUSB4041I TI1-TUSB4041I Datasheet
1Mb / 44P
Four-Port USB 2.0 Hub
TUSB4041I-Q1 TI1-TUSB4041I-Q1 Datasheet
1Mb / 44P
Four-Port USB 2.0 Hub
TUSB8041 TI1-TUSB8041 Datasheet
2Mb / 48P
Four-Port USB 3.0 Hub
TUSB8041-Q1 TI1-TUSB8041-Q1 Datasheet
2Mb / 48P
Automotive Four-Port USB 3.0 Hub
TUSB8020B TI1-TUSB8020B Datasheet
1Mb / 43P
Two-Port USB 3.0 Hub
TUSB8040 TI1-TUSB8040_15 Datasheet
363Kb / 32P
USB 3.0 Four Port Hub
logo
Beckhoff Automation Gmb...
CU8006 BECKHOFF-CU8006 Datasheet
110Kb / 1P
4-port USB 3.0 hub
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com