Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

GS1528B Datasheet(PDF) 3 Page - Gennum Corporation

Part # GS1528B
Description  HD-LINX II Multi-Rate Dual Slew-Rate Cable Driver
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GENNUM [Gennum Corporation]
Direct Link  http://www.gennum.com
Logo GENNUM - Gennum Corporation

GS1528B Datasheet(HTML) 3 Page - Gennum Corporation

  GS1528B Datasheet HTML 1Page - Gennum Corporation GS1528B Datasheet HTML 2Page - Gennum Corporation GS1528B Datasheet HTML 3Page - Gennum Corporation GS1528B Datasheet HTML 4Page - Gennum Corporation GS1528B Datasheet HTML 5Page - Gennum Corporation GS1528B Datasheet HTML 6Page - Gennum Corporation GS1528B Datasheet HTML 7Page - Gennum Corporation GS1528B Datasheet HTML 8Page - Gennum Corporation GS1528B Datasheet HTML 9Page - Gennum Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
GS1528B HD-LINX® II Multi-Rate Dual Slew-Rate Cable
Driver
Data Sheet
39623 - 4
August 2010
3 of 14
1. Pin Out
1.1 GS1528B Pin Assignment
Figure 1-1: 8-Pin SOIC
1.2 GS1528B Pin Descriptions
DDI
DDI
VEE
RSET
SDO
SDO
SD/HD
VCC
1
2
3
4
8
7
6
5
GS1528B
8-PIN SOIC
TOP VIEW
Table 1-1: Pin Descriptions
Pin Number
Name
Timing
Type
Description
1,2
DDI, DDI
Analog
Input
Serial digital differential input.
3VEE
Power
Most negative power supply connection. Connect to GND.
4RSET
Analog
Input
External output amplitude control resistor.
5VCC
Power
Most positive power supply connection. Connect to +3.3V.
6
SD/HD
Non
Synchronous
Input
Output slew rate control. When set HIGH, the output will meet
SMPTE 259M rise/fall time specifications. When set LOW, the serial
outputs will meet SMPTE 292M rise/fall time specifications.


Similar Part No. - GS1528B

ManufacturerPart #DatasheetDescription
logo
Gennum Corporation
GS1528 GENNUM-GS1528 Datasheet
507Kb / 13P
GS1528 HD-LINX-TM II Multi-Rate SDI Dual Slew-Rate Cable Driver
GS1528 GENNUM-GS1528 Datasheet
668Kb / 13P
HD-LINX II Multi-Rate SDI Dual Slew-Rate Cable Driver
GS1528-CKA GENNUM-GS1528-CKA Datasheet
507Kb / 13P
GS1528 HD-LINX-TM II Multi-Rate SDI Dual Slew-Rate Cable Driver
GS1528-CKAE3 GENNUM-GS1528-CKAE3 Datasheet
507Kb / 13P
GS1528 HD-LINX-TM II Multi-Rate SDI Dual Slew-Rate Cable Driver
GS1528-CKAE3 GENNUM-GS1528-CKAE3 Datasheet
668Kb / 13P
HD-LINX II Multi-Rate SDI Dual Slew-Rate Cable Driver
More results

Similar Description - GS1528B

ManufacturerPart #DatasheetDescription
logo
Gennum Corporation
GS1528 GENNUM-GS1528 Datasheet
507Kb / 13P
GS1528 HD-LINX-TM II Multi-Rate SDI Dual Slew-Rate Cable Driver
GS1528A GENNUM-GS1528A Datasheet
558Kb / 16P
GS1528A / GS9068A HD-LINX-R II Multi-Rate Dual Slew-Rate Cable Driver
GS1578A GENNUM-GS1578A Datasheet
313Kb / 15P
GS1578A HD-LINX-R II Multi-Rate Dual Slew-Rate Cable Driver
GS9078A GENNUM-GS9078A Datasheet
292Kb / 14P
GS9078A HD-LINX-R II Multi-Rate Cable Driver
GS1528 GENNUM-GS1528_10 Datasheet
668Kb / 13P
HD-LINX II Multi-Rate SDI Dual Slew-Rate Cable Driver
GS1528A GENNUM-GS1528A_10 Datasheet
1Mb / 18P
HD-LINX II Multi-Rate Dual Slew-Rate Cable Driver
GS1559 GENNUM-GS1559_08 Datasheet
1Mb / 71P
HD-LINX II Multi-Rate Deserializer with Loop-Through Cable Driver
GS1560A GENNUM-GS1560A_09 Datasheet
1Mb / 79P
HD-LINX II Dual-Rate Deserializer
GS1578A GENNUM-GS1578A_09 Datasheet
1Mb / 16P
HD-LINX II Multi-Rate Dual Slew-Rate Cable Driver
logo
Semtech Corporation
GS2978 SEMTECH-GS2978 Datasheet
539Kb / 15P
HD-LINX짰 III Multi-Rate Dual Slew-Rate Cable Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com