Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

GS1528B Datasheet(PDF) 12 Page - Gennum Corporation

Part # GS1528B
Description  HD-LINX II Multi-Rate Dual Slew-Rate Cable Driver
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GENNUM [Gennum Corporation]
Direct Link  http://www.gennum.com
Logo GENNUM - Gennum Corporation

GS1528B Datasheet(HTML) 12 Page - Gennum Corporation

Back Button GS1528B Datasheet HTML 6Page - Gennum Corporation GS1528B Datasheet HTML 7Page - Gennum Corporation GS1528B Datasheet HTML 8Page - Gennum Corporation GS1528B Datasheet HTML 9Page - Gennum Corporation GS1528B Datasheet HTML 10Page - Gennum Corporation GS1528B Datasheet HTML 11Page - Gennum Corporation GS1528B Datasheet HTML 12Page - Gennum Corporation GS1528B Datasheet HTML 13Page - Gennum Corporation GS1528B Datasheet HTML 14Page - Gennum Corporation  
Zoom Inzoom in Zoom Outzoom out
 12 / 14 page
background image
GS1528B HD-LINX® II Multi-Rate Dual Slew-Rate Cable
Driver
Data Sheet
39623 - 4
August 2010
12 of 14
7. Package and Ordering Information
7.1 Package Dimensions
Figure 7-1: GS1528B Package Dimensions
7.2 Packaging Data
0.010
q2
L
DETAIL “A”
C
0.015 ±0.004 x 45°
DETAIL “A”
q1
B
A
A1
E
X
D
e
Pin 1
ID Mark
Gauge Plane
Seating Plane
NOTES:
1. All dimensions in inches unless otherwise stated.
2. Lead coplanarity should be 0 to 0.004” max.
3. Package surface finishing: VDI 24~27 (dual).
Package surface finishing: VDI 13~15 (16L SOIC[NB] matrix).
4. All dimensions exclude mold flashes.
5. The lead width (B) to be determined at 0.0075”
from the lead tip.
8 SOIC
Min.
Max.
A
A1
B
D
E
H
e
C
L
X
q2
q1
0.054
0.068
0.004
0.0098
0.014
0.019
0.189
0.196
0.157
0.244
0.229
0.150
0.050 BSC
0.0075
0.0098
0.016
0.034
0.0215 REF
7° BSC
Table 7-1: Packaging Data
Parameter
Value
Package Type
8-pin SOIC
Moisture Sensitivity Level
2
Junction to Case Thermal Resistance, θj-c
72°C/W
Junction to Air Thermal Resistance, θj-a (at zero airflow)
116°C/W
Pb-free and RoHS Compliant
Yes


Similar Part No. - GS1528B

ManufacturerPart #DatasheetDescription
logo
Gennum Corporation
GS1528 GENNUM-GS1528 Datasheet
507Kb / 13P
   GS1528 HD-LINX-TM II Multi-Rate SDI Dual Slew-Rate Cable Driver
GS1528 GENNUM-GS1528 Datasheet
668Kb / 13P
   HD-LINX II Multi-Rate SDI Dual Slew-Rate Cable Driver
GS1528-CKA GENNUM-GS1528-CKA Datasheet
507Kb / 13P
   GS1528 HD-LINX-TM II Multi-Rate SDI Dual Slew-Rate Cable Driver
GS1528-CKAE3 GENNUM-GS1528-CKAE3 Datasheet
507Kb / 13P
   GS1528 HD-LINX-TM II Multi-Rate SDI Dual Slew-Rate Cable Driver
GS1528-CKAE3 GENNUM-GS1528-CKAE3 Datasheet
668Kb / 13P
   HD-LINX II Multi-Rate SDI Dual Slew-Rate Cable Driver
More results

Similar Description - GS1528B

ManufacturerPart #DatasheetDescription
logo
Gennum Corporation
GS1578A GENNUM-GS1578A_09 Datasheet
1Mb / 16P
   HD-LINX II Multi-Rate Dual Slew-Rate Cable Driver
GS1528A GENNUM-GS1528A_10 Datasheet
1Mb / 18P
   HD-LINX II Multi-Rate Dual Slew-Rate Cable Driver
GS1528 GENNUM-GS1528_10 Datasheet
668Kb / 13P
   HD-LINX II Multi-Rate SDI Dual Slew-Rate Cable Driver
GS1578A GENNUM-GS1578A Datasheet
313Kb / 15P
   GS1578A HD-LINX-R II Multi-Rate Dual Slew-Rate Cable Driver
GS1528 GENNUM-GS1528 Datasheet
507Kb / 13P
   GS1528 HD-LINX-TM II Multi-Rate SDI Dual Slew-Rate Cable Driver
GS1528A GENNUM-GS1528A Datasheet
558Kb / 16P
   GS1528A / GS9068A HD-LINX-R II Multi-Rate Dual Slew-Rate Cable Driver
GS9078A GENNUM-GS9078A Datasheet
292Kb / 14P
   GS9078A HD-LINX-R II Multi-Rate Cable Driver
logo
Semtech Corporation
GS2978 SEMTECH-GS2978 Datasheet
539Kb / 15P
   HD-LINX짰 III Multi-Rate Dual Slew-Rate Cable Driver
logo
Gennum Corporation
GS1560A GENNUM-GS1560A_09 Datasheet
1Mb / 79P
   HD-LINX II Dual-Rate Deserializer
GS1559 GENNUM-GS1559_08 Datasheet
1Mb / 71P
   HD-LINX II Multi-Rate Deserializer with Loop-Through Cable Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com