Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

GS1528B Datasheet(PDF) 10 Page - Gennum Corporation

Part # GS1528B
Description  HD-LINX II Multi-Rate Dual Slew-Rate Cable Driver
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GENNUM [Gennum Corporation]
Direct Link  http://www.gennum.com
Logo GENNUM - Gennum Corporation

GS1528B Datasheet(HTML) 10 Page - Gennum Corporation

Back Button GS1528B Datasheet HTML 6Page - Gennum Corporation GS1528B Datasheet HTML 7Page - Gennum Corporation GS1528B Datasheet HTML 8Page - Gennum Corporation GS1528B Datasheet HTML 9Page - Gennum Corporation GS1528B Datasheet HTML 10Page - Gennum Corporation GS1528B Datasheet HTML 11Page - Gennum Corporation GS1528B Datasheet HTML 12Page - Gennum Corporation GS1528B Datasheet HTML 13Page - Gennum Corporation GS1528B Datasheet HTML 14Page - Gennum Corporation  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
GS1528B HD-LINX® II Multi-Rate Dual Slew-Rate Cable
Driver
Data Sheet
39623 - 4
August 2010
10 of 14
Figure 5-3: Static Protection Diodes
5.3 Output Return Loss Measurement
To perform a practical return loss measurement, it is necessary to force the GS1528B
output to a DC high or low condition. The actual measured return loss will be based on
the outputs being static at VCC or VCC-1.6V. Under normal operating conditions the
outputs of the device swing between VCC-0.4V and VCC-1.2V.
5.4 Output Amplitude Adjustment
The output amplitude of the GS1528B can be adjusted by changing the value of the RSET
resistor as shown in Table 5-1. For an 800mVp-p output with a nominal ±7% tolerance, a
value of 750Ω is required. A ±1% SMT resistor should be used.
The RSET resistor is part of the high speed output circuit of the GS1528B. The resistor
should be placed as close as possible to the RSET pin. In addition, the PCB capacitance
should be minimized at this node by removing the PCB groundplane beneath the RSET
resistor and the RSET pin.
SDO
SDO
GS1528B
Table 5-1: RSET vs VOD
RSET R (Ω)
Output Swing (mVp-p)
995
608
824
734
750
800
680
884
573
1040
NOTE: For reliable operation of the GS1528B over the full temperature range, do not use an
RSET value below 573Ω.


Similar Part No. - GS1528B

ManufacturerPart #DatasheetDescription
logo
Gennum Corporation
GS1528 GENNUM-GS1528 Datasheet
507Kb / 13P
   GS1528 HD-LINX-TM II Multi-Rate SDI Dual Slew-Rate Cable Driver
GS1528 GENNUM-GS1528 Datasheet
668Kb / 13P
   HD-LINX II Multi-Rate SDI Dual Slew-Rate Cable Driver
GS1528-CKA GENNUM-GS1528-CKA Datasheet
507Kb / 13P
   GS1528 HD-LINX-TM II Multi-Rate SDI Dual Slew-Rate Cable Driver
GS1528-CKAE3 GENNUM-GS1528-CKAE3 Datasheet
507Kb / 13P
   GS1528 HD-LINX-TM II Multi-Rate SDI Dual Slew-Rate Cable Driver
GS1528-CKAE3 GENNUM-GS1528-CKAE3 Datasheet
668Kb / 13P
   HD-LINX II Multi-Rate SDI Dual Slew-Rate Cable Driver
More results

Similar Description - GS1528B

ManufacturerPart #DatasheetDescription
logo
Gennum Corporation
GS1578A GENNUM-GS1578A_09 Datasheet
1Mb / 16P
   HD-LINX II Multi-Rate Dual Slew-Rate Cable Driver
GS1528A GENNUM-GS1528A_10 Datasheet
1Mb / 18P
   HD-LINX II Multi-Rate Dual Slew-Rate Cable Driver
GS1528 GENNUM-GS1528_10 Datasheet
668Kb / 13P
   HD-LINX II Multi-Rate SDI Dual Slew-Rate Cable Driver
GS1578A GENNUM-GS1578A Datasheet
313Kb / 15P
   GS1578A HD-LINX-R II Multi-Rate Dual Slew-Rate Cable Driver
GS1528 GENNUM-GS1528 Datasheet
507Kb / 13P
   GS1528 HD-LINX-TM II Multi-Rate SDI Dual Slew-Rate Cable Driver
GS1528A GENNUM-GS1528A Datasheet
558Kb / 16P
   GS1528A / GS9068A HD-LINX-R II Multi-Rate Dual Slew-Rate Cable Driver
GS9078A GENNUM-GS9078A Datasheet
292Kb / 14P
   GS9078A HD-LINX-R II Multi-Rate Cable Driver
logo
Semtech Corporation
GS2978 SEMTECH-GS2978 Datasheet
539Kb / 15P
   HD-LINX짰 III Multi-Rate Dual Slew-Rate Cable Driver
logo
Gennum Corporation
GS1560A GENNUM-GS1560A_09 Datasheet
1Mb / 79P
   HD-LINX II Dual-Rate Deserializer
GS1559 GENNUM-GS1559_08 Datasheet
1Mb / 71P
   HD-LINX II Multi-Rate Deserializer with Loop-Through Cable Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com