Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

GS1528B Datasheet(PDF) 5 Page - Gennum Corporation

Part # GS1528B
Description  HD-LINX II Multi-Rate Dual Slew-Rate Cable Driver
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GENNUM [Gennum Corporation]
Direct Link  http://www.gennum.com
Logo GENNUM - Gennum Corporation

GS1528B Datasheet(HTML) 5 Page - Gennum Corporation

  GS1528B Datasheet HTML 1Page - Gennum Corporation GS1528B Datasheet HTML 2Page - Gennum Corporation GS1528B Datasheet HTML 3Page - Gennum Corporation GS1528B Datasheet HTML 4Page - Gennum Corporation GS1528B Datasheet HTML 5Page - Gennum Corporation GS1528B Datasheet HTML 6Page - Gennum Corporation GS1528B Datasheet HTML 7Page - Gennum Corporation GS1528B Datasheet HTML 8Page - Gennum Corporation GS1528B Datasheet HTML 9Page - Gennum Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
GS1528B HD-LINX® II Multi-Rate Dual Slew-Rate Cable
Driver
Data Sheet
39623 - 4
August 2010
5 of 14
2.3 AC Electrical Characteristics
Table 2-3 shows the AC electrical characteristics of the GS1528B where conditions are
VCC = 3.3V ±5%, TA = 0°C to 70°C, unless otherwise shown.
Table 2-3: AC Electrical Characteristics
Parameter
Symbol
Conditions
Min
Typ
Max
Units
Notes
Serial input data rate
DRSDO
1.485
Gb/s
1
Additive jitter
1.485Gb/s
20
psp-p
270Mb/s
16
psp-p
Rise/Fall time
tr, tf
SD/HD=0
220
ps
2
tr, tf
SD/HD=1
400
800
ps
2
Mismatch in rise/fall time
tr,
tf
––
30
ps
Duty cycle distortion
SD/HD=0
30
ps
3
SD/HD=1
100
ps
3
Overshoot
SD/HD=0
10
%
3
SD/HD=1
8
%
3
Output Return Loss
ORL
15
20
dB
4
Output Voltage Swing
VOUT
RSET = 750Ω
750
800
850
mVp-p
3
Input Voltage Swing
VDDI
Differential
300
2200
mVp-p
NOTES:
1. The input coupling capacitor must be set accordingly for lower data rates.
2. Rise/Fall time measured between 20% and 80%.
3. Single Ended into 75
Ω external load.
4. ORL depends on board design. The GS1528B achieves this specification on Gennum's evaluation boards.


Similar Part No. - GS1528B

ManufacturerPart #DatasheetDescription
logo
Gennum Corporation
GS1528 GENNUM-GS1528 Datasheet
507Kb / 13P
GS1528 HD-LINX-TM II Multi-Rate SDI Dual Slew-Rate Cable Driver
GS1528 GENNUM-GS1528 Datasheet
668Kb / 13P
HD-LINX II Multi-Rate SDI Dual Slew-Rate Cable Driver
GS1528-CKA GENNUM-GS1528-CKA Datasheet
507Kb / 13P
GS1528 HD-LINX-TM II Multi-Rate SDI Dual Slew-Rate Cable Driver
GS1528-CKAE3 GENNUM-GS1528-CKAE3 Datasheet
507Kb / 13P
GS1528 HD-LINX-TM II Multi-Rate SDI Dual Slew-Rate Cable Driver
GS1528-CKAE3 GENNUM-GS1528-CKAE3 Datasheet
668Kb / 13P
HD-LINX II Multi-Rate SDI Dual Slew-Rate Cable Driver
More results

Similar Description - GS1528B

ManufacturerPart #DatasheetDescription
logo
Gennum Corporation
GS1528 GENNUM-GS1528 Datasheet
507Kb / 13P
GS1528 HD-LINX-TM II Multi-Rate SDI Dual Slew-Rate Cable Driver
GS1528A GENNUM-GS1528A Datasheet
558Kb / 16P
GS1528A / GS9068A HD-LINX-R II Multi-Rate Dual Slew-Rate Cable Driver
GS1578A GENNUM-GS1578A Datasheet
313Kb / 15P
GS1578A HD-LINX-R II Multi-Rate Dual Slew-Rate Cable Driver
GS9078A GENNUM-GS9078A Datasheet
292Kb / 14P
GS9078A HD-LINX-R II Multi-Rate Cable Driver
GS1528 GENNUM-GS1528_10 Datasheet
668Kb / 13P
HD-LINX II Multi-Rate SDI Dual Slew-Rate Cable Driver
GS1528A GENNUM-GS1528A_10 Datasheet
1Mb / 18P
HD-LINX II Multi-Rate Dual Slew-Rate Cable Driver
GS1559 GENNUM-GS1559_08 Datasheet
1Mb / 71P
HD-LINX II Multi-Rate Deserializer with Loop-Through Cable Driver
GS1560A GENNUM-GS1560A_09 Datasheet
1Mb / 79P
HD-LINX II Dual-Rate Deserializer
GS1578A GENNUM-GS1578A_09 Datasheet
1Mb / 16P
HD-LINX II Multi-Rate Dual Slew-Rate Cable Driver
logo
Semtech Corporation
GS2978 SEMTECH-GS2978 Datasheet
539Kb / 15P
HD-LINX짰 III Multi-Rate Dual Slew-Rate Cable Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com