Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

GS1528 Datasheet(PDF) 4 Page - Gennum Corporation

Part # GS1528
Description  HD-LINX II Multi-Rate SDI Dual Slew-Rate Cable Driver
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GENNUM [Gennum Corporation]
Direct Link  http://www.gennum.com
Logo GENNUM - Gennum Corporation

GS1528 Datasheet(HTML) 4 Page - Gennum Corporation

  GS1528_10 Datasheet HTML 1Page - Gennum Corporation GS1528_10 Datasheet HTML 2Page - Gennum Corporation GS1528_10 Datasheet HTML 3Page - Gennum Corporation GS1528_10 Datasheet HTML 4Page - Gennum Corporation GS1528_10 Datasheet HTML 5Page - Gennum Corporation GS1528_10 Datasheet HTML 6Page - Gennum Corporation GS1528_10 Datasheet HTML 7Page - Gennum Corporation GS1528_10 Datasheet HTML 8Page - Gennum Corporation GS1528_10 Datasheet HTML 9Page - Gennum Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
GS1528 HD-LINX II Multi-Rate SDI Dual Slew-Rate
Cable Driver
Data Sheet
16632 - 9
August 2010
4 of 13
1.3 AC Electrical Characteristics
Table 1-2: AC Electrical Characteristics
VDD = 3.3V, TA = 0°C to 70°C, unless otherwise shown
Parameter
Conditions
Symbol
Min
Typ
Max
Units
Notes
Test Levels
Serial input data rate
DRSDO
1.485
Gb/s
2
1
Additive jitter
1.485Gb/s
15
psp-p
1
270Mb/s
25
psp-p
1
Rise/Fall time
SD/HD=0
tr, tf
220
ps
20% to 80%
1
SD/HD=1
tr, tf
400
800
ps
20% to 80%
1
Mismatch in rise/fall
time
tr, tf
––
30
ps
1
Duty cycle distortion
30
ps
1
Overshoot
8
%
1
Output Return Loss
ORL
15
dB1
7
Output Voltage SwingSingle Ended
into 75Ω
external load
RSET = 750Ω
VOUT
750
800
850
mVp-p
1
Input Voltage Swing
Differential
VSDI
300
2200
mVp-p
1
TEST LEVELS
1. Production test at room temperature and nominal supply voltage with guardbands for supply and temperature ranges.
2. Production test at room temperature and nominal supply voltage with guardbands for supply and temperature ranges using correlated test.
3. Production test at room temperature and nominal supply voltage.
4. QA sample test.
5. Calculated result based on Level 1, 2, or 3.
6. Not tested. Guaranteed by design simulations.
7. Not tested. Based on characterization of nominal parts.
8. Not tested. Based on existing design/characterization data of similar product.
9. Indirect test.
NOTES:
1. Tested on CB1528 board from 5MHz to 1.435GHz
2. The input coupling capacitor must be set accordingly for lower data rates.


Similar Part No. - GS1528_10

ManufacturerPart #DatasheetDescription
logo
Gennum Corporation
GS1528-CKA GENNUM-GS1528-CKA Datasheet
507Kb / 13P
   GS1528 HD-LINX-TM II Multi-Rate SDI Dual Slew-Rate Cable Driver
GS1528-CKAE3 GENNUM-GS1528-CKAE3 Datasheet
507Kb / 13P
   GS1528 HD-LINX-TM II Multi-Rate SDI Dual Slew-Rate Cable Driver
GS1528-CTA GENNUM-GS1528-CTA Datasheet
507Kb / 13P
   GS1528 HD-LINX-TM II Multi-Rate SDI Dual Slew-Rate Cable Driver
GS1528-CTAE3 GENNUM-GS1528-CTAE3 Datasheet
507Kb / 13P
   GS1528 HD-LINX-TM II Multi-Rate SDI Dual Slew-Rate Cable Driver
GS1528A GENNUM-GS1528A Datasheet
558Kb / 16P
   GS1528A / GS9068A HD-LINX-R II Multi-Rate Dual Slew-Rate Cable Driver
More results

Similar Description - GS1528_10

ManufacturerPart #DatasheetDescription
logo
Gennum Corporation
GS1528 GENNUM-GS1528 Datasheet
507Kb / 13P
   GS1528 HD-LINX-TM II Multi-Rate SDI Dual Slew-Rate Cable Driver
GS1578A GENNUM-GS1578A_09 Datasheet
1Mb / 16P
   HD-LINX II Multi-Rate Dual Slew-Rate Cable Driver
GS1528A GENNUM-GS1528A_10 Datasheet
1Mb / 18P
   HD-LINX II Multi-Rate Dual Slew-Rate Cable Driver
GS1528B GENNUM-GS1528B Datasheet
1Mb / 14P
   HD-LINX II Multi-Rate Dual Slew-Rate Cable Driver
GS1578A GENNUM-GS1578A Datasheet
313Kb / 15P
   GS1578A HD-LINX-R II Multi-Rate Dual Slew-Rate Cable Driver
GS1528A GENNUM-GS1528A Datasheet
558Kb / 16P
   GS1528A / GS9068A HD-LINX-R II Multi-Rate Dual Slew-Rate Cable Driver
GS1575B GENNUM-GS1575B Datasheet
1Mb / 28P
   HD-LINX II Multi-Rate SDI Automatic Reclocker
GS1524 GENNUM-GS1524 Datasheet
775Kb / 18P
   GS1524 HD-LINX-TM II Multi-Rate SDI Adaptive Cable Equalizer
GS9078A GENNUM-GS9078A Datasheet
292Kb / 14P
   GS9078A HD-LINX-R II Multi-Rate Cable Driver
GS1535 GENNUM-GS1535 Datasheet
313Kb / 22P
   GS1535 HD-LINX II-TM Multi-Rate SDI Automatic Reclocker
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com