![]() |
Electronic Components Datasheet Search |
|
HMC807LP6CE Datasheet(PDF) 2 Page - Hittite Microwave Corporation |
|
|
HMC807LP6CE Datasheet(HTML) 2 Page - Hittite Microwave Corporation |
2 / 14 page ![]() For price, delivery and to place orders: Hittite Microwave Corporation, 20 Alpha Road, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373 Order On-line at www.hittite.com Application Support: Phone: 978-250-3343 or apps@hittite.com 7 7 - 2 General Description the HMC807LP6Ce is a fully functioned Fractional-n Phase-Locked-Loop (PLL) with an Integrated Voltage Controlled Oscillator (VCO). the input reference frequency range is 100 kHz to 220 MHz while the advanced delta- sigma modulator design in the fractional PLL allows both ultra-fine step sizes and very low spurious products. the highly integrated structure provides excellent phase noise performance over temperature, shock and process. the HMC807LP6Ce is packaged in a leadless QFn 6 x 6 mm surface mount package. the output power is 8 dBm typical, making the HMC807LP6Ce ideal for driving the LO port of many of Hittite’s Hi Linearity and I/Q mixer products. For theory of operation and register map refer to the “PLLs w/ Integrated VCO - Microwave VCOs” Operating Guide. To view the Operating Guide, please visit www.hittite.com and choose HMC807LP6CE from the “Search by Part Number” pull down menu. HMC807LP6CE v03.0411 FRACTIONAL-N PLL WITH INTEGRATED VCO, 12.4 - 13.4 GHz Parameter Condition Min. typ. Max. Units RF Output Characteristics VCO Output Frequency range 12.4 12.9 13.4 gHz VCO Output Power 4 8 10 dBm VCO tuning Voltage 2 13 V VCO tuning Sensitivity V tUne = +5V 190 MHz/V Frequency Pulling (into a 2:1 VSWr) 5 MHz pp Frequency Pushing V tUne = +5V 6 MHz/V Frequency drift rate 1.2 MHz/ °C Sub Harmonic (1/2) 25 dBc Harmonic (2nd) 18 dBc Harmonic (3rd) 35 dBc VCO SSB Phase noise @ 100 kHz Offset (Open Loop) V tUne = +5V Fvco = 12.9 gHz -110 dBc/Hz Synthesizer In-Band SSB Phase noise @ 10 kHz Offset (Frac/Int) Fref = 50 MHz Fvco = 12.9 gHz Loop BW = 100 kHz -95 / -98 dBc/Hz Synthesizer normalized In-Band SSB Phase noise Floor (Frac/Int) -221 / -226 dBc/Hz Synthesizer Fractional Spurs [1] -65 dBc Synthesizer Frequency Settling time (100 MHz Step) From 13 gHz to 12.9 gHz Loop BW = 100 kHz 104 μs 16-Bit divider range (Int) n divider ratio 216+31 32 65567 16-Bit divider range (Frac) n divider ratio 216-1 36 65535 REF Input Characteristics Max ref Input Frequency (3.3V) 200 225 MHz Min ref Input Frequency 100 200 kHz ref Input Sensitivity aC Coupled 500 700 mV pp Max ref Input dC Coupled 0 VddIO V ref Input Capacitance 5 pF 14-Bit ref divider range 16383 1 Electrical Specifications, T A = +25° C; VCCVCO, VDDCP, VCCCP = +5V; AVCC, VCCPS VDDPFD, AVDD, RVDD, DVDD, DVDDM, DVDDQ, VDDIO = +3.3V; AGND = DGND = 0V [1] actual spur level is dependent on loop parameters and will increase at division ratios closest to integer boundaries. number listed is average value. |
Similar Part No. - HMC807LP6CE_11 |
|
Similar Description - HMC807LP6CE_11 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |