Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HMC807LP6CE Datasheet(PDF) 12 Page - Hittite Microwave Corporation

Part # HMC807LP6CE
Description  FRACTIONAL-N PLL WITH INTEGRATED VCO, 12.4 - 13.4 GHz
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

HMC807LP6CE Datasheet(HTML) 12 Page - Hittite Microwave Corporation

Back Button HMC807LP6CE_11 Datasheet HTML 6Page - Hittite Microwave Corporation HMC807LP6CE_11 Datasheet HTML 7Page - Hittite Microwave Corporation HMC807LP6CE_11 Datasheet HTML 8Page - Hittite Microwave Corporation HMC807LP6CE_11 Datasheet HTML 9Page - Hittite Microwave Corporation HMC807LP6CE_11 Datasheet HTML 10Page - Hittite Microwave Corporation HMC807LP6CE_11 Datasheet HTML 11Page - Hittite Microwave Corporation HMC807LP6CE_11 Datasheet HTML 12Page - Hittite Microwave Corporation HMC807LP6CE_11 Datasheet HTML 13Page - Hittite Microwave Corporation HMC807LP6CE_11 Datasheet HTML 14Page - Hittite Microwave Corporation  
Zoom Inzoom in Zoom Outzoom out
 12 / 14 page
background image
For price, delivery and to place orders: Hittite Microwave Corporation, 20 Alpha Road, Chelmsford, MA 01824
Phone: 978-250-3343
Fax: 978-250-3373
Order On-line at www.hittite.com
Application Support: Phone: 978-250-3343 or apps@hittite.com
7
7 - 12
Outline Drawing
Part number
Package Body Material
Lead Finish
MSL rating
Package Marking [1]
HMC807LP6Ce
roHS-compliant Low Stress Injection Molded Plastic
100% matte Sn
MSL3
H807
XXXX
[1] 4-digit lot number XXXX
Package Information
nOteS:
1. LeadFraMe MaterIaL: COPPer aLLOY
2. dIMenSIOnS are In InCHeS [MILLIMeterS].
3. Lead SPaCIng tOLeranCe IS nOn-CUMULatIVe
4. Pad BUrr LengtH SHaLL Be 0.15 mm MaXIMUM.
Pad BUrr HeIgHt SHaLL Be 0.05 mm MaXIMUM.
5. PaCKage WarP SHaLL nOt eXCeed 0.05 mm.
6. aLL grOUnd LeadS and grOUnd PaddLe MUSt
Be SOLdered tO PCB rF grOUnd.
7. reFer tO HIttIte aPPLICatIOn nOte FOr
SUggeSted PCB Land Pattern.
Absolute Maximum Ratings
nominal 3.3V Supplies to gnd
-0.3V to +3.6V
nominal digital Supply to 3.3V
analog Supply
-0.3V to +0.3V
nominal 5V Supply to gnd
-0.3 to +5.5V
Vtune
0 to +15V
Storage temperature
-65 to +150°C
Max Peak reflow temperature
260 °C
eSd rating
Class 1a
Reliability Information
Junction temperature to Maintain
1 Million Hour MttF
135 °C
nominal Junction temperature (t=85 °C)
120 °C
thermal resistance
(Junction to gnd Paddle, 5V Supply)
34.2 °C/W
Operating temperature
-40 to +85°C
HMC807LP6CE
v03.0411
FRACTIONAL-N PLL WITH
INTEGRATED VCO, 12.4 - 13.4 GHz


Similar Part No. - HMC807LP6CE_11

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC807LP6CE HITTITE-HMC807LP6CE_10 Datasheet
778Kb / 14P
   FRACTIONAL-N SYNTHESIZER WITH INTEGRATED VCO, 12.4 - 13.4 GHz
More results

Similar Description - HMC807LP6CE_11

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC807LP6CE HITTITE-HMC807LP6CE Datasheet
644Kb / 14P
   FRACTIONAL-N SYNTHESIZER WITH INTEGRATED VCO, 12.4 - 13.4 GHz
HMC807LP6CE HITTITE-HMC807LP6CE_10 Datasheet
778Kb / 14P
   FRACTIONAL-N SYNTHESIZER WITH INTEGRATED VCO, 12.4 - 13.4 GHz
logo
Analog Devices
HMC837LP6CE AD-HMC837LP6CE Datasheet
777Kb / 12P
   FRACTIONAL-N PLL WITH INTEGRATED VCO
HMC767LP6CE AD-HMC767LP6CE Datasheet
1,020Kb / 8P
   FRACTIONAL-N PLL WITH INTEGRATED VCO
HMC826LP6CE AD-HMC826LP6CE Datasheet
682Kb / 10P
   FRACTIONAL-N PLL WITH INTEGRATED VCO
HMC830LP6GE AD-HMC830LP6GE Datasheet
1Mb / 14P
   Fractional-N PLL with Integrated VCO
HMC832A AD-HMC832A Datasheet
1Mb / 48P
   Fractional-N PLL with Integrated VCO
HMC807LP6CE AD-HMC807LP6CE Datasheet
1Mb / 14P
   FRACTIONAL-N PLL WITH INTEGRATED VCO
HMC828LP6CE AD-HMC828LP6CE Datasheet
676Kb / 10P
   FRACTIONAL-N PLL WITH INTEGRATED VCO
HMC836LP6CE AD-HMC836LP6CE Datasheet
680Kb / 10P
   FRACTIONAL-N PLL WITH INTEGRATED VCO
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com