Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HMC807LP6CE Datasheet(PDF) 1 Page - Hittite Microwave Corporation

Part # HMC807LP6CE
Description  FRACTIONAL-N PLL WITH INTEGRATED VCO, 12.4 - 13.4 GHz
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

HMC807LP6CE Datasheet(HTML) 1 Page - Hittite Microwave Corporation

  HMC807LP6CE_11 Datasheet HTML 1Page - Hittite Microwave Corporation HMC807LP6CE_11 Datasheet HTML 2Page - Hittite Microwave Corporation HMC807LP6CE_11 Datasheet HTML 3Page - Hittite Microwave Corporation HMC807LP6CE_11 Datasheet HTML 4Page - Hittite Microwave Corporation HMC807LP6CE_11 Datasheet HTML 5Page - Hittite Microwave Corporation HMC807LP6CE_11 Datasheet HTML 6Page - Hittite Microwave Corporation HMC807LP6CE_11 Datasheet HTML 7Page - Hittite Microwave Corporation HMC807LP6CE_11 Datasheet HTML 8Page - Hittite Microwave Corporation HMC807LP6CE_11 Datasheet HTML 9Page - Hittite Microwave Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
For price, delivery and to place orders: Hittite Microwave Corporation, 20 Alpha Road, Chelmsford, MA 01824
Phone: 978-250-3343
Fax: 978-250-3373
Order On-line at www.hittite.com
Application Support: Phone: 978-250-3343 or apps@hittite.com
7
7 - 1
HMC807LP6CE
FRACTIONAL-N PLL WITH
INTEGRATED VCO, 12.4 - 13.4 GHz
v03.0411
Functional Diagram
Features
• rF Bandwidth: 12.4 gHz to 13.4 gHz
• Fractional or Integer Modes
• Ultra Low Phase noise
12.9 gHz; 50 MHz ref.
-95 / -98 dBc/Hz @ 10 kHz (Frac / Int)
-132 dBc/Hz @ 1 MHz (Open Loop)
• Figure of Merit (FOM)
-221 / -226 dBc/Hz (Frac / Int)
• 24-bit Step Size, resolution 3 Hz typ
• 225 MHz, 14-bit reference path input
• direct FSK Modulation Mode
• Cycle Slip Prevention
• read / Write Serial Port, Chip Id
• 40 Lead 6 x 6 mm SMt Package: 36 mm²
Typical Applications
• VSat radio
• Point-to-Point / Multi-Point radio
• test equipment & Industrial Control
• Military end-Use
• Phased array applications
[1] Please refer to the pin description table for details


Similar Part No. - HMC807LP6CE_11

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC807LP6CE HITTITE-HMC807LP6CE_10 Datasheet
778Kb / 14P
   FRACTIONAL-N SYNTHESIZER WITH INTEGRATED VCO, 12.4 - 13.4 GHz
More results

Similar Description - HMC807LP6CE_11

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC807LP6CE HITTITE-HMC807LP6CE Datasheet
644Kb / 14P
   FRACTIONAL-N SYNTHESIZER WITH INTEGRATED VCO, 12.4 - 13.4 GHz
HMC807LP6CE HITTITE-HMC807LP6CE_10 Datasheet
778Kb / 14P
   FRACTIONAL-N SYNTHESIZER WITH INTEGRATED VCO, 12.4 - 13.4 GHz
logo
Analog Devices
HMC837LP6CE AD-HMC837LP6CE Datasheet
777Kb / 12P
   FRACTIONAL-N PLL WITH INTEGRATED VCO
HMC767LP6CE AD-HMC767LP6CE Datasheet
1,020Kb / 8P
   FRACTIONAL-N PLL WITH INTEGRATED VCO
HMC826LP6CE AD-HMC826LP6CE Datasheet
682Kb / 10P
   FRACTIONAL-N PLL WITH INTEGRATED VCO
HMC830LP6GE AD-HMC830LP6GE Datasheet
1Mb / 14P
   Fractional-N PLL with Integrated VCO
HMC832A AD-HMC832A Datasheet
1Mb / 48P
   Fractional-N PLL with Integrated VCO
HMC807LP6CE AD-HMC807LP6CE Datasheet
1Mb / 14P
   FRACTIONAL-N PLL WITH INTEGRATED VCO
HMC828LP6CE AD-HMC828LP6CE Datasheet
676Kb / 10P
   FRACTIONAL-N PLL WITH INTEGRATED VCO
HMC836LP6CE AD-HMC836LP6CE Datasheet
680Kb / 10P
   FRACTIONAL-N PLL WITH INTEGRATED VCO
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com