Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HMC807LP6CE Datasheet(PDF) 6 Page - Hittite Microwave Corporation

Part # HMC807LP6CE
Description  FRACTIONAL-N PLL WITH INTEGRATED VCO, 12.4 - 13.4 GHz
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

HMC807LP6CE Datasheet(HTML) 6 Page - Hittite Microwave Corporation

Back Button HMC807LP6CE_11 Datasheet HTML 2Page - Hittite Microwave Corporation HMC807LP6CE_11 Datasheet HTML 3Page - Hittite Microwave Corporation HMC807LP6CE_11 Datasheet HTML 4Page - Hittite Microwave Corporation HMC807LP6CE_11 Datasheet HTML 5Page - Hittite Microwave Corporation HMC807LP6CE_11 Datasheet HTML 6Page - Hittite Microwave Corporation HMC807LP6CE_11 Datasheet HTML 7Page - Hittite Microwave Corporation HMC807LP6CE_11 Datasheet HTML 8Page - Hittite Microwave Corporation HMC807LP6CE_11 Datasheet HTML 9Page - Hittite Microwave Corporation HMC807LP6CE_11 Datasheet HTML 10Page - Hittite Microwave Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
For price, delivery and to place orders: Hittite Microwave Corporation, 20 Alpha Road, Chelmsford, MA 01824
Phone: 978-250-3343
Fax: 978-250-3373
Order On-line at www.hittite.com
Application Support: Phone: 978-250-3343 or apps@hittite.com
7
7 - 6
HMC807LP6CE
v03.0411
FRACTIONAL-N PLL WITH
INTEGRATED VCO, 12.4 - 13.4 GHz
Pin Descriptions
Pin number
Function
description
1, 9 - 13, 22, 36
n/C
no Connection. these pins may be connected to rF/dC ground.
Performance will not be affected.
2 - 4, 7, 37, 39
gnd [1]
these pins must be connected to rF/dC ground
5
gnd
these pins and package bottom
must be connected to rF/dC ground
8
VCCVCO2 [2]
+5V Power Supply for VCO
40
VCCVCO1
6
VtUne
Control Voltage Input. Modulation port bandwidth
dependent on drive source impedance.
14
aCg
aC ground. this pin must be connected to
an external capacitor to ground.
15
aVCC
analog Power supply pin for the rF Section.
a decoupling capacitor to the ground plane should
be placed as close as possible to this pin. nominally 3.3V
16
VddCP
+5V Power Supply for charge pump digital section
17
VCCCP
+5V Power Supply for the charge pump analog section
18
CP
Charge pump output
19
VddPFd
analog Power supply for the phase frequency detector, nominally 3.3V
20
BIaS [3]
external bypass decoupling for precision bias circuits,
1.920V ±20 mV is generated internally
21
aVdd
analog Power supply for analog ref paths, nominally 3.3V
23
reFn
reference input (negative or aC coupled to gnd)
24
reFP
reference input (Positive)
25
rVdd
ref path supply
26
dVddQ
digital supply for Substrate, nominally 3.3V
27
Ce
Chip enable
28
Sen
Serial port latch enable input
29
SCK
Serial port clock input
30
SdI
Serial port data input
31
dVdd
Power supply pin for internal digital circuitry. nominally 3.3V
32
VddIO
Power Supply for digital I/O driver
33
Ld_SdO
Lock detect, Main Serial data Output
or VCO Serial Port data Out
34
VCCPS
analog Power Supply for Prescaler, nominally 3.3V
35
dVddM
digital Power Supply for M-Counter, nominally 3.3V
38
rFOUt
rF output (aC coupled).
[1] this pin is not connected internally, however, this pin must be connected to gnd to maintain product family pin for pin compatibility.
[2] this pin is not connected internally, however, this pin must be connected to Vcc to maintain product family pin for pin compatibility.
[3] BIaS ref voltage (pin 20) cannot drive an external load, and must be measured with a 10 gOhm meter such as agilent 34410a; a typical
10 Mohm dVM will read erroneously.


Similar Part No. - HMC807LP6CE_11

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC807LP6CE HITTITE-HMC807LP6CE_10 Datasheet
778Kb / 14P
FRACTIONAL-N SYNTHESIZER WITH INTEGRATED VCO, 12.4 - 13.4 GHz
More results

Similar Description - HMC807LP6CE_11

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC807LP6CE HITTITE-HMC807LP6CE Datasheet
644Kb / 14P
FRACTIONAL-N SYNTHESIZER WITH INTEGRATED VCO, 12.4 - 13.4 GHz
HMC807LP6CE HITTITE-HMC807LP6CE_10 Datasheet
778Kb / 14P
FRACTIONAL-N SYNTHESIZER WITH INTEGRATED VCO, 12.4 - 13.4 GHz
logo
Analog Devices
HMC837LP6CE AD-HMC837LP6CE Datasheet
777Kb / 12P
FRACTIONAL-N PLL WITH INTEGRATED VCO
HMC767LP6CE AD-HMC767LP6CE Datasheet
1,020Kb / 8P
FRACTIONAL-N PLL WITH INTEGRATED VCO
HMC826LP6CE AD-HMC826LP6CE Datasheet
682Kb / 10P
FRACTIONAL-N PLL WITH INTEGRATED VCO
HMC830LP6GE AD-HMC830LP6GE Datasheet
1Mb / 14P
Fractional-N PLL with Integrated VCO
HMC832A AD-HMC832A Datasheet
1Mb / 48P
Fractional-N PLL with Integrated VCO
HMC807LP6CE AD-HMC807LP6CE Datasheet
1Mb / 14P
FRACTIONAL-N PLL WITH INTEGRATED VCO
HMC828LP6CE AD-HMC828LP6CE Datasheet
676Kb / 10P
FRACTIONAL-N PLL WITH INTEGRATED VCO
HMC836LP6CE AD-HMC836LP6CE Datasheet
680Kb / 10P
FRACTIONAL-N PLL WITH INTEGRATED VCO
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com