Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HMC736LP4 Datasheet(PDF) 3 Page - Hittite Microwave Corporation

Part # HMC736LP4
Description  MMIC VCO w/ HALF FREQUENCY OUTPUT
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

HMC736LP4 Datasheet(HTML) 3 Page - Hittite Microwave Corporation

  HMC736LP4 Datasheet HTML 1Page - Hittite Microwave Corporation HMC736LP4 Datasheet HTML 2Page - Hittite Microwave Corporation HMC736LP4 Datasheet HTML 3Page - Hittite Microwave Corporation HMC736LP4 Datasheet HTML 4Page - Hittite Microwave Corporation HMC736LP4 Datasheet HTML 5Page - Hittite Microwave Corporation HMC736LP4 Datasheet HTML 6Page - Hittite Microwave Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
For price, delivery and to place orders: Hittite Microwave Corporation, 20 Alpha Road, Chelmsford, MA 01824
Phone: 978-250-3343
Fax: 978-250-3373
Order On-line at www.hittite.com
Application Support: Phone: 978-250-3343 or apps@hittite.com
8
8 - 3
Absolute Maximum Ratings
Vcc
+5.5V
Vtune
0 to 15V
Junction Temperature
135 °C
Continuous Pdiss (T=85 °C)
(derate 19.6 mW/C above 85 °C
1 W
Thermal Resistance
(junction to ground paddle)
51 °C/W
Storage Temperature
-65 to +150 °C
Operating Temperature
-40 to +85 °C
Typical Supply Current vs. Vcc
Note: VCO will operate over full voltage range shown above.
Vcc (V)
Icc (mA)
4.0
140
4.2
150
4.4
160
ELECTROSTATIC SENSITIVE DEVICE
OBSERVE HANDLING PRECAUTIONS
Part Number
Package Body Material
Lead Finish
MSL Rating
Package Marking [3]
HMC736LP4
Low Stress Injection Molded Plastic
Sn/Pb Solder
MSL1
[1]
H736
XXXX
HMC736LP4E
RoHS-compliant Low Stress Injection Molded Plastic
100% matte Sn
MSL1
[2]
H736
XXXX
[1] Max peak reflow temperature of 235 °C
[2] Max peak reflow temperature of 260 °C
[3] 4-Digit lot number XXXX
Package Information
RFOUT/2 Frequency
vs. Tuning Voltage, Vcc = +4.2V
RFOUT/2 Output Power
vs. Tuning Voltage, Vcc = +4.2V
HMC736LP4 / 736LP4E
v01.0209
MMIC VCO w/ HALF FREQUENCY OUTPUT
14.5 - 15.0 GHz
6
6.5
7
7.5
8
8.5
9
0
1
2
3
4
5
6
7
8
9
10 11 12 13
+25 C
+85 C
-40 C
TUNING VOLTAGE (VOLTS)
-6
-5
-4
-3
-2
-1
0
0
1
2
3
4
5
6
7
8
9
10 11 12 13
+25 C
+85 C
-40 C
TUNING VOLTAGE (VOLTS)


Similar Part No. - HMC736LP4

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC736LP4 HITTITE-HMC736LP4 Datasheet
221Kb / 6P
   MMIC VCO w/ HALF FREQUENCY OUTPUT 14.5 - 15.0 GHz
HMC736LP4E HITTITE-HMC736LP4E Datasheet
221Kb / 6P
   MMIC VCO w/ HALF FREQUENCY OUTPUT 14.5 - 15.0 GHz
More results

Similar Description - HMC736LP4

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC737LP4 HITTITE-HMC737LP4_10 Datasheet
374Kb / 6P
   MMIC VCO w/ HALF FREQUENCY OUTPUT
logo
Analog Devices
HMC529LP5 AD-HMC529LP5 Datasheet
376Kb / 6P
   MMIC VCO w/ HALF FREQUENCY OUTPUT
HMC583LP5 AD-HMC583LP5 Datasheet
368Kb / 6P
   MMIC VCO w/ HALF FREQUENCY OUTPUT
HMC584LP5 AD-HMC584LP5 Datasheet
391Kb / 6P
   MMIC VCO w/ HALF FREQUENCY OUTPUT
logo
Hittite Microwave Corpo...
HMC507LP5 HITTITE-HMC507LP5 Datasheet
369Kb / 6P
   MMIC VCO w/ HALF FREQUENCY OUTPUT 6.65 - 7.65 GHz
HMC736LP4 HITTITE-HMC736LP4 Datasheet
221Kb / 6P
   MMIC VCO w/ HALF FREQUENCY OUTPUT 14.5 - 15.0 GHz
HMC507LP5 HITTITE-HMC507LP5_11 Datasheet
454Kb / 6P
   MMIC VCO w/ HALF FREQUENCY OUTPUT 6.65 - 7.65 GHz
HMC511LP5 HITTITE-HMC511LP5 Datasheet
356Kb / 6P
   MMIC VCO w/ HALF FREQUENCY OUTPUT 9.05 - 10.15 GHz
HMC737LP4 HITTITE-HMC737LP4 Datasheet
213Kb / 6P
   MMIC VCO w/ HALF FREQUENCY OUTPUT 14.9 - 15.5 GHz
HMC511LP5 HITTITE-HMC511LP5_11 Datasheet
442Kb / 6P
   MMIC VCO w/ HALF FREQUENCY OUTPUT 9.05 - 10.15 GHz
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com