Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HMC734LP5E Datasheet(PDF) 4 Page - Hittite Microwave Corporation

Part # HMC734LP5E
Description  MMIC VCO w/ DIVIDE-BY-4 8.6 - 10.2 GHz
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

HMC734LP5E Datasheet(HTML) 4 Page - Hittite Microwave Corporation

  HMC734LP5E Datasheet HTML 1Page - Hittite Microwave Corporation HMC734LP5E Datasheet HTML 2Page - Hittite Microwave Corporation HMC734LP5E Datasheet HTML 3Page - Hittite Microwave Corporation HMC734LP5E Datasheet HTML 4Page - Hittite Microwave Corporation HMC734LP5E Datasheet HTML 5Page - Hittite Microwave Corporation HMC734LP5E Datasheet HTML 6Page - Hittite Microwave Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
For price, delivery and to place orders: Hittite Microwave Corporation, 20 Alpha Road, Chelmsford, MA 01824
Phone: 978-250-3343
Fax: 978-250-3373
Order On-line at www.hittite.com
Application Support: Phone: 978-250-3343 or apps@hittite.com
8
8 - 4
Absolute Maximum Ratings
Vcc(Dig), Vcc(Amp), Vcc(RF)
+5.5 Vdc
Vtune
0 to +15V
Junction Temperature
135 °C
Continuous Pdiss (T=85 °C)
(derate 25.3 mW/C above 85 °C
1.3 W
Thermal Resistance
(junction to ground paddle)
39.5 °C/W
Storage Temperature
-65 to +150 °C
Operating Temperature
-40 to +85 °C
Typical Supply Current vs. Vcc
Note: VCO will operate over full voltage range shown above.
Vcc (V)
Icc (mA)
4.75
198
5.00
218
5.25
237
ELECTROSTATIC SENSITIVE DEVICE
OBSERVE HANDLING PRECAUTIONS
HMC734LP5 / 734LP5E
v03.0609
MMIC VCO w/ DIVIDE-BY-4
8.6 - 10.2 GHz
Pin Number
Function
Description
Interface Schematic
1 - 3, 7 - 10,
12 - 17, 20,
22 - 28, 30 - 32
N/C
No Connection. These pins may be connected to RF/
DC ground. Performance will not be affected.
4
RFOUT/4
Divide-by-4 output. DC block required.
6
Vcc (Dig)
Supply voltage for prescaler. If prescaler is not
required, this pin may be left open to conserve
approximately 100 mA of current.
19
RFOUT
RF output (AC coupled).
21
Vcc (RF)
Supply Voltage, +5V
29
VTUNE
Control voltage and modulation input. Modulation
bandwidth dependent on drive source impedance.
See “Determining the FM Bandwidth of a Wideband
Varactor Tuned VCO” application note.
5, 11, 18,
Paddle
GND
Package bottom has an exposed metal paddle that
must be connected to RF/DC ground.
Pin Descriptions


Similar Part No. - HMC734LP5E

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC734LP5E HITTITE-HMC734LP5E Datasheet
262Kb / 6P
   MMIC VCO w/ DIVIDE-BY-4 8.6 - 10.2 GHz
More results

Similar Description - HMC734LP5E

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC734LP5 HITTITE-HMC734LP5 Datasheet
262Kb / 6P
   MMIC VCO w/ DIVIDE-BY-4 8.6 - 10.2 GHz
HMC735LP5 HITTITE-HMC735LP5 Datasheet
259Kb / 6P
   MMIC VCO w/ DIVIDE-BY-4 10.5 - 12.2 GHz
HMC735LP5 HITTITE-HMC735LP5_10 Datasheet
438Kb / 6P
   MMIC VCO w/ DIVIDE-BY-4 10.5 - 12.2 GHz
logo
Analog Devices
HMC533LP4 AD-HMC533LP4 Datasheet
348Kb / 6P
   MMIC VCO w/ DIVIDE-BY-16
logo
Hittite Microwave Corpo...
HMC533LP4 HITTITE-HMC533LP4 Datasheet
353Kb / 8P
   MMIC VCO w/ DIVIDE-BY-16, 23.8 - 24.8 GHz
HMC533LP4 HITTITE-HMC533LP4_09 Datasheet
245Kb / 6P
   MMIC VCO w/ DIVIDE-BY-16, 23.8 - 24.8 GHz
HMC529LP5 HITTITE-HMC529LP5_11 Datasheet
439Kb / 6P
   MMIC VCO w/ HALF FREQUENCY OUTPUT & DIVIDE-BY-4, 12.4 - 13.4 GHz
HMC583LP5 HITTITE-HMC583LP5 Datasheet
323Kb / 8P
   MMIC VCO w/ HALF FREQUENCY OUTPUT & DIVIDE-BY-4, 11.5 - 12.8 GHz
logo
Analog Devices
HMC514LP5 AD-HMC514LP5 Datasheet
398Kb / 6P
   MMIC VCO w/ HALF FREQUENCY OUTPUT & DIVIDE-BY-4, 11.17 - 12.02 GHz
logo
Hittite Microwave Corpo...
HMC530LP5 HITTITE-HMC530LP5 Datasheet
320Kb / 8P
   MMIC VCO w/ HALF FREQUENCY OUTPUT & DIVIDE-BY-4, 9.5 - 10.8 GHz
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com