Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HMC736LP4 Datasheet(PDF) 6 Page - Hittite Microwave Corporation

Part # HMC736LP4
Description  MMIC VCO w/ HALF FREQUENCY OUTPUT
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

HMC736LP4 Datasheet(HTML) 6 Page - Hittite Microwave Corporation

  HMC736LP4_10 Datasheet HTML 1Page - Hittite Microwave Corporation HMC736LP4_10 Datasheet HTML 2Page - Hittite Microwave Corporation HMC736LP4_10 Datasheet HTML 3Page - Hittite Microwave Corporation HMC736LP4_10 Datasheet HTML 4Page - Hittite Microwave Corporation HMC736LP4_10 Datasheet HTML 5Page - Hittite Microwave Corporation HMC736LP4_10 Datasheet HTML 6Page - Hittite Microwave Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
For price, delivery and to place orders: Hittite Microwave Corporation, 20 Alpha Road, Chelmsford, MA 01824
Phone: 978-250-3343
Fax: 978-250-3373
Order On-line at www.hittite.com
Application Support: Phone: 978-250-3343 or apps@hittite.com
8
8 - 6
The circuit board used in the application should
use RF circuit design techniques. Signal lines
should have 50 Ohm impedance while the package
ground leads and backside ground paddle should
be connected directly to the ground plane similar to
that shown. A sufficient number of via holes should
be used to connect the top and bottom ground
planes. The evaluation circuit board shown is avail-
able from Hittite upon request.
Evaluation PCB
List of Materials for Evaluation PCB 123987 [1]
Item
Description
J1 - J3
PCB Mount SMA RF Connector
J4
2 mm DC Header
C1, C2
100 pF Capacitor, 0402 Pkg.
C3
4.7 µF Tantalum Capacitor
U1
HMC736LP4(E) VCO
PCB [2]
124532 Eval Board
[1] Reference this number when ordering complete evaluation PCB
[2] Circuit Board Material: Arlon 25FR or Rogers 4350
HMC736LP4 / 736LP4E
v01.0209
MMIC VCO w/ HALF FREQUENCY OUTPUT
14.5 - 15.0 GHz


Similar Part No. - HMC736LP4_10

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC736LP4E HITTITE-HMC736LP4E Datasheet
221Kb / 6P
   MMIC VCO w/ HALF FREQUENCY OUTPUT 14.5 - 15.0 GHz
More results

Similar Description - HMC736LP4_10

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC737LP4 HITTITE-HMC737LP4_10 Datasheet
374Kb / 6P
   MMIC VCO w/ HALF FREQUENCY OUTPUT
logo
Analog Devices
HMC529LP5 AD-HMC529LP5 Datasheet
376Kb / 6P
   MMIC VCO w/ HALF FREQUENCY OUTPUT
HMC583LP5 AD-HMC583LP5 Datasheet
368Kb / 6P
   MMIC VCO w/ HALF FREQUENCY OUTPUT
HMC584LP5 AD-HMC584LP5 Datasheet
391Kb / 6P
   MMIC VCO w/ HALF FREQUENCY OUTPUT
logo
Hittite Microwave Corpo...
HMC507LP5 HITTITE-HMC507LP5 Datasheet
369Kb / 6P
   MMIC VCO w/ HALF FREQUENCY OUTPUT 6.65 - 7.65 GHz
HMC736LP4 HITTITE-HMC736LP4 Datasheet
221Kb / 6P
   MMIC VCO w/ HALF FREQUENCY OUTPUT 14.5 - 15.0 GHz
HMC507LP5 HITTITE-HMC507LP5_11 Datasheet
454Kb / 6P
   MMIC VCO w/ HALF FREQUENCY OUTPUT 6.65 - 7.65 GHz
HMC511LP5 HITTITE-HMC511LP5 Datasheet
356Kb / 6P
   MMIC VCO w/ HALF FREQUENCY OUTPUT 9.05 - 10.15 GHz
HMC737LP4 HITTITE-HMC737LP4 Datasheet
213Kb / 6P
   MMIC VCO w/ HALF FREQUENCY OUTPUT 14.9 - 15.5 GHz
HMC511LP5 HITTITE-HMC511LP5_11 Datasheet
442Kb / 6P
   MMIC VCO w/ HALF FREQUENCY OUTPUT 9.05 - 10.15 GHz
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com