Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HMC733LC4B Datasheet(PDF) 3 Page - Hittite Microwave Corporation

Part # HMC733LC4B
Description  WIDEBAND MMIC VCO w/ BUFFER AMPLIFIER, 10 - 20 GHz
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

HMC733LC4B Datasheet(HTML) 3 Page - Hittite Microwave Corporation

  HMC733LC4B_11 Datasheet HTML 1Page - Hittite Microwave Corporation HMC733LC4B_11 Datasheet HTML 2Page - Hittite Microwave Corporation HMC733LC4B_11 Datasheet HTML 3Page - Hittite Microwave Corporation HMC733LC4B_11 Datasheet HTML 4Page - Hittite Microwave Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
For price, delivery and to place orders: Hittite Microwave Corporation, 20 Alpha Road, Chelmsford, MA 01824
Phone: 978-250-3343
Fax: 978-250-3373
Order On-line at www.hittite.com
Application Support: Phone: 978-250-3343 or apps@hittite.com
8
8 - 3
Pin Number
Function
Description
Interface Schematic
1 - 3, 5 - 11,
13, 17 - 24
N/C
No Connection. These pins may be connected to RF/DC
ground. Performance will not be affected.
4
Vtune
Control Voltage and Modulation Input. Modulation
bandwidth dependent on drive source impedance.
Pin Descriptions
Absolute Maximum Ratings
Reliability Information
Outline Drawing
Vcc
+5.5 Vdc
Vtune
-1.0 to +25V
Storage Temperature
-65 to +150 °C
ESD Sensitivity (HBM)
Class 1A
Junction Temperature To Maintain
1 Million Hour MTTF
135 °C
Nominal Junction Temperature
(T = 85 °C)
119 °C
Thermal Resistance
(Junction to GND paddle, 5V supply)
97 °C/W
Operating Temperature
-40 °C to +85 °C
NOTES:
1. PACKAGE BODY MATERIAL: ALUMINA
2. LEAD AND GROUND PADDLE PLATING: GOLD FLASH OVER Ni.
3. DIMENSIONS ARE IN INCHES [MILLIMETERS].
4. LEAD SPACING TOLERANCE IS NON-CUMULATIVE.
5. PACKAGE WARP SHALL NOT EXCEED 0.05mm DATUM -C-
6. ALL GROUND LEADS AND GROUND PADDLE MUST BE SOLDERED
TO PCB RF GROUND.
ELECTROSTATIC SENSITIVE DEVICE
OBSERVE HANDLING PRECAUTIONS
HMC733LC4B
v03.0411
WIDEBAND MMIC VCO w/ BUFFER
AMPLIFIER, 10 - 20 GHz
Supply Current vs. Vcc, T = +25 °C
50
55
60
65
70
75
80
-1
1
3
5
7
9
11
13
15
17
19
21
23
25
4.75V
5.00V
5.25V
TUNING VOLTAGE (V)


Similar Part No. - HMC733LC4B_11

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC733LC4B HITTITE-HMC733LC4B Datasheet
454Kb / 4P
   WIDEBAND MMIC VCO w/ BUFFER AMPLIFIER, 10 - 20 GHz
logo
Analog Devices
HMC733LC4B AD-HMC733LC4B Datasheet
318Kb / 6P
   WIDEBAND MMIC VCO w/ BUFFER
More results

Similar Description - HMC733LC4B_11

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC733LC4B HITTITE-HMC733LC4B Datasheet
454Kb / 4P
   WIDEBAND MMIC VCO w/ BUFFER AMPLIFIER, 10 - 20 GHz
HMC587LC4B HITTITE-HMC587LC4B_10 Datasheet
156Kb / 4P
   WIDEBAND MMIC VCO w/ BUFFER AMPLIFIER, 5 - 10 GHz
HMC587LC4B HITTITE-HMC587LC4B Datasheet
222Kb / 6P
   WIDEBAND MMIC VCO w/ BUFFER AMPLIFIER, 5 - 10 GHz
HMC588LC4B HITTITE-HMC588LC4B Datasheet
261Kb / 6P
   WIDEBAND MMIC VCO w/ BUFFER AMPLIFIER, 8.0 - 12.5 GHz
HMC586LC4B HITTITE-HMC586LC4B Datasheet
202Kb / 6P
   WIDEBAND MMIC VCO w/ BUFFER AMPLIFIER, 4.0 - 8.0 GHz
HMC586LC4B HITTITE-HMC586LC4B_10 Datasheet
159Kb / 4P
   WIDEBAND MMIC VCO w/ BUFFER AMPLIFIER, 4 - 8 GHz
HMC732LC4B HITTITE-HMC732LC4B Datasheet
422Kb / 6P
   WIDEBAND MMIC VCO w/ BUFFER AMPLIFIER, 6 - 12 GHz
logo
Analog Devices
HMC733LC4B AD-HMC733LC4B Datasheet
318Kb / 6P
   WIDEBAND MMIC VCO w/ BUFFER
HMC586LC4B AD-HMC586LC4B Datasheet
280Kb / 6P
   WIDEBAND MMIC VCO w/ BUFFER
logo
Hittite Microwave Corpo...
HMC532LP4 HITTITE-HMC532LP4_09 Datasheet
202Kb / 4P
   MMIC VCO w/ BUFFER AMPLIFIER, 7.1 - 7.9 GHz
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com