Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HMC733LC4B Datasheet(PDF) 4 Page - Hittite Microwave Corporation

Part # HMC733LC4B
Description  WIDEBAND MMIC VCO w/ BUFFER AMPLIFIER, 10 - 20 GHz
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

HMC733LC4B Datasheet(HTML) 4 Page - Hittite Microwave Corporation

  HMC733LC4B_11 Datasheet HTML 1Page - Hittite Microwave Corporation HMC733LC4B_11 Datasheet HTML 2Page - Hittite Microwave Corporation HMC733LC4B_11 Datasheet HTML 3Page - Hittite Microwave Corporation HMC733LC4B_11 Datasheet HTML 4Page - Hittite Microwave Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
For price, delivery and to place orders: Hittite Microwave Corporation, 20 Alpha Road, Chelmsford, MA 01824
Phone: 978-250-3343
Fax: 978-250-3373
Order On-line at www.hittite.com
Application Support: Phone: 978-250-3343 or apps@hittite.com
8
8 - 4
Pin Number
Function
Description
Interface Schematic
12
Vcc
Supply Voltage Vcc= +5V
14, 16
GND
Package bottom has an exposed metal paddle that
must also be RF & DC grounded.
15
RFOUT
RF output (AC coupled)
Pin Descriptions (Continued)
The circuit board used in the application should
use RF circuit design techniques. Signal lines
should have 50 Ohm impedance while the package
ground leads and exposed ground paddle should
be connected directly to the ground plane similar
to that shown. A sufficient number of via holes
should be used to connect the top and bottom
ground planes. The evaluation circuit board shown
is available from Hittite upon request.
Evaluation PCB
List of Materials for Evaluation PCB 108648 [1]
Item
Description
J1
PCB Mount SMA RF Connector, Johnson
J2
PCB Mount SMA Connector, SRI
J3
DC Header
C1
1000 pF Capacitor, 0402 Pkg.
C2
4.7 µF Capacitor, Tantalum
U1
HMC733LC4B VCO
PCB [2]
108646 Eval Board
[1] Reference this number when ordering complete evaluation PCB
[2] Circuit Board Material: Rogers 4350
HMC733LC4B
v03.0411
WIDEBAND MMIC VCO w/ BUFFER
AMPLIFIER, 10 - 20 GHz


Similar Part No. - HMC733LC4B_11

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC733LC4B HITTITE-HMC733LC4B Datasheet
454Kb / 4P
WIDEBAND MMIC VCO w/ BUFFER AMPLIFIER, 10 - 20 GHz
logo
Analog Devices
HMC733LC4B AD-HMC733LC4B Datasheet
318Kb / 6P
WIDEBAND MMIC VCO w/ BUFFER
More results

Similar Description - HMC733LC4B_11

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC733LC4B HITTITE-HMC733LC4B Datasheet
454Kb / 4P
WIDEBAND MMIC VCO w/ BUFFER AMPLIFIER, 10 - 20 GHz
HMC587LC4B HITTITE-HMC587LC4B_10 Datasheet
156Kb / 4P
WIDEBAND MMIC VCO w/ BUFFER AMPLIFIER, 5 - 10 GHz
HMC587LC4B HITTITE-HMC587LC4B Datasheet
222Kb / 6P
WIDEBAND MMIC VCO w/ BUFFER AMPLIFIER, 5 - 10 GHz
HMC588LC4B HITTITE-HMC588LC4B Datasheet
261Kb / 6P
WIDEBAND MMIC VCO w/ BUFFER AMPLIFIER, 8.0 - 12.5 GHz
HMC586LC4B HITTITE-HMC586LC4B Datasheet
202Kb / 6P
WIDEBAND MMIC VCO w/ BUFFER AMPLIFIER, 4.0 - 8.0 GHz
HMC586LC4B HITTITE-HMC586LC4B_10 Datasheet
159Kb / 4P
WIDEBAND MMIC VCO w/ BUFFER AMPLIFIER, 4 - 8 GHz
HMC732LC4B HITTITE-HMC732LC4B Datasheet
422Kb / 6P
WIDEBAND MMIC VCO w/ BUFFER AMPLIFIER, 6 - 12 GHz
logo
Analog Devices
HMC733LC4B AD-HMC733LC4B Datasheet
318Kb / 6P
WIDEBAND MMIC VCO w/ BUFFER
HMC586LC4B AD-HMC586LC4B Datasheet
280Kb / 6P
WIDEBAND MMIC VCO w/ BUFFER
logo
Hittite Microwave Corpo...
HMC532LP4 HITTITE-HMC532LP4_09 Datasheet
202Kb / 4P
MMIC VCO w/ BUFFER AMPLIFIER, 7.1 - 7.9 GHz
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com