Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HMC732LC4B Datasheet(PDF) 2 Page - Hittite Microwave Corporation

Part # HMC732LC4B
Description  WIDEBAND MMIC VCO w/ BUFFER AMPLIFIER, 6 - 12 GHz
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

HMC732LC4B Datasheet(HTML) 2 Page - Hittite Microwave Corporation

  HMC732LC4B Datasheet HTML 1Page - Hittite Microwave Corporation HMC732LC4B Datasheet HTML 2Page - Hittite Microwave Corporation HMC732LC4B Datasheet HTML 3Page - Hittite Microwave Corporation HMC732LC4B Datasheet HTML 4Page - Hittite Microwave Corporation HMC732LC4B Datasheet HTML 5Page - Hittite Microwave Corporation HMC732LC4B Datasheet HTML 6Page - Hittite Microwave Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
For price, delivery and to place orders: Hittite Microwave Corporation, 20 Alpha Road, Chelmsford, MA 01824
Phone: 978-250-3343
Fax: 978-250-3373
Order On-line at www.hittite.com
Application Support: Phone: 978-250-3343 or apps@hittite.com
8
8 - 2
Frequency vs. Tuning Voltage, Vcc = +5V
Sensitivity vs. Tuning Voltage, Vcc = +5V
Typical SSB Phase Noise @ Vtune = +5V
SSB Phase Noise vs. Tuning Voltage
Output Power vs.
Tuning Voltage, Vcc = +5V
Frequency vs. Tuning Voltage, T = +25 °C
HMC732LC4B
v00.0410
WIDEBAND MMIC VCO w/ BUFFER
AMPLIFIER, 6 - 12 GHz
5
6
7
8
9
10
11
12
13
14
15
0
5
10
15
20
25
+25C
+85C
-40C
TUNING VOLTAGE (Vdc)
100
150
200
250
300
350
400
450
500
0
5
10
15
20
25
+25C
+85C
-40C
TUNING VOLTAGE (Vdc)
-140
-120
-100
-80
-60
-40
-20
0
5
10
15
20
25
10 kHz
100 kHz
1 MHz
TUNING VOLTAGE (Vdc)
5
6
7
8
9
10
11
12
13
14
15
0
5
10
15
20
25
4.75V
5.00V
5.25V
TUNING VOLTAGE (Vdc)
-4
-2
0
2
4
6
8
0
5
10
15
20
25
+25C
+85C
-40C
TUNING VOTLAGE (Vdc)
-150
-130
-110
-90
-70
-50
-30
-10
1e+3
1e+4
1e+5
1e+6
1e+7
+ 25C
+ 85C
- 40C
OFFSET FREQUENCY (Hz)


Similar Part No. - HMC732LC4B

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC733LC4B HITTITE-HMC733LC4B Datasheet
454Kb / 4P
   WIDEBAND MMIC VCO w/ BUFFER AMPLIFIER, 10 - 20 GHz
HMC733LC4B HITTITE-HMC733LC4B Datasheet
362Kb / 4P
   WIDEBAND MMIC VCO w/ BUFFER AMPLIFIER, 10 - 20 GHz
logo
Analog Devices
HMC733LC4B AD-HMC733LC4B Datasheet
318Kb / 6P
   WIDEBAND MMIC VCO w/ BUFFER
logo
Hittite Microwave Corpo...
HMC733LC4B HITTITE-HMC733LC4B_11 Datasheet
362Kb / 4P
   WIDEBAND MMIC VCO w/ BUFFER AMPLIFIER, 10 - 20 GHz
HMC734LP5 HITTITE-HMC734LP5 Datasheet
262Kb / 6P
   MMIC VCO w/ DIVIDE-BY-4 8.6 - 10.2 GHz
More results

Similar Description - HMC732LC4B

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC588LC4B HITTITE-HMC588LC4B Datasheet
261Kb / 6P
   WIDEBAND MMIC VCO w/ BUFFER AMPLIFIER, 8.0 - 12.5 GHz
HMC587LC4B HITTITE-HMC587LC4B_10 Datasheet
156Kb / 4P
   WIDEBAND MMIC VCO w/ BUFFER AMPLIFIER, 5 - 10 GHz
HMC733LC4B HITTITE-HMC733LC4B Datasheet
454Kb / 4P
   WIDEBAND MMIC VCO w/ BUFFER AMPLIFIER, 10 - 20 GHz
HMC586LC4B HITTITE-HMC586LC4B Datasheet
202Kb / 6P
   WIDEBAND MMIC VCO w/ BUFFER AMPLIFIER, 4.0 - 8.0 GHz
HMC587LC4B HITTITE-HMC587LC4B Datasheet
222Kb / 6P
   WIDEBAND MMIC VCO w/ BUFFER AMPLIFIER, 5 - 10 GHz
HMC586LC4B HITTITE-HMC586LC4B_10 Datasheet
159Kb / 4P
   WIDEBAND MMIC VCO w/ BUFFER AMPLIFIER, 4 - 8 GHz
HMC733LC4B HITTITE-HMC733LC4B_11 Datasheet
362Kb / 4P
   WIDEBAND MMIC VCO w/ BUFFER AMPLIFIER, 10 - 20 GHz
logo
Analog Devices
HMC733LC4B AD-HMC733LC4B Datasheet
318Kb / 6P
   WIDEBAND MMIC VCO w/ BUFFER
HMC586LC4B AD-HMC586LC4B Datasheet
280Kb / 6P
   WIDEBAND MMIC VCO w/ BUFFER
logo
RF Micro Devices
RFVC1800 RFMD-RFVC1800 Datasheet
953Kb / 6P
   WIDEBAND MMIC VCO WITH BUFFER AMPLIFIER, 8 GHz to 12 GHz
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com