Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RDK-IDM Datasheet(PDF) 3 Page - Texas Instruments

Part # RDK-IDM
Description  Ethernet-Enabled Intelligent Display Modules (IDMs)
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

RDK-IDM Datasheet(HTML) 3 Page - Texas Instruments

  RDK-IDM Datasheet HTML 1Page - Texas Instruments RDK-IDM Datasheet HTML 2Page - Texas Instruments RDK-IDM Datasheet HTML 3Page - Texas Instruments RDK-IDM Datasheet HTML 4Page - Texas Instruments RDK-IDM Datasheet HTML 5Page - Texas Instruments RDK-IDM Datasheet HTML 6Page - Texas Instruments RDK-IDM Datasheet HTML 7Page - Texas Instruments RDK-IDM Datasheet HTML 8Page - Texas Instruments RDK-IDM Datasheet HTML 9Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
Ethernet-Enabled Intelligent Display Modules (IDMs)
3
BOARD
DA T A
SHEET
– microSD slot (typically 1 GB storage)
Power-supply options
– Power over Ethernet (IEEE 802.3af-compliant)
– 24 V DC power jack (PoE-equipped modules only)
– 5 V DC terminals (all modules)
Peripherals
– Four analog measurement inputs
– One relay output (1 form C/SPDT contact)
Software
– Example applications included
– Supports development tools from Keil, IAR, Code Sourcery, and Code Red
Technologies
– Stellaris Graphics Library
Module Block Diagram
Figure 2 shows the block diagram for the MDL-IDM and MDL-IDM28.
Figure 2. Intelligent Display Module Block Diagram
LCD
Driver
Stellaris
LM3S6918
Microcontroller
PoE Controller
Relay
RS232
10/100
Ethernet
Speaker
QVGA
LCD
Panel
1GB
microSD
3.3V
Regulator
Serial
Analog
+5V
4 x ADC
24Vdc Jack
+3.3V
SPCO
Analog touch signals
+5V
Data
Ctrl
PoE Components (not included in MDL-IDM28)


Similar Part No. - RDK-IDM

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
RDK-IDM-L35 ETC2-RDK-IDM-L35 Datasheet
347Kb / 8P
   Intelligent Display Module with
logo
Texas Instruments
RDK-IDM-L35 TI-RDK-IDM-L35 Datasheet
441Kb / 8P
[Old version datasheet]   Intelligent Display Module with 3.5" Landscape Display
More results

Similar Description - RDK-IDM

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
ADAM-4501 ADVANTECH-ADAM-4501 Datasheet
554Kb / 1P
   Ethernet-enabled Communication Controller
logo
Texas Instruments
TPS65180 TI1-TPS65180_16 Datasheet
1Mb / 54P
[Old version datasheet]   Enabled Electronic Paper Display
logo
Systemsensor advanced i...
M502M SYSTEMSENSOR-M502M Datasheet
394Kb / 2P
   Intelligent Modules
logo
Texas Instruments
TPS65182 TI1-TPS65182_16 Datasheet
1Mb / 32P
[Old version datasheet]   Enabled Electronic Paper Display
logo
Mitsubishi Electric Sem...
PM50B5L1C060 MITSUBISHI-PM50B5L1C060 Datasheet
349Kb / 12P
   INTELLIGENT POWER MODULES
PM75B5L1C060 MITSUBISHI-PM75B5L1C060 Datasheet
345Kb / 12P
   INTELLIGENT POWER MODULES
PM10CNJ060 MITSUBISHI-PM10CNJ060 Datasheet
100Kb / 6P
   INTELLIGENT POWER MODULES
PM50RLA060 MITSUBISHI-PM50RLA060 Datasheet
100Kb / 6P
   INTELLIGENT POWER MODULES
PM75CLA120 MITSUBISHI-PM75CLA120 Datasheet
95Kb / 6P
   INTELLIGENT POWER MODULES
PM75RSE120 MITSUBISHI-PM75RSE120 Datasheet
131Kb / 6P
   INTELLIGENT POWER MODULES
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com