Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RDK-IDM Datasheet(PDF) 2 Page - Texas Instruments

Part # RDK-IDM
Description  Ethernet-Enabled Intelligent Display Modules (IDMs)
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

RDK-IDM Datasheet(HTML) 2 Page - Texas Instruments

  RDK-IDM Datasheet HTML 1Page - Texas Instruments RDK-IDM Datasheet HTML 2Page - Texas Instruments RDK-IDM Datasheet HTML 3Page - Texas Instruments RDK-IDM Datasheet HTML 4Page - Texas Instruments RDK-IDM Datasheet HTML 5Page - Texas Instruments RDK-IDM Datasheet HTML 6Page - Texas Instruments RDK-IDM Datasheet HTML 7Page - Texas Instruments RDK-IDM Datasheet HTML 8Page - Texas Instruments RDK-IDM Datasheet HTML 9Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
Ethernet-Enabled Intelligent Display Modules (IDMs)
2
BOARD
DA T A
SHEET
10/100 Ethernet connects the MDL-IDM and MDL-IDM28 to an array of networks—from
dedicated industrial networks to the internet. The example application includes source code
for an embedded web server.
Development of software for the IDM modules is simplified by using the comprehensive
Stellaris graphics library and ARM development tools from our tools partners. First-time
users should purchase the RDK-IDM Reference Design Kit which includes the touch panel
module, a documentation CD, power supply, and cables.
Refer to the RDK-IDM Quickstart Guide and RDK-IDM User’s Manual for complete
technical details on using and customizing the Intelligent Display Module.
Feature Summary
Highlighted capabilities of the MDL-IDM and MDL-IDM28 modules include:
Bright QVGA LCD Display with touch
Ethernet and serial connectivity
Easy to customize – full source code and design files included
Flexible power supply options
Compact size simplifies system integration
Features
The MDL-IDM and MDL-IDM28 provide the following features:
LCD display
– 2.8” QVGA 240 x 320 pixels
–16-bit color
– White LED backlight
– 4-wire resistive touch panel
10/100 Ethernet
– Auto MDI/MDIX
– Traffic/Link indicator LED
Serial communications
– Header provides TXD and RXD signals
– RS232 signal levels
– Default 115.2k,8,n,1 operation
Stellaris® microcontroller
– 32-bit ARM® Cortex™-M3
– 50 MHz operation
Memory
– 256 KB main flash memory
– 64 KB SRAM
– 168 KB image RAM


Similar Part No. - RDK-IDM

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
RDK-IDM-L35 ETC2-RDK-IDM-L35 Datasheet
347Kb / 8P
   Intelligent Display Module with
logo
Texas Instruments
RDK-IDM-L35 TI-RDK-IDM-L35 Datasheet
441Kb / 8P
[Old version datasheet]   Intelligent Display Module with 3.5" Landscape Display
More results

Similar Description - RDK-IDM

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
ADAM-4501 ADVANTECH-ADAM-4501 Datasheet
554Kb / 1P
   Ethernet-enabled Communication Controller
logo
Texas Instruments
TPS65180 TI1-TPS65180_16 Datasheet
1Mb / 54P
[Old version datasheet]   Enabled Electronic Paper Display
logo
Systemsensor advanced i...
M502M SYSTEMSENSOR-M502M Datasheet
394Kb / 2P
   Intelligent Modules
logo
Texas Instruments
TPS65182 TI1-TPS65182_16 Datasheet
1Mb / 32P
[Old version datasheet]   Enabled Electronic Paper Display
logo
Mitsubishi Electric Sem...
PM50B5L1C060 MITSUBISHI-PM50B5L1C060 Datasheet
349Kb / 12P
   INTELLIGENT POWER MODULES
PM75B5L1C060 MITSUBISHI-PM75B5L1C060 Datasheet
345Kb / 12P
   INTELLIGENT POWER MODULES
PM10CNJ060 MITSUBISHI-PM10CNJ060 Datasheet
100Kb / 6P
   INTELLIGENT POWER MODULES
PM50RLA060 MITSUBISHI-PM50RLA060 Datasheet
100Kb / 6P
   INTELLIGENT POWER MODULES
PM75CLA120 MITSUBISHI-PM75CLA120 Datasheet
95Kb / 6P
   INTELLIGENT POWER MODULES
PM75RSE120 MITSUBISHI-PM75RSE120 Datasheet
131Kb / 6P
   INTELLIGENT POWER MODULES
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com