Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RDK-IDM Datasheet(PDF) 5 Page - Texas Instruments

Part # RDK-IDM
Description  Ethernet-Enabled Intelligent Display Modules (IDMs)
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

RDK-IDM Datasheet(HTML) 5 Page - Texas Instruments

  RDK-IDM Datasheet HTML 1Page - Texas Instruments RDK-IDM Datasheet HTML 2Page - Texas Instruments RDK-IDM Datasheet HTML 3Page - Texas Instruments RDK-IDM Datasheet HTML 4Page - Texas Instruments RDK-IDM Datasheet HTML 5Page - Texas Instruments RDK-IDM Datasheet HTML 6Page - Texas Instruments RDK-IDM Datasheet HTML 7Page - Texas Instruments RDK-IDM Datasheet HTML 8Page - Texas Instruments RDK-IDM Datasheet HTML 9Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
Ethernet-Enabled Intelligent Display Modules (IDMs)
5
BOARD
DA T A
SHEET
Power over Ethernet (PoE)
The MDL-IDM identifies itself as a Class 1 Powered Device. The IEEE 802.af specification
defines Class 1 devices as those that draw between 0.44 W and 3.84 W.
If a PoE-equipped network switch or hub is not available, the MDL-IDM may be powered
either from a 24 Vdc power source or from a 5 Vdc power source. In all cases, the power
supply must be regulated within the electrical limits listed in the specification table.
When powered using PoE or a 24 V supply, the MDL-IDM is able to supply 5 V power to
external devices such as sensors or signal conditioning circuits.
Wiring
In many applications, only a single RJ45 cable is required for MDL-IDM and MDL-IDM28
operation. Figure 3 shows all possible electrical connections, including RS232, analog
inputs, and relay contacts. The actual functionality of the peripheral connections is
determined by the application software.
Figure 3. Connection Diagram
Software Development
The MDL-IDM and MDL-IDM28 modules ship with a factory-programmed example
application. This application must be replaced with a program specific to the end product.
Development requires the use of a compiler capable of generating code for an
ARM® Cortex™-M3 processor. Visit www.luminarymicro.com to download evaluation
versions of suitable development tools.
10/100
Ethernet
1GB
24Vdc (opt)
SD Card
COM
1
2
3
NC
NO
AIN0
1
2
3
4
5
6
Relay
Contacts
Analog
Inputs
AIN1
AIN2
AIN3
GND
+5.0V
+24V
GND
GND
RXD
TXD
1
RS232
2
3
+5V Input
(MDL-IDM28)


Similar Part No. - RDK-IDM

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
RDK-IDM-L35 ETC2-RDK-IDM-L35 Datasheet
347Kb / 8P
   Intelligent Display Module with
logo
Texas Instruments
RDK-IDM-L35 TI-RDK-IDM-L35 Datasheet
441Kb / 8P
[Old version datasheet]   Intelligent Display Module with 3.5" Landscape Display
More results

Similar Description - RDK-IDM

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
ADAM-4501 ADVANTECH-ADAM-4501 Datasheet
554Kb / 1P
   Ethernet-enabled Communication Controller
logo
Texas Instruments
TPS65180 TI1-TPS65180_16 Datasheet
1Mb / 54P
[Old version datasheet]   Enabled Electronic Paper Display
logo
Systemsensor advanced i...
M502M SYSTEMSENSOR-M502M Datasheet
394Kb / 2P
   Intelligent Modules
logo
Texas Instruments
TPS65182 TI1-TPS65182_16 Datasheet
1Mb / 32P
[Old version datasheet]   Enabled Electronic Paper Display
logo
Mitsubishi Electric Sem...
PM50B5L1C060 MITSUBISHI-PM50B5L1C060 Datasheet
349Kb / 12P
   INTELLIGENT POWER MODULES
PM75B5L1C060 MITSUBISHI-PM75B5L1C060 Datasheet
345Kb / 12P
   INTELLIGENT POWER MODULES
PM10CNJ060 MITSUBISHI-PM10CNJ060 Datasheet
100Kb / 6P
   INTELLIGENT POWER MODULES
PM50RLA060 MITSUBISHI-PM50RLA060 Datasheet
100Kb / 6P
   INTELLIGENT POWER MODULES
PM75CLA120 MITSUBISHI-PM75CLA120 Datasheet
95Kb / 6P
   INTELLIGENT POWER MODULES
PM75RSE120 MITSUBISHI-PM75RSE120 Datasheet
131Kb / 6P
   INTELLIGENT POWER MODULES
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com