Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RDK-IDM Datasheet(PDF) 4 Page - Texas Instruments

Part # RDK-IDM
Description  Ethernet-Enabled Intelligent Display Modules (IDMs)
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

RDK-IDM Datasheet(HTML) 4 Page - Texas Instruments

  RDK-IDM Datasheet HTML 1Page - Texas Instruments RDK-IDM Datasheet HTML 2Page - Texas Instruments RDK-IDM Datasheet HTML 3Page - Texas Instruments RDK-IDM Datasheet HTML 4Page - Texas Instruments RDK-IDM Datasheet HTML 5Page - Texas Instruments RDK-IDM Datasheet HTML 6Page - Texas Instruments RDK-IDM Datasheet HTML 7Page - Texas Instruments RDK-IDM Datasheet HTML 8Page - Texas Instruments RDK-IDM Datasheet HTML 9Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
Ethernet-Enabled Intelligent Display Modules (IDMs)
4
BOARD
DA T A
SHEET
Operational Specifications
Table 1 shows the operating parameters for the MDL-IDM and MDL-IDM28.
Table 1.
Operating Specifications
Parameter Name
Min
Nom
Max
Unit
Power Supply
PoE Supply Voltage (MDL-IDM only)
38
48
55
V DC
PoE Supply Current (MDL-IDM only)
21
mA
DC Jack Supply Voltage (alternative to PoE on
MDL-IDM)
20
24
55
V DC
DC Jack Supply Current (MDL-IDM only)
42
mA
Terminal Block Supply Voltage (alternative to PoE)
4.5
5
5.5
V DC
Terminal Block Supply Current
200
300
mA
PoE Isolation Voltage (MDL-IDM only)
250
V DC
Auxiliary Power Output (PoE modules only)
Terminal Block Output Voltage
4.75
5.0
5.25
V
Terminal Block Output Current
100
mA
Environment
Operating Temperature Range
-20
+50
°C
Storage Temperature Range
-30
+70
°C
Display
Brightness
210
220
Cd/m2
View Angle (V)
-10
+35
deg
View Angle (H)
-45
+45
deg
Contrast Ratio
––––
Peripherals
Analog Input Range
0
3
V DC
Analog Input – Electrical Limits
-0.3
3.3
V DC
Relay Contact Voltage
60
V DC
Relay Contact Current
250
mA
RS232
Data Rate
120
Kbps
Transmitter Voltage Swing
±5.0
±5.4
Vdc
Input Threshold Low
0.6
1.2
Input Threshold High
1.5
2.4


Similar Part No. - RDK-IDM

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
RDK-IDM-L35 ETC2-RDK-IDM-L35 Datasheet
347Kb / 8P
   Intelligent Display Module with
logo
Texas Instruments
RDK-IDM-L35 TI-RDK-IDM-L35 Datasheet
441Kb / 8P
[Old version datasheet]   Intelligent Display Module with 3.5" Landscape Display
More results

Similar Description - RDK-IDM

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
ADAM-4501 ADVANTECH-ADAM-4501 Datasheet
554Kb / 1P
   Ethernet-enabled Communication Controller
logo
Texas Instruments
TPS65180 TI1-TPS65180_16 Datasheet
1Mb / 54P
[Old version datasheet]   Enabled Electronic Paper Display
logo
Systemsensor advanced i...
M502M SYSTEMSENSOR-M502M Datasheet
394Kb / 2P
   Intelligent Modules
logo
Texas Instruments
TPS65182 TI1-TPS65182_16 Datasheet
1Mb / 32P
[Old version datasheet]   Enabled Electronic Paper Display
logo
Mitsubishi Electric Sem...
PM50B5L1C060 MITSUBISHI-PM50B5L1C060 Datasheet
349Kb / 12P
   INTELLIGENT POWER MODULES
PM75B5L1C060 MITSUBISHI-PM75B5L1C060 Datasheet
345Kb / 12P
   INTELLIGENT POWER MODULES
PM10CNJ060 MITSUBISHI-PM10CNJ060 Datasheet
100Kb / 6P
   INTELLIGENT POWER MODULES
PM50RLA060 MITSUBISHI-PM50RLA060 Datasheet
100Kb / 6P
   INTELLIGENT POWER MODULES
PM75CLA120 MITSUBISHI-PM75CLA120 Datasheet
95Kb / 6P
   INTELLIGENT POWER MODULES
PM75RSE120 MITSUBISHI-PM75RSE120 Datasheet
131Kb / 6P
   INTELLIGENT POWER MODULES
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com