Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MDL-IDM-L35 Datasheet(PDF) 3 Page - Texas Instruments

Part # MDL-IDM-L35
Description  Intelligent Display Module with 3.5" Landscape Display
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

MDL-IDM-L35 Datasheet(HTML) 3 Page - Texas Instruments

  MDL-IDM-L35 Datasheet HTML 1Page - Texas Instruments MDL-IDM-L35 Datasheet HTML 2Page - Texas Instruments MDL-IDM-L35 Datasheet HTML 3Page - Texas Instruments MDL-IDM-L35 Datasheet HTML 4Page - Texas Instruments MDL-IDM-L35 Datasheet HTML 5Page - Texas Instruments MDL-IDM-L35 Datasheet HTML 6Page - Texas Instruments MDL-IDM-L35 Datasheet HTML 7Page - Texas Instruments MDL-IDM-L35 Datasheet HTML 8Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
Intelligent Display Module with 3.5" Landscape Display
3
BOARD
DA T A
SHEET
Module Block Diagram
Figure 2 shows the block diagram for the MDL-IDM-L35.
Figure 2. Block Diagram
Operational Specifications
Table 1 shows the operating parameters for the MDL-IDM-L35.
Table 1.
Operating Specifications
Parameter Name
Min
Nom
Max
Unit
Power Supply Connection Options
DC Jack J7
4.5
5
5.5
V DC
Terminal Block J1
Serial Header J8
Required Supply Current
300
mA
Environment
Operating Temperature Range
-20
+50
°C
Storage Temperature Range
-30
+70
°C
QVGA
3.5" LCD
Panel
LCD
Driver
Stellaris
LM3S1958
Microcontroller
Speaker
microSD
card
microSD
RS232
Serial
Analog
5 V
ADC (4)
Analog touch signals
3.3V
Regulator
3.3V
5V
5V DC Jack
Data
Ctrl
Digital I/O (4)
ESD Protected
ESD Protected
Digital I /O (8)
Digital I /O (4)
Serial Header


Similar Part No. - MDL-IDM-L35

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MDL-IDM-L35 ETC2-MDL-IDM-L35 Datasheet
347Kb / 8P
Intelligent Display Module with
MDL-IDM-L35-B ETC2-MDL-IDM-L35-B Datasheet
347Kb / 8P
Intelligent Display Module with
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com